Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL5300IU-T7 Datasheet(PDF) 1 Page - Intersil Corporation

Part # EL5300IU-T7
Description  200MHz Slew Enhanced VFA
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5300IU-T7 Datasheet(HTML) 1 Page - Intersil Corporation

  EL5300IU-T7 Datasheet HTML 1Page - Intersil Corporation EL5300IU-T7 Datasheet HTML 2Page - Intersil Corporation EL5300IU-T7 Datasheet HTML 3Page - Intersil Corporation EL5300IU-T7 Datasheet HTML 4Page - Intersil Corporation EL5300IU-T7 Datasheet HTML 5Page - Intersil Corporation EL5300IU-T7 Datasheet HTML 6Page - Intersil Corporation EL5300IU-T7 Datasheet HTML 7Page - Intersil Corporation EL5300IU-T7 Datasheet HTML 8Page - Intersil Corporation EL5300IU-T7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
®
FN7330.2
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2004, 2006. All Rights Reserved.
All other trademarks mentioned are the property of their respective owners.
EL5100, EL5101, EL5300
200MHz Slew Enhanced VFA
The EL5100, EL5101, and EL5300 represent high-speed
voltage feedback amplifiers based on the current feedback
amplifier architecture. This gives the typical high slew rate
benefits of a CFA family along with the stability and ease of
use associated with the VFA type architecture. This family is
available in single, dual, and triple versions, with 200MHz,
400MHz, and 700MHz versions. This family operates on
single 5V or ±5V supplies from minimum supply current. The
EL5100 and EL5300 also feature an output enable function,
which can be used to put the output in to a high-impedance
mode. This enables the outputs of multiple amplifiers to be
tied together for use in multiplexing applications.
Features
• Pb-free plus anneal available (RoHS compliant)
• Specified for 5V or ±5V applications
• Power-down to 17µA/amplifier
• -3dB bandwidth = 200MHz
• ±0.1dB bandwidth = 20MHz
• Low supply current = 2.5mA
• Slew rate = 2200V/µs
• Low offset voltage = 4mV max
• Output current = 100mA
•AVOL = 1000
• Diff gain/phase = 0.08%/0.1°
Applications
• Video amplifiers
• PCMCIA applications
•A/D drivers
• Line drivers
• Portable computers
• High speed communications
• RGB applications
• Broadcast equipment
• Active filtering
Data Sheet
April 24, 2006


Similar Part No. - EL5300IU-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5300IU-T7 INTERSIL-EL5300IU-T7 Datasheet
333Kb / 11P
   200MHz Slew Enhanced VFA
EL5300IU-T7 INTERSIL-EL5300IU-T7 Datasheet
346Kb / 15P
   200MHz Slew Enhanced VFA
logo
Renesas Technology Corp
EL5300IU-T7 RENESAS-EL5300IU-T7 Datasheet
750Kb / 15P
   200MHz Slew Enhanced VFA
More results

Similar Description - EL5300IU-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5100 INTERSIL-EL5100_07 Datasheet
346Kb / 15P
   200MHz Slew Enhanced VFA
logo
Renesas Technology Corp
EL5100 RENESAS-EL5100 Datasheet
750Kb / 15P
   200MHz Slew Enhanced VFA
logo
Intersil Corporation
EL5100 INTERSIL-EL5100 Datasheet
333Kb / 11P
   200MHz Slew Enhanced VFA
EL5104 INTERSIL-EL5104 Datasheet
2Mb / 17P
   700MHz Slew Enhanced VFA
logo
Renesas Technology Corp
EL5104 RENESAS-EL5104 Datasheet
1Mb / 18P
   700MHz Slew-Enhanced VFAs
logo
Intersil Corporation
EL5104 INTERSIL-EL5104_07 Datasheet
2Mb / 17P
   700MHz Slew-Enhanced VFAs
EL5102 INTERSIL-EL5102 Datasheet
1Mb / 12P
   400MHz Slew Enhanced VFAs
logo
Renesas Technology Corp
EL5202 RENESAS-EL5202 Datasheet
1Mb / 14P
   400MHz Slew Enhanced VFAs
January 17, 2014
logo
Intersil Corporation
EL5102 INTERSIL-EL5102_06 Datasheet
1Mb / 17P
   400MHz Slew Enhanced VFAs
EL5103 INTERSIL-EL5103 Datasheet
1,018Kb / 12P
   400MHz Slew Enhanced VFAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com