Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL5370IUZ Datasheet(PDF) 4 Page - Intersil Corporation

Part # EL5370IUZ
Description  100MHz Differential Twisted-Pair Drivers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5370IUZ Datasheet(HTML) 4 Page - Intersil Corporation

  EL5370IUZ Datasheet HTML 1Page - Intersil Corporation EL5370IUZ Datasheet HTML 2Page - Intersil Corporation EL5370IUZ Datasheet HTML 3Page - Intersil Corporation EL5370IUZ Datasheet HTML 4Page - Intersil Corporation EL5370IUZ Datasheet HTML 5Page - Intersil Corporation EL5370IUZ Datasheet HTML 6Page - Intersil Corporation EL5370IUZ Datasheet HTML 7Page - Intersil Corporation EL5370IUZ Datasheet HTML 8Page - Intersil Corporation EL5370IUZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4
FN7309.6
April 24, 2006
CMRR
Input Common Mode Rejection Ratio
VIN = ±2.5V
65
84
dB
OUTPUT CHARACTERISTICS
VOUT
Positive Output Voltage Swing
RLD = 200Ω
3.3
3.6
V
Negative Output Voltage Swing
-3.3
-3
V
IOUT(Max)
Maximum Output Current
RL = 10Ω (EL5170)
±50
±80
mA
RL = 10Ω (EL5370)
±70
±85
mA
ROUT
Output Impedance
60
m
SUPPLY
VSUPPLY
Supply Operating Range
VS+ to VS-4.75
11
V
IS(ON)
Power Supply Current - Per channel
6
7.4
8.4
mA
IS(OFF)+
Positive Power Supply Current - Disabled EN pin tied to 4.8V (EL5170)
60
80
100
µA
IS(OFF)-
Negative Power Supply Current -
Disabled
-150
-120
-90
µA
IS(OFF)+
Positive Power Supply Current - Disabled EN pin tied to 4.8V (EL5370)
0.5
2
5
µA
IS(OFF)-
Negative Power Supply Current -
Disabled
-150
-120
-90
µA
PSRR
Power Supply Rejection Ratio
VS from ±4.5V to ±5.5V (EL5170)
70
83
dB
VS from ±4.5V to ±5.5V (EL5370)
65
83
dB
ENABLE
tEN
Enable Time
200
ns
tDS
Disable Time
1µs
VIH
EN Pin Voltage for Power-up
VS+ -
1.5
V
VIL
EN Pin Voltage for Shut-down
VS+ -
0.5
V
IIH-EN
EN Pin Input Current High - per channel
At VEN = 5V
40
50
µA
IIL-EN
EN Pin Input Current Low - per channel
At VEN = 0V
-6
-3
µA
Electrical Specifications
VS+ = +5V, VS- = -5V, TA = 25°C, VIN = 0V, AV = 2, RLD = 200Ω, CLD = 1pF, unless otherwise specified.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
Pin Descriptions
EL5170
EL5370
PIN NAME
PIN FUNCTION
1
2, 6, 10
IN+, INP1, 2, 3
Non-inverting inputs
21
EN
Enable
3
3, 7, 11
IN-, INN1, 2, 3
Inverting inputs
4
4, 8, 12
REF1, 2, 3
Reference input, sets common-mode output voltage
5
14, 17, 23
OUT-, OUT1B, 2B, 3B Inverting outputs
6
21
VS+, VSP
Positive supply
7
20
VS-, VSN
Negative supply
8
15, 18, 24
OUT+, OUT1, 2, 3
Non-inverting outputs
5, 9, 13, 16, 19, 22
NC
No connects, grounded for best crosstalk performance
EL5170, EL5370


Similar Part No. - EL5370IUZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5370IUZ INTERSIL-EL5370IUZ Datasheet
311Kb / 15P
   100MHz Differential Twisted-Pair Drivers
EL5370IUZ INTERSIL-EL5370IUZ Datasheet
395Kb / 14P
   100MHz Differential Twisted-Pair Drivers
logo
Renesas Technology Corp
EL5370IUZ RENESAS-EL5370IUZ Datasheet
720Kb / 14P
   100MHz Differential Twisted-Pair Drivers
logo
Intersil Corporation
EL5370IUZ-T13 INTERSIL-EL5370IUZ-T13 Datasheet
311Kb / 15P
   100MHz Differential Twisted-Pair Drivers
EL5370IUZ-T13 INTERSIL-EL5370IUZ-T13 Datasheet
395Kb / 14P
   100MHz Differential Twisted-Pair Drivers
More results

Similar Description - EL5370IUZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5170 INTERSIL-EL5170 Datasheet
395Kb / 14P
   100MHz Differential Twisted-Pair Drivers
logo
Renesas Technology Corp
EL5170 RENESAS-EL5170 Datasheet
720Kb / 14P
   100MHz Differential Twisted-Pair Drivers
logo
Intersil Corporation
EL5170 INTERSIL-EL5170_07 Datasheet
311Kb / 15P
   100MHz Differential Twisted-Pair Drivers
EL5173 INTERSIL-EL5173_06 Datasheet
694Kb / 14P
   450MHz Differential Twisted-Pair Drivers
EL5173 INTERSIL-EL5173_08 Datasheet
371Kb / 15P
   450MHz Differential Twisted-Pair Drivers
logo
Renesas Technology Corp
EL5171 RENESAS-EL5171 Datasheet
751Kb / 15P
   250MHz Differential Twisted-Pair Drivers
EL5178 RENESAS-EL5178 Datasheet
1Mb / 18P
   700MHz Differential Twisted-Pair Drivers
logo
Intersil Corporation
EL5171 INTERSIL-EL5171 Datasheet
533Kb / 14P
   250MHz Differential Twisted-Pair Drivers
logo
Renesas Technology Corp
EL5173 RENESAS-EL5173 Datasheet
793Kb / 15P
   450MHz Differential Twisted-Pair Drivers
logo
Intersil Corporation
EL5178 INTERSIL-EL5178 Datasheet
826Kb / 17P
   700MHz Differential Twisted-Pair Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com