Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL7583IREZ-T13 Datasheet(PDF) 2 Page - Intersil Corporation

Part # EL7583IREZ-T13
Description  3-Channel DC/DC Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL7583IREZ-T13 Datasheet(HTML) 2 Page - Intersil Corporation

  EL7583IREZ-T13 Datasheet HTML 1Page - Intersil Corporation EL7583IREZ-T13 Datasheet HTML 2Page - Intersil Corporation EL7583IREZ-T13 Datasheet HTML 3Page - Intersil Corporation EL7583IREZ-T13 Datasheet HTML 4Page - Intersil Corporation EL7583IREZ-T13 Datasheet HTML 5Page - Intersil Corporation EL7583IREZ-T13 Datasheet HTML 6Page - Intersil Corporation EL7583IREZ-T13 Datasheet HTML 7Page - Intersil Corporation EL7583IREZ-T13 Datasheet HTML 8Page - Intersil Corporation EL7583IREZ-T13 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
FN7335.5
May 12, 2006
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typ values are for information purposes only. Unless otherwise noted, all tests are
at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Absolute Maximum Ratings (TA = 25°C)
VIN Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .14V
VDDB, VDDP, VDDN . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .18V
LX Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .18V
Maximum Continuous Output Current . . . . . . . . . . . . . . . . . . . . 0.5A
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . -65°C to +150°C
Die Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . 125°C
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . See Curves
Operating Ambient Temperature . . . . . . . . . . . . . . . . -40°C to +85°C
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Electrical Specifications
VIN = 3.3V, VBOOST = 12V, ROSC = 100kΩ, TA = 25°C Unless Otherwise Specified
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
DC/DC BOOST CONVERTER
IQ1_B
Quiescent Current - Shut-down
ENBN = ENP = 0V
0.8
10
µA
IQ2_B
Quiescent Current - Switching
ENBN = VDDB
4.8
8
mA
V(FBB)
Feedback Voltage
1.275
1.300
1.325
V
VREF
Reference Voltage
1.260
1.310
1.360
V
VROSC
Oscillator Set Voltage
1.260
1.325
1.390
V
I(FBB)
Feedback Input Bias Current
0.1
µA
VDDB
Boost Converter Supply Range
2.7
17
V
DMAX
Maximum Duty Cycle
85
92
%
I(LX)MAX
Peak Internal FET Current
1.75
A
RDS-ON
Switch On Resistance
at VBOOST = 10V, I(LX) total = 350mA
0.22
ILEAK-SWITCH
Switch Leakage Current
I(LX) total
1
µA
VBOOST
Output Range
VBOOST > VIN + VDIODE
517
V
∆VBOOST/∆VIN Line Regulation
2.7V < VIN < 13.2V, VBOOST = 15V
0.1
%
∆VBOOST/∆IO1 Load Regulation
50mA < IO1 < 250mA
0.5
%
FOSC-RANGE
Frequency Range
ROSC range = 240kΩ to 60kΩ
200
1000
kHz
FOSC1
Switching Frequency
ROSC = 100kΩ
620
680
750
kHz
POSITIVE REGULATED CHARGE PUMP (VON)
Most positive VON output depends on the magnitude of the VDDP input voltage (normally connected to VBOOST) and the external component
configuration (doubler or tripler)
VDDP
Supply Input for Positive Charge Pump
Usually connected to VBOOST output
5
17
V
IQ1(VDDP)
Quiescent Current - Shut-down
ENP = 0V
11.5
20
µA
IQ2(VDDP)
Quiescent Current - Switching
ENBN = ENP = VDDB
2.3
5
mA
V(FBP)
Feedback Reference Voltage
1.245
1.310
1.375
V
I(FBP)
Feedback Input Bias Current
0.1
µA
I(DRVP)
RMS DRVP Output Current
VDDP = 12V
60
mA
VDDP = 6V
15
mA
ILR_VON
Load Regulation
5mA < IL < 15mA
-0.5
0.03
0.5
%/mA
FPUMP
Charge Pump Frequency
Frequency set by ROSC - see boost section
0.5*FOSC
EL7583


Similar Part No. - EL7583IREZ-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7583IREZ-T13 INTERSIL-EL7583IREZ-T13 Datasheet
526Kb / 16P
   3-Channel DC/DC Converter
EL7583IREZ-T13 INTERSIL-EL7583IREZ-T13 Datasheet
526Kb / 16P
   3-Channel DC/DC Converter
May 12, 2006
logo
Renesas Technology Corp
EL7583IREZ-T13 RENESAS-EL7583IREZ-T13 Datasheet
822Kb / 16P
   3-Channel DC/DC Converter
More results

Similar Description - EL7583IREZ-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7583IR INTERSIL-EL7583IR Datasheet
526Kb / 16P
   3-Channel DC/DC Converter
logo
Renesas Technology Corp
EL7583 RENESAS-EL7583 Datasheet
822Kb / 16P
   3-Channel DC/DC Converter
logo
Intersil Corporation
EL7581 INTERSIL-EL7581 Datasheet
839Kb / 17P
   3-Channel DC-DC Converter
EL7583IR INTERSIL-EL7583IR Datasheet
526Kb / 16P
   3-Channel DC/DC Converter
May 12, 2006
logo
Renesas Technology Corp
EL7581 RENESAS-EL7581 Datasheet
813Kb / 17P
   3-Channel DC/DC Converter
logo
Intersil Corporation
EL7581 INTERSIL-EL7581_06 Datasheet
505Kb / 17P
   3-Channel DC/DC Converter
EL7583 INTERSIL-EL7583 Datasheet
778Kb / 15P
   3-Channel DC-DC Converter
logo
Advanced Analogic Techn...
AAT2785 ANALOGICTECH-AAT2785 Datasheet
635Kb / 22P
   3-Channel Step-Down DC/DC Converter
AAT2784 ANALOGICTECH-AAT2784 Datasheet
693Kb / 21P
   3-Channel Step-Down DC/DC Converter
logo
List of Unclassifed Man...
VKC03-24D05 ETC-VKC03-24D05 Datasheet
91Kb / 2P
   3 WATTS DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com