Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL7583IREZ-T13 Datasheet(PDF) 8 Page - Intersil Corporation

Part # EL7583IREZ-T13
Description  3-Channel DC/DC Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL7583IREZ-T13 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button EL7583IREZ-T13 Datasheet HTML 4Page - Intersil Corporation EL7583IREZ-T13 Datasheet HTML 5Page - Intersil Corporation EL7583IREZ-T13 Datasheet HTML 6Page - Intersil Corporation EL7583IREZ-T13 Datasheet HTML 7Page - Intersil Corporation EL7583IREZ-T13 Datasheet HTML 8Page - Intersil Corporation EL7583IREZ-T13 Datasheet HTML 9Page - Intersil Corporation EL7583IREZ-T13 Datasheet HTML 10Page - Intersil Corporation EL7583IREZ-T13 Datasheet HTML 11Page - Intersil Corporation EL7583IREZ-T13 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
FN7335.5
May 12, 2006
Functional Block Diagram
FIGURE 19. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
FIGURE 20. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
Typical Performance Curves (Continued)
3.5
3
2.5
1.5
1
0.5
0
0
25
50
75
100
150
AMBIENT TEMPERATURE (°C)
2.857W
θJA=35°C/W
HTSSOP20
125
85
2
JEDEC JESD51-7 HIGH EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD
HTSSOP EXPOSED DIEPAD SOLDERED TO PCB
PER JESD51-5
1.111W
θJA=90°C/W
TSSOP20
1
0.9
0.6
0.4
0.3
0.2
0.1
0
0
25
50
75
100
150
AMBIENT TEMPERATURE (°C)
85
0.8
0.5
0.7
125
800mW
θJA = 125°C/W
HTSSOP20
JEDEC JESD51-3 LOW EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD
714mW
θJA=140°C/W
TSSOP20
START-UP
OSCILLATOR
-
+
ILOUT
PWM
LOGIC
ROSC
ENBN
FBB
VDDB
LX
VSSB
PGND
SS
MAX_DUTY
VREF
VRAMP
R2
R1
VOUT
10µH
VIN
0.22
160m
7.2K
12µA
PWM
COMPARATOR
REFERENCE
GENERATOR
R3
62k
0.1µF
10µF
10µF
13k
110k
49
0.1µF
EL7583


Similar Part No. - EL7583IREZ-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7583IREZ-T13 INTERSIL-EL7583IREZ-T13 Datasheet
526Kb / 16P
   3-Channel DC/DC Converter
EL7583IREZ-T13 INTERSIL-EL7583IREZ-T13 Datasheet
526Kb / 16P
   3-Channel DC/DC Converter
May 12, 2006
logo
Renesas Technology Corp
EL7583IREZ-T13 RENESAS-EL7583IREZ-T13 Datasheet
822Kb / 16P
   3-Channel DC/DC Converter
More results

Similar Description - EL7583IREZ-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7583IR INTERSIL-EL7583IR Datasheet
526Kb / 16P
   3-Channel DC/DC Converter
logo
Renesas Technology Corp
EL7583 RENESAS-EL7583 Datasheet
822Kb / 16P
   3-Channel DC/DC Converter
logo
Intersil Corporation
EL7581 INTERSIL-EL7581 Datasheet
839Kb / 17P
   3-Channel DC-DC Converter
EL7583IR INTERSIL-EL7583IR Datasheet
526Kb / 16P
   3-Channel DC/DC Converter
May 12, 2006
logo
Renesas Technology Corp
EL7581 RENESAS-EL7581 Datasheet
813Kb / 17P
   3-Channel DC/DC Converter
logo
Intersil Corporation
EL7581 INTERSIL-EL7581_06 Datasheet
505Kb / 17P
   3-Channel DC/DC Converter
EL7583 INTERSIL-EL7583 Datasheet
778Kb / 15P
   3-Channel DC-DC Converter
logo
Advanced Analogic Techn...
AAT2785 ANALOGICTECH-AAT2785 Datasheet
635Kb / 22P
   3-Channel Step-Down DC/DC Converter
AAT2784 ANALOGICTECH-AAT2784 Datasheet
693Kb / 21P
   3-Channel Step-Down DC/DC Converter
logo
List of Unclassifed Man...
VKC03-24D05 ETC-VKC03-24D05 Datasheet
91Kb / 2P
   3 WATTS DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com