Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL5370IU Datasheet(PDF) 2 Page - Intersil Corporation

Part # EL5370IU
Description  100MHz Differential Twisted-Pair Drivers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5370IU Datasheet(HTML) 2 Page - Intersil Corporation

  EL5370IU Datasheet HTML 1Page - Intersil Corporation EL5370IU Datasheet HTML 2Page - Intersil Corporation EL5370IU Datasheet HTML 3Page - Intersil Corporation EL5370IU Datasheet HTML 4Page - Intersil Corporation EL5370IU Datasheet HTML 5Page - Intersil Corporation EL5370IU Datasheet HTML 6Page - Intersil Corporation EL5370IU Datasheet HTML 7Page - Intersil Corporation EL5370IU Datasheet HTML 8Page - Intersil Corporation EL5370IU Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
FN7309.6
April 24, 2006
Ordering Information
PART NUMBER
PART MARKING
TAPE & REEL
PACKAGE
PKG. DWG. #
EL5170IS
5170IS
-
8 Ld SO
MDP0027
EL5170IS-T7
5170IS
7”
8 Ld SO
MDP0027
EL5170IS-T13
5170IS
13”
8 Ld SO
MDP0027
EL5170ISZ (See Note)
5170ISZ
-
8 Ld SO (Pb-Free)
MDP0027
EL5170ISZ-T7 (See Note)
5170ISZ
7”
8 Ld SO (Pb-Free)
MDP0027
EL5170ISZ-T13 (See Note)
5170ISZ
13”
8 Ld SO (Pb-Free)
MDP0027
EL5170IY
g
-
8 Ld MSOP
MDP0043
EL5170IY-T7
g
7”
8 Ld MSOP
MDP0043
EL5170IY-T13
g
13”
8 Ld MSOP
MDP0043
EL5170IYZ (See Note)
BAAVA
-
8 Ld MSOP (Pb-Free)
MDP0043
EL5170IYZ-T7 (See Note)
BAAVA
7”
8 Ld MSOP (Pb-Free)
MDP0043
EL5170IYZ-T13 (See Note)
BAAVA
13”
8 Ld MSOP (Pb-Free)
MDP0043
EL5370IU
EL5370IU
-
24 Ld QSOP
MDP0040
EL5370IU-T7
EL5370IU
7”
24 Ld QSOP
MDP0040
EL5370IU-T13
EL5370IU
13”
24 Ld QSOP
MDP0040
EL5370IUZ (See Note)
EL5370IUZ
-
24 Ld QSOP (Pb-Free)
MDP0040
EL5370IUZ-T7 (See Note)
EL5370IUZ
7”
24 Ld QSOP (Pb-Free)
MDP0040
EL5370IUZ-T13 (See Note)
EL5370IUZ
13”
24 Ld QSOP (Pb-Free)
MDP0040
NOTE: Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate
termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
EL5170, EL5370


Similar Part No. - EL5370IU

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5370IU INTERSIL-EL5370IU Datasheet
311Kb / 15P
   100MHz Differential Twisted-Pair Drivers
EL5370IU INTERSIL-EL5370IU Datasheet
395Kb / 14P
   100MHz Differential Twisted-Pair Drivers
EL5370IU-T13 INTERSIL-EL5370IU-T13 Datasheet
311Kb / 15P
   100MHz Differential Twisted-Pair Drivers
EL5370IU-T7 INTERSIL-EL5370IU-T7 Datasheet
311Kb / 15P
   100MHz Differential Twisted-Pair Drivers
EL5370IUZ INTERSIL-EL5370IUZ Datasheet
311Kb / 15P
   100MHz Differential Twisted-Pair Drivers
More results

Similar Description - EL5370IU

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5170 INTERSIL-EL5170 Datasheet
395Kb / 14P
   100MHz Differential Twisted-Pair Drivers
logo
Renesas Technology Corp
EL5170 RENESAS-EL5170 Datasheet
720Kb / 14P
   100MHz Differential Twisted-Pair Drivers
logo
Intersil Corporation
EL5170 INTERSIL-EL5170_07 Datasheet
311Kb / 15P
   100MHz Differential Twisted-Pair Drivers
EL5173 INTERSIL-EL5173_06 Datasheet
694Kb / 14P
   450MHz Differential Twisted-Pair Drivers
EL5173 INTERSIL-EL5173_08 Datasheet
371Kb / 15P
   450MHz Differential Twisted-Pair Drivers
logo
Renesas Technology Corp
EL5171 RENESAS-EL5171 Datasheet
751Kb / 15P
   250MHz Differential Twisted-Pair Drivers
EL5178 RENESAS-EL5178 Datasheet
1Mb / 18P
   700MHz Differential Twisted-Pair Drivers
logo
Intersil Corporation
EL5171 INTERSIL-EL5171 Datasheet
533Kb / 14P
   250MHz Differential Twisted-Pair Drivers
logo
Renesas Technology Corp
EL5173 RENESAS-EL5173 Datasheet
793Kb / 15P
   450MHz Differential Twisted-Pair Drivers
logo
Intersil Corporation
EL5178 INTERSIL-EL5178 Datasheet
826Kb / 17P
   700MHz Differential Twisted-Pair Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com