Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL5177IY-T7 Datasheet(PDF) 7 Page - Intersil Corporation

Part # EL5177IY-T7
Description  550MHz Differential Twisted-Pair Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5177IY-T7 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button EL5177IY-T7 Datasheet HTML 3Page - Intersil Corporation EL5177IY-T7 Datasheet HTML 4Page - Intersil Corporation EL5177IY-T7 Datasheet HTML 5Page - Intersil Corporation EL5177IY-T7 Datasheet HTML 6Page - Intersil Corporation EL5177IY-T7 Datasheet HTML 7Page - Intersil Corporation EL5177IY-T7 Datasheet HTML 8Page - Intersil Corporation EL5177IY-T7 Datasheet HTML 9Page - Intersil Corporation EL5177IY-T7 Datasheet HTML 10Page - Intersil Corporation EL5177IY-T7 Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
FN7344.3
August 8, 2005
FIGURE 17. SMALL SIGNAL TRANSIENT RESPONSE
FIGURE 18. LARGE SIGNAL TRANSIENT RESPONSE
FIGURE 19. ENABLED RESPONSE
FIGURE 20. DISABLED RESPONSE
FIGURE 21. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
FIGURE 22. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
Typical Performance Curves (Continued)
10ns/DIV
50mV/DIV
10ns/DIV
0.5V/DIV
CH1
CH2
400ns/DIV
M = 400ns, CH1 = 500mV/DIV, CH2 = 5V/DIV
CH1
CH2
400ns/DIV
M = 400ns, CH1 = 200mV/DIV, CH2 = 5V/DIV
JEDEC JESD51-3 LOW EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD
0.6
0.4
0.3
0.2
0.1
0
0
25
50
75
100
125
AMBIENT TEMPERATURE (°C)
85
486mW
θJA=206°C/W
MSOP8/10
0.5
JEDEC JESD51-7 HIGH EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD
1
0.9
0.6
0.4
0.3
0.2
0.1
0
0
25
50
75
100
125
AMBIENT TEMPERATURE (°C)
85
870mW
θJA=115°C/W
MSOP8/10
0.8
0.5
0.7
EL5177


Similar Part No. - EL5177IY-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5177IY-T7 INTERSIL-EL5177IY-T7 Datasheet
269Kb / 11P
   550MHz Differential Twisted-Pair Driver
More results

Similar Description - EL5177IY-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5177 INTERSIL-EL5177 Datasheet
441Kb / 11P
   550MHz Differential Twisted-Pair Driver
EL5177 INTERSIL-EL5177_07 Datasheet
269Kb / 11P
   550MHz Differential Twisted-Pair Driver
logo
Renesas Technology Corp
EL5177 RENESAS-EL5177 Datasheet
644Kb / 12P
   550MHz Differential Twisted-Pair Driver
logo
Intersil Corporation
EL5174 INTERSIL-EL5174 Datasheet
563Kb / 15P
   550MHz Differential Twisted-Pair Drivers
logo
Renesas Technology Corp
EL5174 RENESAS-EL5174 Datasheet
774Kb / 15P
   550MHz Differential Twisted-Pair Drivers
EL2141 RENESAS-EL2141 Datasheet
469Kb / 6P
   150MHz Differential Twisted Pair Driver
logo
Intersil Corporation
EL2141 INTERSIL-EL2141 Datasheet
270Kb / 6P
   150MHz Differential Twisted Pair Driver
logo
Renesas Technology Corp
EL5176 RENESAS-EL5176 Datasheet
634Kb / 12P
   250MHz Differential Twisted-Pair Driver
logo
Intersil Corporation
EL5176 INTERSIL-EL5176 Datasheet
360Kb / 11P
   250MHz Differential Twisted-Pair Driver
logo
Elantec Semiconductor
EL2140C ELANTEC-EL2140C Datasheet
219Kb / 12P
   150 MHz Differential Twisted Pair Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com