Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL1516IS-T7 Datasheet(PDF) 6 Page - Intersil Corporation

Part # EL1516IS-T7
Description  Dual Ultra Low Noise Amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL1516IS-T7 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button EL1516IS-T7 Datasheet HTML 2Page - Intersil Corporation EL1516IS-T7 Datasheet HTML 3Page - Intersil Corporation EL1516IS-T7 Datasheet HTML 4Page - Intersil Corporation EL1516IS-T7 Datasheet HTML 5Page - Intersil Corporation EL1516IS-T7 Datasheet HTML 6Page - Intersil Corporation EL1516IS-T7 Datasheet HTML 7Page - Intersil Corporation EL1516IS-T7 Datasheet HTML 8Page - Intersil Corporation EL1516IS-T7 Datasheet HTML 9Page - Intersil Corporation EL1516IS-T7 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
6
FN7328.1
October 19, 2006
FIGURE 3. NON-INVERTING FREQUENCY RESPONSE FOR
VARIOUS CL
FIGURE 4. NON-INVERTING FREQUENCY RESPONSE FOR
VARIOUS RL
FIGURE 5. NON-INVERTING FREQUENCY RESPONSE FOR
VARIOUS INPUT SIGNAL LEVELS
FIGURE 6. INVERTING FREQUENCY RESPONSE FOR
VARIOUS RF
FIGURE 7. INVERTING FREQUENCY RESPONSE (GAIN)
FIGURE 8. INVERTING FREQUENCY RESPONSE FOR
VARIOUS CL
Typical Performance Curves (Continued)
VS=±6V
AV=+2
RL=500Ω
RF=619Ω
CL=22pF
CL=12pF
CL=1pF
CL=0pF
1M
1G
10M
4
2
-6
FREQUENCY (Hz)
100M
-4
0
-2
CL=4.7pF
VS=±6V
AV=+2
RF=619Ω
RL=50Ω
RL=100Ω
RL=500Ω
1M
1G
10M
4
2
-6
FREQUENCY (Hz)
100M
-4
0
-2
VS=±6V
AV=+2
RL=500Ω
RF=348Ω
VIN=20mVPP
VIN=100mVPP
VIN=500mVPP
VIN=1VPP
VIN=2VPP
1M
1G
10M
4
2
-6
FREQUENCY (Hz)
100M
-4
0
-2
VS=±6V
AV=-1
RL=500Ω
RF=420Ω
RF=100Ω
RF=1kΩ
RF=620Ω
1M
1G
10M
4
2
-6
FREQUENCY (Hz)
100M
-4
0
-2
VS=±6V
RF=420Ω
RL=500Ω
AV=-10
AV=-1
AV=-5
AV=-2
1M
1G
10M
4
2
-6
FREQUENCY (Hz)
100M
-4
0
-2
VS=±6V
AV=-1
RL=500Ω
RF=420Ω
CL=18pF
CL=2pF
CL=12pF
1M
1G
10M
4
2
-6
FREQUENCY (Hz)
100M
-4
0
-2
EL1516, EL1516A


Similar Part No. - EL1516IS-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL1516IS-T7 INTERSIL-EL1516IS-T7 Datasheet
596Kb / 16P
   Dual Ultra Low Noise Amplifier
EL1516IS-T7 INTERSIL-EL1516IS-T7 Datasheet
361Kb / 17P
   Dual Ultra Low Noise Amplifier
logo
Renesas Technology Corp
EL1516IS-T7 RENESAS-EL1516IS-T7 Datasheet
972Kb / 17P
   Dual Ultra Low Noise Amplifier
More results

Similar Description - EL1516IS-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL1516 INTERSIL-EL1516_07 Datasheet
361Kb / 17P
   Dual Ultra Low Noise Amplifier
EL1516 INTERSIL-EL1516 Datasheet
596Kb / 16P
   Dual Ultra Low Noise Amplifier
logo
Renesas Technology Corp
EL1516 RENESAS-EL1516 Datasheet
972Kb / 17P
   Dual Ultra Low Noise Amplifier
logo
New Japan Radio
NJM2122 NJRC-NJM2122 Datasheet
271Kb / 6P
   ULTRA LOW NOISE DUAL OPERATIONAL AMPLIFIER
logo
NEC
UPC4570 NEC-UPC4570 Datasheet
342Kb / 12P
   DUAL ULTRA LOW-NOISE,WIDEBAND,OPERATIONAL AMPLIFIER
logo
Exar Corporation
CLC1002 EXAR-CLC1002 Datasheet
1Mb / 17P
   Ultra-Low Noise Amplifier
logo
Cadeka Microcircuits LL...
CLC1002 CADEKA-CLC1002 Datasheet
1Mb / 17P
   Ultra-Low Noise Amplifier
logo
Exar Corporation
CLC1001 EXAR-CLC1001 Datasheet
1Mb / 17P
   Ultra-Low Noise Amplifier
logo
Cadeka Microcircuits LL...
CLC1001 CADEKA-CLC1001 Datasheet
1Mb / 17P
   Ultra-Low Noise Amplifier
logo
National Semiconductor ...
LMH6624 NSC-LMH6624_05 Datasheet
1Mb / 19P
   Single/Dual Ultra Low Noise Wideband Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com