Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL5126CL Datasheet(PDF) 5 Page - Intersil Corporation

Part # EL5126CL
Description  8-Channel TFT-LCD Reference Voltage Generator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5126CL Datasheet(HTML) 5 Page - Intersil Corporation

  EL5126CL Datasheet HTML 1Page - Intersil Corporation EL5126CL Datasheet HTML 2Page - Intersil Corporation EL5126CL Datasheet HTML 3Page - Intersil Corporation EL5126CL Datasheet HTML 4Page - Intersil Corporation EL5126CL Datasheet HTML 5Page - Intersil Corporation EL5126CL Datasheet HTML 6Page - Intersil Corporation EL5126CL Datasheet HTML 7Page - Intersil Corporation EL5126CL Datasheet HTML 8Page - Intersil Corporation EL5126CL Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
General Description
The EL5126 provides a versatile method of providing the
reference voltages that are used in setting the transfer
characteristics of LCD display panels. The V/T
(Voltage/Transmission) curve of the LCD panel requires that
a correction is applied to make it linear; however, if the panel
is to be used in more than one application, the final curve
may differ for different applications. By using the EL5126,
the V/T curve can be changed to optimize its characteristics
according to the required application of the display product.
Each of the eight reference voltage outputs can be set with a
10-bit resolution. These outputs can be driven to within
50mV of the power rails of the EL5126. As all of the output
buffers are identical, it is also possible to use the EL5126 for
applications other than LCDs where multiple voltage
references are required that can be set to 10 bit accuracy.
Digital Interface
The EL5126 uses a simple two-wire I2C digital interface to
program the outputs. The bus line SCLK is the clock signal
line and bus SDA is the data information signal line. The
EL5126 can support the clock rate up to 400kHz. External
pull up resistor is required for each bus line. The typical
value for these two pull up resistor is about 1k
Ω.
START AND STOP CONDITION
The Start condition is a high to low transition on the SDA line
while SCLK is high. The Stop condition is a low to high
transition on the SDA line while SCLK is high. The start and
stop conditions are always generated by the master. The
bus is considered to be busy after the start condition and to
be free again a certain time after the stop condition. The two
bus lines must be high when the buses are not in use. The
I2C Timing Diagram 2 shows the format.
FIGURE 9. SMALL SIGNAL RESPONSE (FALLING FROM
200mV TO 0V)
FIGURE 10. POWER DISSIPATION vs AMBIENT
TEMPERATURE
FIGURE 11. POWER DISSIPATION vs AMBIENT TEMPERATURE
Typical Performance Curves (Continued)
SDA
OUTPUT
SCLK
M=400µs/DIV
JEDEC JESD51-7 HIGH EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD - LPP EXPOSED
DIEPAD SOLDERED TO PCB PER JESD51-5
3
2.5
2
1.5
1
0.5
0
0
255075
100
150
AMBIENT TEMPERATURE (°C)
2.857W
125
85
JEDEC JESD51-3 AND SEMI G42-88
(SINGLE LAYER) TEST BOARD
0.8
0.7
0.5
0.3
0.2
0.1
0
0
255075
100
150
AMBIENT TEMPERATURE (°C)
758mW
125
85
0.6
0.4
EL5126


Similar Part No. - EL5126CL

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5126CL INTERSIL-EL5126CL Datasheet
391Kb / 11P
   8-Channel TFT-LCD Reference Voltage Generator
logo
Renesas Technology Corp
EL5126CL RENESAS-EL5126CL Datasheet
697Kb / 12P
   8-Channel TFT-LCD Reference Voltage Generator
logo
Intersil Corporation
EL5126CL-T13 INTERSIL-EL5126CL-T13 Datasheet
391Kb / 11P
   8-Channel TFT-LCD Reference Voltage Generator
logo
Renesas Technology Corp
EL5126CL-T13 RENESAS-EL5126CL-T13 Datasheet
697Kb / 12P
   8-Channel TFT-LCD Reference Voltage Generator
logo
Intersil Corporation
EL5126CL-T7 INTERSIL-EL5126CL-T7 Datasheet
391Kb / 11P
   8-Channel TFT-LCD Reference Voltage Generator
More results

Similar Description - EL5126CL

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL5825C ELANTEC-EL5825C Datasheet
81Kb / 3P
   8-Channel TFT-LCD Reference Voltage Generator
logo
Renesas Technology Corp
EL5825 RENESAS-EL5825 Datasheet
803Kb / 12P
   8-Channel TFT-LCD Reference Voltage Generator
logo
Intersil Corporation
EL5126 INTERSIL-EL5126 Datasheet
391Kb / 11P
   8-Channel TFT-LCD Reference Voltage Generator
EL5825 INTERSIL-EL5825 Datasheet
638Kb / 12P
   8-Channel TFT-LCD Reference Voltage Generator
logo
Renesas Technology Corp
EL5126 RENESAS-EL5126 Datasheet
697Kb / 12P
   8-Channel TFT-LCD Reference Voltage Generator
EL5525 RENESAS-EL5525 Datasheet
734Kb / 10P
   18-Channel TFT-LCD Reference Voltage Generator
logo
Intersil Corporation
EL5225 INTERSIL-EL5225 Datasheet
859Kb / 12P
   10-Channel TFT-LCD Reference Voltage Generator
EL5325 INTERSIL-EL5325 Datasheet
775Kb / 11P
   12-Channel TFT-LCD Reference Voltage Generator
logo
Renesas Technology Corp
EL5225 RENESAS-EL5225 Datasheet
1Mb / 12P
   10-Channel TFT-LCD Reference Voltage Generator
logo
Intersil Corporation
EL5525 INTERSIL-EL5525 Datasheet
626Kb / 10P
   18-Channel TFT-LCD Reference Voltage Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com