Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL5371IUZ-T7 Datasheet(PDF) 5 Page - Intersil Corporation

Part # EL5371IUZ-T7
Description  250MHz Differential Twisted-Pair Drivers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5371IUZ-T7 Datasheet(HTML) 5 Page - Intersil Corporation

  EL5371IUZ-T7 Datasheet HTML 1Page - Intersil Corporation EL5371IUZ-T7 Datasheet HTML 2Page - Intersil Corporation EL5371IUZ-T7 Datasheet HTML 3Page - Intersil Corporation EL5371IUZ-T7 Datasheet HTML 4Page - Intersil Corporation EL5371IUZ-T7 Datasheet HTML 5Page - Intersil Corporation EL5371IUZ-T7 Datasheet HTML 6Page - Intersil Corporation EL5371IUZ-T7 Datasheet HTML 7Page - Intersil Corporation EL5371IUZ-T7 Datasheet HTML 8Page - Intersil Corporation EL5371IUZ-T7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
FN7307.6
October 30, 2006
Typical Performance Curves
FIGURE 1. FREQUENCY RESPONSE
FIGURE 2. FREQUENCY RESPONSE FOR VARIOUS GAIN
FIGURE 3. FREQUENCY RESPONSE vs RLD
FIGURE 4. FREQUENCY RESPONSE vs CLD
FIGURE 5. FREQUENCY RESPONSE
FIGURE 6. FREQUENCY RESPONSE vs RLD
4
3
1
0
-2
-3
-5
-6
10M
100M
1G
FREQUENCY (Hz)
-4
-1
2
1M
VOP-P = 200mV
VOP-P = 1VP-P
AV = 1, RLD = 1kΩ, CLD = 2.7pF
4
3
1
0
-2
-3
-5
-6
10M
100M
1G
FREQUENCY (Hz)
-4
-1
2
1M
AV = 1
AV = 2
AV = 5
AV = 10
RLD = 1kΩ, CLD = 2.7pF
4
3
1
0
-2
-3
-5
-6
10M
100M
1G
FREQUENCY (Hz)
-4
-1
2
1M
RLD = 1kΩ
RLD = 200Ω
RLD = 500Ω
AV = 1, CLD = 2.7pF
5
4
2
1
-1
-2
-4
-5
10M
100M
1G
FREQUENCY (Hz)
-3
0
3
1M
CLD = 56pF
CLD = 34pF
CLD = 23pF
CLD = 9pF
CLD = 2.7pF
AV = 1, RLD = 1kΩ
10
9
7
6
4
3
1
0
10M
100M
400M
FREQUENCY (Hz)
2
5
8
1M
RF = 1kΩ
RF = 200Ω
RF = 500Ω
AV = 2, RLD = 1kΩ, CLD = 2.7pF
10
9
7
6
4
3
1
0
10M
100M
400M
FREQUENCY (Hz)
2
5
8
1M
RLD = 1kΩ
RLD = 200Ω
RLD = 500Ω
AV = 2, RF = 1kΩ, CLD = 2.7pF
EL5171, EL5371


Similar Part No. - EL5371IUZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5371IUZ INTERSIL-EL5371IUZ Datasheet
533Kb / 14P
   250MHz Differential Twisted-Pair Drivers
logo
Renesas Technology Corp
EL5371IUZ RENESAS-EL5371IUZ Datasheet
751Kb / 15P
   250MHz Differential Twisted-Pair Drivers
More results

Similar Description - EL5371IUZ-T7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5171 RENESAS-EL5171 Datasheet
751Kb / 15P
   250MHz Differential Twisted-Pair Drivers
logo
Intersil Corporation
EL5171 INTERSIL-EL5171 Datasheet
533Kb / 14P
   250MHz Differential Twisted-Pair Drivers
EL5176 INTERSIL-EL5176 Datasheet
360Kb / 11P
   250MHz Differential Twisted-Pair Driver
logo
Renesas Technology Corp
EL5176 RENESAS-EL5176 Datasheet
634Kb / 12P
   250MHz Differential Twisted-Pair Driver
logo
Intersil Corporation
EL5173 INTERSIL-EL5173_06 Datasheet
694Kb / 14P
   450MHz Differential Twisted-Pair Drivers
EL5173 INTERSIL-EL5173_08 Datasheet
371Kb / 15P
   450MHz Differential Twisted-Pair Drivers
logo
Renesas Technology Corp
EL5178 RENESAS-EL5178 Datasheet
1Mb / 18P
   700MHz Differential Twisted-Pair Drivers
EL5173 RENESAS-EL5173 Datasheet
793Kb / 15P
   450MHz Differential Twisted-Pair Drivers
logo
Intersil Corporation
EL5178 INTERSIL-EL5178 Datasheet
826Kb / 17P
   700MHz Differential Twisted-Pair Drivers
EL5170 INTERSIL-EL5170_06 Datasheet
640Kb / 15P
   100MHz Differential Twisted-Pair Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com