Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL5100IS-T13 Datasheet(PDF) 6 Page - Intersil Corporation

Part # EL5100IS-T13
Description  200MHz Slew Enhanced VFA
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5100IS-T13 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button EL5100IS-T13 Datasheet HTML 2Page - Intersil Corporation EL5100IS-T13 Datasheet HTML 3Page - Intersil Corporation EL5100IS-T13 Datasheet HTML 4Page - Intersil Corporation EL5100IS-T13 Datasheet HTML 5Page - Intersil Corporation EL5100IS-T13 Datasheet HTML 6Page - Intersil Corporation EL5100IS-T13 Datasheet HTML 7Page - Intersil Corporation EL5100IS-T13 Datasheet HTML 8Page - Intersil Corporation EL5100IS-T13 Datasheet HTML 9Page - Intersil Corporation EL5100IS-T13 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
FN7330.2
FIGURE 11. OPEN LOOP GAIN AND PHASE vs FREQUENCY
FIGURE 12. ZOUT vs FREQUENCY
FIGURE 13. PSRR vs FREQUENCY
FIGURE 14. CMRR vs FREQUENCY
FIGURE 15. LARGE SIGNAL RISE TIME
FIGURE 16. LARGE SIGNAL FALL TIME
Typical Performance Curves (Continued)
90
70
50
30
10
100
80
60
40
20
500
10K
1M
500M
FREQUENCY (Hz)
100K
100M
10M
0
VS=±5V
1K
36
108
180
252
0
72
144
216
PHASE
GAIN
1
0.01
10K
100K
10M
100M
FREQUENCY (Hz)
1M
0.1
VS=±5V
AV=+1
10
0
-20
-40
-60
-80
10
-10
-30
-50
-70
10
100
100K
500M
FREQUENCY (Hz)
1K
100M
1M
-90
AV=+1
VS=±5V
RL=150Ω
+VS
-VS
10K
10M
-20
-40
-60
-80
-100
-10
-30
-50
-70
-90
1K
10K
1M
500M
FREQUENCY (Hz)
100K
100M
10M
-110
AV=+10
VS=±5V
TIME (2ns/DIV)
CH1
CH2
INPUT CH1
OUTPUT CH2
CH1=500mV/DIV 50
CH2=100mV/DIV 50
CH1 RISE
1.408ns
CH2 RISE
1.787ns
TIME (2ns/DIV)
CH1
CH2
INPUT CH1
OUTPUT CH2
CH1=500mV/DIV 50
CH2=100mV/DIV 50
CH1 FALL
1.103ns
CH2 FALL
1.549ns
EL5100, EL5101, EL5300


Similar Part No. - EL5100IS-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5100IS-T13 INTERSIL-EL5100IS-T13 Datasheet
333Kb / 11P
   200MHz Slew Enhanced VFA
EL5100IS-T13 INTERSIL-EL5100IS-T13 Datasheet
346Kb / 15P
   200MHz Slew Enhanced VFA
logo
Renesas Technology Corp
EL5100IS-T13 RENESAS-EL5100IS-T13 Datasheet
750Kb / 15P
   200MHz Slew Enhanced VFA
More results

Similar Description - EL5100IS-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5100 INTERSIL-EL5100_07 Datasheet
346Kb / 15P
   200MHz Slew Enhanced VFA
logo
Renesas Technology Corp
EL5100 RENESAS-EL5100 Datasheet
750Kb / 15P
   200MHz Slew Enhanced VFA
logo
Intersil Corporation
EL5100 INTERSIL-EL5100 Datasheet
333Kb / 11P
   200MHz Slew Enhanced VFA
EL5104 INTERSIL-EL5104 Datasheet
2Mb / 17P
   700MHz Slew Enhanced VFA
logo
Renesas Technology Corp
EL5104 RENESAS-EL5104 Datasheet
1Mb / 18P
   700MHz Slew-Enhanced VFAs
logo
Intersil Corporation
EL5104 INTERSIL-EL5104_07 Datasheet
2Mb / 17P
   700MHz Slew-Enhanced VFAs
EL5102 INTERSIL-EL5102 Datasheet
1Mb / 12P
   400MHz Slew Enhanced VFAs
logo
Renesas Technology Corp
EL5202 RENESAS-EL5202 Datasheet
1Mb / 14P
   400MHz Slew Enhanced VFAs
January 17, 2014
logo
Intersil Corporation
EL5102 INTERSIL-EL5102_06 Datasheet
1Mb / 17P
   400MHz Slew Enhanced VFAs
EL5103 INTERSIL-EL5103 Datasheet
1,018Kb / 12P
   400MHz Slew Enhanced VFAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com