Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL4543IL Datasheet(PDF) 1 Page - Intersil Corporation

Part # EL4543IL
Description  Triple Differential Twisted-Pair Driver with Common-Mode Sync Encoding
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL4543IL Datasheet(HTML) 1 Page - Intersil Corporation

  EL4543IL Datasheet HTML 1Page - Intersil Corporation EL4543IL Datasheet HTML 2Page - Intersil Corporation EL4543IL Datasheet HTML 3Page - Intersil Corporation EL4543IL Datasheet HTML 4Page - Intersil Corporation EL4543IL Datasheet HTML 5Page - Intersil Corporation EL4543IL Datasheet HTML 6Page - Intersil Corporation EL4543IL Datasheet HTML 7Page - Intersil Corporation EL4543IL Datasheet HTML 8Page - Intersil Corporation EL4543IL Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1
®
FN7325.9
EL4543
Triple Differential Twisted-Pair Driver with
Common-Mode Sync Encoding
The EL4543 is a high bandwidth triple differential amplifier
with integrated encoding of video sync signals. The inputs
are suitable for handling high speed video or other
communications signals in either single-ended or differential
form, and the common-mode input range extends all the way
to the negative rail enabling ground-referenced signalling in
single supply applications. The high bandwidth enables
differential signalling onto standard twisted-pair or coax with
very low harmonic distortion, while internal feedback
ensures balanced gain and phase at the outputs reducing
radiated EMI and harmonics.
Embedded logic encodes standard video horizontal and
vertical sync signals onto the common mode of the twisted
pair(s), transmitting this additional information without the
requirement for additional buffers or transmission lines. The
EL4543 enables significant system cost savings when
compared with discrete line driver alternatives.
The EL4543 is available in a 24 Ld QSOP package and is
specified for operation over the -40°C to +85°C temperature
range.
Features
• Fully differential inputs, outputs, and feedback
• 350MHz -3dB bandwidth
• 1200V/µs slew rate
• -75dB distortion at 5MHz
• Single 5V to 12V operation
• 50mA minimum output current
• Low power - 36mA total typical supply current
• Pb-free plus anneal available (RoHS compliant)
Applications
• Twisted-pair drivers
• Differential line drivers
• VGA over twisted-pair
• Transmission of analog signals in a noisy environment
TABLE 1. SYNC SIGNAL ENCODING
HV
COMMON
MODE A
(RED)
COMMON
MODE B
(GREEN)
COMMON
MODE C
(BLUE)
Low
High
3.0
2.0
2.5
Low
Low
2.5
3.0
2.0
High
Low
2.0
3.0
2.5
High
High
2.5
2.0
3.0
TABLE 2. INPUT LOGIC THRESHOLD (+5V SUPPLY)
VLO, max
0.8V
VHI, min
2V
Ordering Information
PART
NUMBER
PART
MARKING
TAPE &
REEL
PACKAGE
PKG.
DWG. #
EL4543IU
EL4543IU
-
24 Ld QSOP
MDP0040
EL4543IU-T7
EL4543IU
7”
24 Ld QSOP
MDP0040
EL4543IU-T13
EL4543IU
13”
24 Ld QSOP
MDP0040
EL4543IUZ
(See Note)
EL4543IUZ
-
24 Ld QSOP
(Pb-free)
MDP0040
EL4543IUZ-T7
(See Note)
EL4543IUZ
7”
24 Ld QSOP
(Pb-free)
MDP0040
EL4543IUZ-T13
(See Note)
EL4543IUZ
13”
24 Ld QSOP
(Pb-free)
MDP0040
EL4543IL
4543IL
-
20 Ld 4x4 QFN* MDP0046
EL4543IL-T7
4543IL
7”
20 Ld 4x4 QFN* MDP0046
EL4543IL-T13
4543IL
13”
20 Ld 4x4 QFN* MDP0046
EL4543ILZ
(See Note)
4543ILZ
-
20 Ld 4x4 QFN*
(Pb-free)
MDP0046
EL4543ILZ-T7
(See Note)
4543ILZ
7”
20 Ld 4x4 QFN*
(Pb-free)
MDP0046
EL4543ILZ-T13
(See Note)
4543ILZ
13”
20 Ld 4x4 QFN*
(Pb-free)
MDP0046
NOTE: Intersil Pb-free plus anneal products employ special Pb-free
material sets; molding compounds/die attach materials and 100% matte tin
plate termination finish, which are RoHS compliant and compatible with
both SnPb and Pb-free soldering operations. Intersil Pb-free products are
MSL classified at Pb-free peak reflow temperatures that meet or exceed
the Pb-free requirements of IPC/JEDEC J STD-020.
*20 Ld 4x4 QFN, exposed pad 2.7 x 2.7mm
Data Sheet
January 5, 2007
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2004-2007. All Rights Reserved.
All other trademarks mentioned are the property of their respective owners
.


Similar Part No. - EL4543IL

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL4543IL INTERSIL-EL4543IL Datasheet
844Kb / 16P
   Triple Differential Twisted-Pair Driver with Common-Mode Sync Encoding
EL4543IL INTERSIL-EL4543IL Datasheet
538Kb / 18P
   Triple Differential Twisted-Pair Driver with Common-Mode Sync Encoding
logo
Renesas Technology Corp
EL4543IL RENESAS-EL4543IL Datasheet
1,001Kb / 18P
   Triple Differential Twisted-Pair Driver with Common-Mode Sync Encoding
logo
Intersil Corporation
EL4543IL-T13 INTERSIL-EL4543IL-T13 Datasheet
844Kb / 16P
   Triple Differential Twisted-Pair Driver with Common-Mode Sync Encoding
EL4543IL-T13 INTERSIL-EL4543IL-T13 Datasheet
538Kb / 18P
   Triple Differential Twisted-Pair Driver with Common-Mode Sync Encoding
More results

Similar Description - EL4543IL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL4543 RENESAS-EL4543 Datasheet
1,001Kb / 18P
   Triple Differential Twisted-Pair Driver with Common-Mode Sync Encoding
logo
Intersil Corporation
EL4543 INTERSIL-EL4543 Datasheet
844Kb / 16P
   Triple Differential Twisted-Pair Driver with Common-Mode Sync Encoding
EL4543_0709 INTERSIL-EL4543_0709 Datasheet
538Kb / 18P
   Triple Differential Twisted-Pair Driver with Common-Mode Sync Encoding
logo
Analog Devices
AD8134 AD-AD8134_15 Datasheet
455Kb / 20P
   Triple Differential Driver With Sync-On-Common-Mode
REV. A
AD8134 AD-AD8134 Datasheet
458Kb / 20P
   Triple Differential Driver With Sync-On-Common-Mode
REV. A
AD8134 AD-AD8134_16 Datasheet
443Kb / 20P
   Triple Differential Driver With Sync-On-Common-Mode
logo
Intersil Corporation
EL5177 INTERSIL-EL5177_07 Datasheet
269Kb / 11P
   550MHz Differential Twisted-Pair Driver
logo
Renesas Technology Corp
EL5177 RENESAS-EL5177 Datasheet
644Kb / 12P
   550MHz Differential Twisted-Pair Driver
EL2141 RENESAS-EL2141 Datasheet
469Kb / 6P
   150MHz Differential Twisted Pair Driver
logo
Intersil Corporation
EL2141 INTERSIL-EL2141 Datasheet
270Kb / 6P
   150MHz Differential Twisted Pair Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com