Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL7516 Datasheet(PDF) 11 Page - Intersil Corporation

Part # EL7516
Description  600kHz/1.2MHz PWM Step-Up Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL7516 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button EL7516 Datasheet HTML 4Page - Intersil Corporation EL7516 Datasheet HTML 5Page - Intersil Corporation EL7516 Datasheet HTML 6Page - Intersil Corporation EL7516 Datasheet HTML 7Page - Intersil Corporation EL7516 Datasheet HTML 8Page - Intersil Corporation EL7516 Datasheet HTML 9Page - Intersil Corporation EL7516 Datasheet HTML 10Page - Intersil Corporation EL7516 Datasheet HTML 11Page - Intersil Corporation EL7516 Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
FN7333.5
April 5, 2006
where:
IL = MOSFET current limit
IL-AVG = average inductor current
ΔIL = inductor ripple current
VDIODE = Schottky diode forward voltage, typically, 0.6V
FS = switching frequency, 600KHz or 1.2MHz
D = MOSFET turn-on ratio:
The following table gives typical maximum Iout values for
1.2MHz switching frequency and 22µH inductor:
Thermal Performance
The EL7516 uses a fused-lead package, which has a
reduced
θJA of 100°C/W on a four-layer board and 115°C/W
on a two-layer board. Maximizing copper around the ground
pins will improve the thermal performance.
This device also has internal thermal shut-down set at
around 130°C to protect the component.
Layout Considerations
To achieve highest efficiency, best regulation and most
stable operation, a good printed circuit board layout is
essential. It is strongly recommended that the demoboard
layout to be followed as closely as possible. Use the
following general guidelines when laying out the print circuit
board:
1. Place C4 as close to the VDD pin as possible. C4 is the
supply bypass capacitor of the device.
2. Keep the C1 ground, GND pin and C2 ground as close as
possible.
3. Keep the two high current paths a) from C1 through L1, to
the LX pin and GND and b) from C1 through L1, D1, and
C2 as short as possible.
4. High current traces should be short and as wide as
possible.
5. Place feedback resistor close to the FB pin to avoid noise
pickup.
6. Place the compensation network close to the COMP pin.
The demo board is a good example of layout based on these
principles; it is available upon request.
TABLE 1.
VIN (V)
VOUT (V)
IOMAX (mA)
2.5
5
570
2.5
9
325
2.5
12
250
3.3
5
750
3.3
9
435
3.3
12
330
5
9
650
5
12
490
ΔI
L
V
IN
V
O
V
DIODE
+
() V
IN
[]
×
LV
O
(
V
DIODE )
F
S
×
+
×
------------------------------------------------------------------------------
=
I
L-AVG
I
OUT
1D
-------------
=
D1
V
IN
V
OUT
V
DIODE
+
--------------------------------------------
=
EL7516


Similar Part No. - EL7516

ManufacturerPart #DatasheetDescription
logo
International Rectifier
EL7516 IRF-EL7516 Datasheet
303Kb / 11P
   600kHz/1.2MHz PWM Step-Up Regulator
logo
Intersil Corporation
EL7516 INTERSIL-EL7516 Datasheet
381Kb / 12P
   600kHz/1.2MHz PWM Step-Up Regulator
logo
Renesas Technology Corp
EL7516 RENESAS-EL7516 Datasheet
580Kb / 12P
   600kHz/1.2MHz PWM Step-Up Regulator
logo
Intersil Corporation
EL7516 INTERSIL-EL7516 Datasheet
195Kb / 12P
   600kHz/1.2MHz PWM Step-Up Regulator
October 9, 2007
logo
International Rectifier
EL7516IY IRF-EL7516IY Datasheet
303Kb / 11P
   600kHz/1.2MHz PWM Step-Up Regulator
More results

Similar Description - EL7516

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7516IY INTERSIL-EL7516IY Datasheet
195Kb / 12P
   600kHz/1.2MHz PWM Step-Up Regulator
October 9, 2007
EL7516 INTERSIL-EL7516 Datasheet
381Kb / 12P
   600kHz/1.2MHz PWM Step-Up Regulator
logo
Renesas Technology Corp
EL7516 RENESAS-EL7516 Datasheet
580Kb / 12P
   600kHz/1.2MHz PWM Step-Up Regulator
ISL97516 RENESAS-ISL97516 Datasheet
659Kb / 9P
   600kHz/1.2MHz PWM Step-Up Regulator
logo
Intersil Corporation
ISL97519A INTERSIL-ISL97519A Datasheet
373Kb / 9P
   600kHz/1.2MHz PWM Step-Up Regulator
ISL97516 INTERSIL-ISL97516 Datasheet
482Kb / 9P
   600kHz/1.2MHz PWM Step-Up Regulator
EL7516IY INTERSIL-EL7516IY Datasheet
195Kb / 12P
   600kHz/1.2MHz PWM Step-Up Regulator
logo
International Rectifier
EL7516 IRF-EL7516 Datasheet
303Kb / 11P
   600kHz/1.2MHz PWM Step-Up Regulator
logo
Intersil Corporation
ISL97516 INTERSIL-ISL97516_07 Datasheet
322Kb / 9P
   600kHz/1.2MHz PWM Step-Up Regulator
logo
Renesas Technology Corp
ISL97519A RENESAS-ISL97519A Datasheet
681Kb / 9P
   600kHz/1.2MHz PWM Step-Up Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com