Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL5371IU-T7 Datasheet(PDF) 3 Page - Intersil Corporation

Part # EL5371IU-T7
Description  250MHz Differential Twisted-Pair Drivers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5371IU-T7 Datasheet(HTML) 3 Page - Intersil Corporation

  EL5371IU-T7 Datasheet HTML 1Page - Intersil Corporation EL5371IU-T7 Datasheet HTML 2Page - Intersil Corporation EL5371IU-T7 Datasheet HTML 3Page - Intersil Corporation EL5371IU-T7 Datasheet HTML 4Page - Intersil Corporation EL5371IU-T7 Datasheet HTML 5Page - Intersil Corporation EL5371IU-T7 Datasheet HTML 6Page - Intersil Corporation EL5371IU-T7 Datasheet HTML 7Page - Intersil Corporation EL5371IU-T7 Datasheet HTML 8Page - Intersil Corporation EL5371IU-T7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
FN7307.6
October 30, 2006
VREFIN -
Negative Reference Input Voltage Range (EL5371)
VIN+ = VIN- = 0V
-3.3
-3
V
VREFOS
Output Offset Relative to VREF (EL5371)
±60
±100
mV
CMRR
Input Common Mode Rejection Ratio (EL5371)
VIN = ±2.5V
70
82
dB
Gain
Gain Accuracy
VIN = 1 (EL5171)
0.981
0.996
1.011
V
VIN = 1 (EL5371)
0.978
0.993
1.008
V
OUTPUT CHARACTERISTICS
VOUT
Output Voltage Swing
RL = 500Ω to GND (EL5171)
±3.4
V
RL = 500Ω to GND (EL5371)
±3.6
±3.9
V
IOUT(Max)
Maximum Output Current
RL = 10Ω, VIN = ±3.24 (EL5171)
±70
±90
±120
mA
RL = 10Ω, VIN = ±3.24 (EL5371)
±50
±70
±90
mA
ROUT
Output Impedance
130
m
Ω
SUPPLY
VSUPPLY
Supply Operating Range
VS+ to VS-4.75
11
V
IS(ON)
Power Supply Current - Per Channel
6.8
7.5
8.2
mA
IS(OFF)+
Positive Power Supply Current - Disabled (EL5371) EN pin tied to 4.8V
1.7
10
µA
IS(OFF)-
Negative Power Supply Current - Disabled (EL5371)
-200
-120
µA
PSRR
Power Supply Rejection Ratio
VS from ±4.5V to ±5.5V (EL5171)
70
84
dB
VS from ±4.5V to ±5.5V (EL5371)
65
83
dB
ENABLE (EL5371 ONLY)
tEN
Enable Time
215
ns
tDS
Disable Time
0.95
µs
VIH
EN Pin Voltage for Power-Up
VS+ -
1.5
V
VIL
EN Pin Voltage for Shut-Down
VS+ -
0.5
V
IIH-EN
EN Pin Input Current High
At VEN = 5V
122
130
µA
IIL-EN
EN Pin Input Current Low
At VEN = 0V
-10
-8
µA
Electrical Specifications
VS+ = +5V, VS- = -5V, TA = 25°C, VIN = 0V, RLD = 1kΩ, RF = 0, RG = OPEN, CLD = 2.7pF, Unless Otherwise
Specified (Continued)
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
Pin Descriptions
EL5171
EL5371
PIN NAME
PIN FUNCTION
1
17, 21, 27
FBP1, 2, 3
Feedback from non-inverting output
2
2, 6, 10
INP1, 2, 3
Non-inverting inputs
3
3, 7, 11
INN1, 2, 3
Inverting inputs, note that on EL5171, this pin is also the REF pin
4
16, 20, 26
FBN1, 2, 3
Feedback from inverting output
5
15, 19, 25
OUT1B, 2B, 3B
Inverting outputs
6
24
VSP
Positive supply
7
23
VSN
Negative supply
8
18, 22, 28
OUT1, 2, 3
Non-inverting outputs
1, 5, 9, 13
NC
No connects, grounded for best crosstalk performance
4, 8, 12
REF1, 2, 3
Reference input, sets common-mode output voltage
14
EN
ENABLE
EL5171, EL5371


Similar Part No. - EL5371IU-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5371IU INTERSIL-EL5371IU Datasheet
533Kb / 14P
   250MHz Differential Twisted-Pair Drivers
EL5371IUZ INTERSIL-EL5371IUZ Datasheet
533Kb / 14P
   250MHz Differential Twisted-Pair Drivers
logo
Renesas Technology Corp
EL5371IUZ RENESAS-EL5371IUZ Datasheet
751Kb / 15P
   250MHz Differential Twisted-Pair Drivers
More results

Similar Description - EL5371IU-T7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5171 RENESAS-EL5171 Datasheet
751Kb / 15P
   250MHz Differential Twisted-Pair Drivers
logo
Intersil Corporation
EL5171 INTERSIL-EL5171 Datasheet
533Kb / 14P
   250MHz Differential Twisted-Pair Drivers
EL5176 INTERSIL-EL5176 Datasheet
360Kb / 11P
   250MHz Differential Twisted-Pair Driver
logo
Renesas Technology Corp
EL5176 RENESAS-EL5176 Datasheet
634Kb / 12P
   250MHz Differential Twisted-Pair Driver
logo
Intersil Corporation
EL5173 INTERSIL-EL5173_06 Datasheet
694Kb / 14P
   450MHz Differential Twisted-Pair Drivers
EL5173 INTERSIL-EL5173_08 Datasheet
371Kb / 15P
   450MHz Differential Twisted-Pair Drivers
logo
Renesas Technology Corp
EL5178 RENESAS-EL5178 Datasheet
1Mb / 18P
   700MHz Differential Twisted-Pair Drivers
EL5173 RENESAS-EL5173 Datasheet
793Kb / 15P
   450MHz Differential Twisted-Pair Drivers
logo
Intersil Corporation
EL5178 INTERSIL-EL5178 Datasheet
826Kb / 17P
   700MHz Differential Twisted-Pair Drivers
EL5170 INTERSIL-EL5170_06 Datasheet
640Kb / 15P
   100MHz Differential Twisted-Pair Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com