Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OM5284EB01 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # OM5284EB01
Description  CMOS single-chip 8-bit microcontrollers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

OM5284EB01 Datasheet(HTML) 5 Page - NXP Semiconductors

  OM5284EB01 Datasheet HTML 1Page - NXP Semiconductors OM5284EB01 Datasheet HTML 2Page - NXP Semiconductors OM5284EB01 Datasheet HTML 3Page - NXP Semiconductors OM5284EB01 Datasheet HTML 4Page - NXP Semiconductors OM5284EB01 Datasheet HTML 5Page - NXP Semiconductors OM5284EB01 Datasheet HTML 6Page - NXP Semiconductors OM5284EB01 Datasheet HTML 7Page - NXP Semiconductors OM5284EB01 Datasheet HTML 8Page - NXP Semiconductors OM5284EB01 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Philips Semiconductors
Preliminary specification
OM5234/OM5284
CMOS single-chip 8-bit microcontrollers
1996 Nov 01
5
DC ELECTRICAL CHARACTERISTICS
VSS = 0V, VDD = 5V ± 10%, Tamb = 0°C to +70°C
TEST
LIMITS
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VIL
Input low voltage, except EA, P1.6, P1.7
–0.5
0.2VDD–0.1
V
VIL1
Input low voltage to EA
–0.5
0.2VDD–0.3
V
VIL2
Input low voltage to P1.6, P1.7
–0.5
0.3VDD
V
VIH
Input high voltage, except XTAL1, RST, P1.6, P1.7
0.2VDD+0.9
VDD+0.5
V
VIH1
Input high voltage, XTAL1, RST
0.7VDD
VDD+0.5
V
VOL
Output low voltage, ports 1, 2, 3, except P1.6, P1.7
IOL = 1.6mA6, 7
0.45
V
VOL1
Output low voltage, port 0, ALE, PSEN
IOL = 3.2mA6, 7
0.45
V
VOL2
Output low voltage, P1.6, P1.7
IOL = 3.0mA
0.4
V
VOH
Output high voltage, ports 1, 2, 3, ALE, PSEN8
IOH = –25µA
0.75VDD
V
IIL
Logical 0 input current, ports 1, 2, 3, except P1.6, P1.7
VIN = 0.45V
–50
µA
ITL
Logical 1-to-0 transition current, ports 1, 2, 3, except P1.6, P1.7
See note 5
–650
µA
IL1
Input leakage current, port 0, EA, P1.6, P1.7
0.45V < VI < 4.7V
±10
µA
IDD
Power supply current:
Active mode @ 16MHz1, 9
VDD=5.5V
32.0
mA
Idle mode @ 16MHz2, 9
6
mA
Power down mode3, 4
50
µA
RRST
Internal reset pull-down resistor
40
225
k
CIO
Pin capacitance
15
pF
NOTES:
1. The operating supply current is measured with all output pins disconnected; XTAL1 driven with tr = tf = 5ns;
VIL = VSS + 0.5V; VIH = VDD –0.5V; XTAL2 not connected; EA = RST = Port 0 = P1.6 = P1.7 = VDD.
2. The idle mode supply current is measured with all output pins disconnected; XTAL1 driven with tr = tf = 5ns; VIL = VSS + 0.5V;
VIH = VDD –0.5V; XTAL2 not connected; Port 0 = P1.6 = P1.7 = VDD; EA = RST = VSS.
3. The power-down current is measured with all output pins disconnected; XTAL2 not connected; Port 0 = P1.6 = P1.7 = VDD;
EA = RST = VSS.
4. 2V
≤ VPD ≤ VDDmax.
5. Pins of ports 1 , 2, and 3 source a transition current when they are being externally driven from 1 to 0. The transition current reaches its
maximum value when VIN is approximately 2V.
6. Capacitive loading on ports 0 and 2 may cause spurious noise to be superimposed on the VOLs of ALE and ports 1 and 3. The noise is due
to external bus capacitance discharging into the port 0 and port 2 pins when these pins make 1-to-0 transitions during bus operations. In the
worst cases (capacitive loading > 100pF), the noise pulse on the ALE pin may exceed 0.8V. In such cases, it may be desirable to qualify
ALE with a Schmitt Trigger, or use an address latch with a Schmitt Trigger STROBE input.
7. Under steady state (non-transient) conditions, IOL must be externally limited as follows: Maximum IOL = 10mA per port pin; Maximum
IOL = 26mA total for Port 0; Maximum IOL = 15mA total for Ports 1, 2, and 3; Maximum IOL = 71mA total for all output pins. If IOL exceeds the
test conditions, VOL may exceed the related specification. Pins are not guaranteed to sink current greater than the listed test conditions.
8. Capacitive loading on ports 0 and 2 may cause the VOH on ALE and PSEN to momentarily fall below the 0.9VDD specification when the
address bits are stabilizing.
9. IDDMAX for other frequencies can be derived from Figure 1, where FREQ is the external oscillator frequency in MHz. IDDMAX is given in mA.


Similar Part No. - OM5284EB01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OM5201DT ETC-OM5201DT Datasheet
35Kb / 2P
   HERMETIC JEDEC TO-257AA HIGH EFFICIENCY, CENTER-TAP RECTIFIER
OM5201DT ETC2-OM5201DT Datasheet
25Kb / 2P
   HERMETIC JEDEC TO-257AA HIGH EFFICIENCY, CENTER-TAP RECTIFIER
OM5201RT ETC-OM5201RT Datasheet
35Kb / 2P
   HERMETIC JEDEC TO-257AA HIGH EFFICIENCY, CENTER-TAP RECTIFIER
OM5201RT ETC2-OM5201RT Datasheet
25Kb / 2P
   HERMETIC JEDEC TO-257AA HIGH EFFICIENCY, CENTER-TAP RECTIFIER
OM5201ST ETC-OM5201ST Datasheet
35Kb / 2P
   HERMETIC JEDEC TO-257AA HIGH EFFICIENCY, CENTER-TAP RECTIFIER
More results

Similar Description - OM5284EB01

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S380F7 SAMSUNG-S380F7 Datasheet
172Kb / 34P
   8-bit single-chip CMOS microcontrollers
logo
NXP Semiconductors
80C31X PHILIPS-80C31X Datasheet
280Kb / 22P
   CMOS single-chip 8-bit microcontrollers
1996 Aug 16
87C54 PHILIPS-87C54 Datasheet
162Kb / 21P
   CMOS single-chip 8-bit microcontrollers
1996 Aug 16
80C652 NXP-80C652 Datasheet
191Kb / 22P
   CMOS single-chip 8-bit microcontrollers
1997 Dec 05
80C31 PHILIPS-80C31 Datasheet
411Kb / 30P
   CMOS single-chip 8-bit microcontrollers
1996 Aug 16
80C652 PHILIPS-80C652 Datasheet
439Kb / 25P
   CMOS single-chip 8-bit microcontrollers
1996 Aug 15
83C652 PHILIPS-83C652 Datasheet
185Kb / 22P
   CMOS single-chip 8-bit microcontrollers
1997 Dec 05
logo
Samsung semiconductor
S3C9688 SAMSUNG-S3C9688 Datasheet
615Kb / 209P
   8-bit single-chip CMOS microcontrollers
logo
NXP Semiconductors
80C453 PHILIPS-80C453 Datasheet
262Kb / 23P
   CMOS single-chip 8-bit microcontrollers
1996 Aug 15
80C32 PHILIPS-80C32 Datasheet
663Kb / 62P
   CMOS single-chip 8-bit microcontrollers
1996 Aug 16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com