Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL5173IS-T7 Datasheet(PDF) 3 Page - Intersil Corporation

Part # EL5173IS-T7
Description  450MHz Differential Twisted-Pair Drivers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5173IS-T7 Datasheet(HTML) 3 Page - Intersil Corporation

  EL5173IS-T7 Datasheet HTML 1Page - Intersil Corporation EL5173IS-T7 Datasheet HTML 2Page - Intersil Corporation EL5173IS-T7 Datasheet HTML 3Page - Intersil Corporation EL5173IS-T7 Datasheet HTML 4Page - Intersil Corporation EL5173IS-T7 Datasheet HTML 5Page - Intersil Corporation EL5173IS-T7 Datasheet HTML 6Page - Intersil Corporation EL5173IS-T7 Datasheet HTML 7Page - Intersil Corporation EL5173IS-T7 Datasheet HTML 8Page - Intersil Corporation EL5173IS-T7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
FN7312.5
January 25, 2006
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typ values are for information purposes only. Unless otherwise noted, all tests are
at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Absolute Maximum Ratings (TA = 25°C)
Supply Voltage (VS+ to VS-) . . . . . . . . . . . . . . . . . . . . . . . . . . 12.6V
Supply Voltage Slew Rate . . . . . . . . . . . . . . . . . . . . . . . . 1V/µs max.
Maximum Output Current. . . . . . . . . . . . . . . . . . . . . . . . . . . . ±60mA
Storage Temperature Range . . . . . . . . . . . . . . . . . .-65°C to +150°C
Operating Junction Temperature . . . . . . . . . . . . . . . . . . . . . . +135°C
Recommended Operating Temperature . . . . . . . . . .-40°C to +85°C
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . See Curves
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Electrical Specifications
VS+ = +5V, VS- = -5V, TA = 25°C, VIN = 0V, RLD = 200Ω, CLD = 1pF, Unless Otherwise Specified
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
AC PERFORMANCE
BW
-3dB Bandwidth
450
MHz
BW
±0.1dB Bandwidth
60
MHz
SR
Slew Rate - EL5173
VOUT = 2VP-P, 20% to 80%
750
900
V/µs
Slew Rate - EL5373
VOUT = 2VP-P, 20% to 80%
900
1100
V/µs
TSTL
Settling Time to 0.1%
VOUT = 2VP-P
10
ns
OS
Overshoot
VODP-P = 2V
10
%
TOVR
Output Overdrive Recovery Time
10
ns
VREFBW (-3dB)
VREF -3dB Bandwidth
AV =1, CLD = 2.7pF
190
MHz
VREFSR+
VREF Slew Rate - Rise
VOUT = 2VP-P, 20% to 80%
200
V/µs
VREFSR-
VREF Slew Rate - Fall
VOUT = 2VP-P, 20% to 80%
125
V/µs
VN
Input Voltage Noise
f = 10kHz
25
nV/
√Hz
HD2
Second Harmonic Distortion
VOUT = 2VP-P, 5MHz
84
dBc
HD2
Second Harmonic Distortion
VOUT = 2VP-P, 20MHz
71
dBc
HD3
Third Harmonic Distortion
VOUT = 2VP-P, 5MHz
62
dBc
HD3
Third Harmonic Distortion
VOUT = 2VP-P, 20MHz
53
dBc
dG
Differential Gain at 3.58MHz
RLD = 300Ω, AV = 2
0.05
%
d
θ
Differential Phase at 3.58MHz
RLD = 300Ω, AV = 2
0.08
°
eS
Channel Separation - for EL5373 only
at 1MHz
90
dB
INPUT CHARACTERISTICS
VOS
Input Referred Offset Voltage
±3
±30
mV
IIN
Input Bias Current (VIN, VINB)
EL5173
-21
-11
-5
µA
EL5373
-21
-13
-5
µA
IREF
INput Bias Current at REF
1
2.3
5
µA
Gain
Gain Accuracy
VIN = ±1V
1.97
1.99
2.01
V
RIN
Differential Input Resistance
150
k
CIN
Differential Input Capacitance
1
pF
DMIR
Differential Mode Input Range
±2
±2.3
V
CMIR+
Common Mode Positive Input Range at
VIN+, VIN-
3.1
3.4
V
CMIR-
Common Mode Negative Input Range at
VIN+, VIN-
-4.5
-4.2
V
VREFIN+
Reference Input - Positive
VIN+ = VIN- = 0V
3.3
3.7
V
EL5173, EL5373


Similar Part No. - EL5173IS-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5173IS-T7 INTERSIL-EL5173IS-T7 Datasheet
371Kb / 15P
   450MHz Differential Twisted-Pair Drivers
More results

Similar Description - EL5173IS-T7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5173 RENESAS-EL5173 Datasheet
793Kb / 15P
   450MHz Differential Twisted-Pair Drivers
logo
Intersil Corporation
EL5173 INTERSIL-EL5173_08 Datasheet
371Kb / 15P
   450MHz Differential Twisted-Pair Drivers
EL5173 INTERSIL-EL5173 Datasheet
461Kb / 14P
   450MHz Differential Twisted-Pair Drivers
logo
Renesas Technology Corp
EL5171 RENESAS-EL5171 Datasheet
751Kb / 15P
   250MHz Differential Twisted-Pair Drivers
EL5178 RENESAS-EL5178 Datasheet
1Mb / 18P
   700MHz Differential Twisted-Pair Drivers
logo
Intersil Corporation
EL5171 INTERSIL-EL5171 Datasheet
533Kb / 14P
   250MHz Differential Twisted-Pair Drivers
EL5178 INTERSIL-EL5178 Datasheet
826Kb / 17P
   700MHz Differential Twisted-Pair Drivers
EL5171 INTERSIL-EL5171_06 Datasheet
331Kb / 14P
   250MHz Differential Twisted-Pair Drivers
EL5170 INTERSIL-EL5170_06 Datasheet
640Kb / 15P
   100MHz Differential Twisted-Pair Drivers
EL5178ISZ INTERSIL-EL5178ISZ Datasheet
839Kb / 18P
   700MHz Differential Twisted-Pair Drivers
August 19, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com