Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL5171ISZ-T7 Datasheet(PDF) 2 Page - Intersil Corporation

Part # EL5171ISZ-T7
Description  250MHz Differential Twisted-Pair Drivers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5171ISZ-T7 Datasheet(HTML) 2 Page - Intersil Corporation

  EL5171ISZ-T7 Datasheet HTML 1Page - Intersil Corporation EL5171ISZ-T7 Datasheet HTML 2Page - Intersil Corporation EL5171ISZ-T7 Datasheet HTML 3Page - Intersil Corporation EL5171ISZ-T7 Datasheet HTML 4Page - Intersil Corporation EL5171ISZ-T7 Datasheet HTML 5Page - Intersil Corporation EL5171ISZ-T7 Datasheet HTML 6Page - Intersil Corporation EL5171ISZ-T7 Datasheet HTML 7Page - Intersil Corporation EL5171ISZ-T7 Datasheet HTML 8Page - Intersil Corporation EL5171ISZ-T7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
FN7307.6
October 30, 2006
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typ values are for information purposes only. Unless otherwise noted, all tests are
at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Absolute Maximum Ratings (TA = +25°C)
Supply Voltage (VS+ to VS-) . . . . . . . . . . . . . . . . . . . . . . . . . . . .12V
Maximum Output Current. . . . . . . . . . . . . . . . . . . . . . . . . . . . ±60mA
Storage Temperature Range . . . . . . . . . . . . . . . . . .-65°C to +150°C
Operating Junction Temperature . . . . . . . . . . . . . . . . . . . . . . +135°C
Ambient Operating Temperature . . . . . . . . . . . . . . . . -40°C to +85°C
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Electrical Specifications
VS+ = +5V, VS- = -5V, TA = 25°C, VIN = 0V, RLD = 1kΩ, RF = 0, RG = OPEN, CLD = 2.7pF, Unless Otherwise
Specified
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
AC PERFORMANCE
BW
-3dB Bandwidth
AV = 1, CLD = 2.7pF
250
MHz
AV = 2, RF = 500, CLD = 2.7pF
60
MHz
AV = 10, RF = 500, CLD = 2.7pF
10
MHz
BW
±0.1dB Bandwidth
AV = 1, CLD = 2.7pF
50
MHz
SR
Slew Rate (EL5171)
VOUT = 3VP-P, 20% to 80%
600
800
1000
V/µs
Slew Rate (EL5371)
VOUT = 3VP-P, 20% to 80%
540
700
1000
V/µs
TSTL
Settling Time to 0.1%
VOUT = 2VP-P
10
ns
TOVR
Output Overdrive Recovery Time
20
ns
GBWP
Gain Bandwidth Product
100
MHz
VREFBW (-3dB) VREF -3dB Bandwidth
AV =1, CLD = 2.7pF
50
MHz
VREFSR+
VREF Slew Rate - Rise
VOUT = 2VP-P, 20% to 80%
90
V/µs
VREFSR-
VREF Slew Rate - Fall
VOUT = 2VP-P, 20% to 80%
50
V/µs
VN
Input Voltage Noise
at 10kHz
26
nV/
√Hz
IN
Input Current Noise
at 10kHz
2
pA/
√Hz
HD2
Second Harmonic Distortion
VOUT = 2VP-P, 5MHz
-94
dBc
VOUT = 2VP-P, 20MHz
-94
dBc
HD3
Third Harmonic Distortion
VOUT = 2VP-P, 5MHz
-77
dBc
VOUT = 2VP-P, 20MHz
-75
dBc
dG
Differential Gain at 3.58MHz
RL = 300Ω, AV = 2
0.1
%
d
θ
Differential Phase at 3.58MHz
RL = 300Ω, AV = 2
0.5
°
eS
Channel Separation
at f = 1MHz
90
dB
INPUT CHARACTERISTICS
VOS
Input Referred Offset Voltage
±1.5
±25
mV
IIN
Input Bias Current (VIN+, VIN-)
-14
-6
-3
µA
IREF
Input Bias Current (VREF)0.5
1.3
4
µA
RIN
Differential Input Resistance
300
k
Ω
CIN
Differential Input Capacitance
1pF
DMIR
Differential Mode Input Range
±2.1
±2.3
±2.5
V
CMIR+
Common Mode Positive Input Range at VIN+, VIN-
Tested only for EL5371
3.1
3.4
V
CMIR-
Common Mode Negative Input Range at VIN+, VIN- Tested only for EL5371
-4.5
-4.2
V
VREFIN +
Positive Reference Input Voltage Range (EL5371)
VIN+ = VIN- = 0V
3.5
±3.8
V
EL5171, EL5371


Similar Part No. - EL5171ISZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5171ISZ INTERSIL-EL5171ISZ Datasheet
533Kb / 14P
   250MHz Differential Twisted-Pair Drivers
logo
Renesas Technology Corp
EL5171ISZ RENESAS-EL5171ISZ Datasheet
751Kb / 15P
   250MHz Differential Twisted-Pair Drivers
More results

Similar Description - EL5171ISZ-T7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5171 RENESAS-EL5171 Datasheet
751Kb / 15P
   250MHz Differential Twisted-Pair Drivers
logo
Intersil Corporation
EL5171 INTERSIL-EL5171 Datasheet
533Kb / 14P
   250MHz Differential Twisted-Pair Drivers
EL5176 INTERSIL-EL5176 Datasheet
360Kb / 11P
   250MHz Differential Twisted-Pair Driver
logo
Renesas Technology Corp
EL5176 RENESAS-EL5176 Datasheet
634Kb / 12P
   250MHz Differential Twisted-Pair Driver
logo
Intersil Corporation
EL5173 INTERSIL-EL5173_06 Datasheet
694Kb / 14P
   450MHz Differential Twisted-Pair Drivers
EL5173 INTERSIL-EL5173_08 Datasheet
371Kb / 15P
   450MHz Differential Twisted-Pair Drivers
logo
Renesas Technology Corp
EL5178 RENESAS-EL5178 Datasheet
1Mb / 18P
   700MHz Differential Twisted-Pair Drivers
EL5173 RENESAS-EL5173 Datasheet
793Kb / 15P
   450MHz Differential Twisted-Pair Drivers
logo
Intersil Corporation
EL5178 INTERSIL-EL5178 Datasheet
826Kb / 17P
   700MHz Differential Twisted-Pair Drivers
EL5170 INTERSIL-EL5170_06 Datasheet
640Kb / 15P
   100MHz Differential Twisted-Pair Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com