Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL5171IS-T7 Datasheet(PDF) 1 Page - Intersil Corporation

Part # EL5171IS-T7
Description  250MHz Differential Twisted-Pair Drivers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5171IS-T7 Datasheet(HTML) 1 Page - Intersil Corporation

  EL5171IS-T7 Datasheet HTML 1Page - Intersil Corporation EL5171IS-T7 Datasheet HTML 2Page - Intersil Corporation EL5171IS-T7 Datasheet HTML 3Page - Intersil Corporation EL5171IS-T7 Datasheet HTML 4Page - Intersil Corporation EL5171IS-T7 Datasheet HTML 5Page - Intersil Corporation EL5171IS-T7 Datasheet HTML 6Page - Intersil Corporation EL5171IS-T7 Datasheet HTML 7Page - Intersil Corporation EL5171IS-T7 Datasheet HTML 8Page - Intersil Corporation EL5171IS-T7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
®
FN7307.6
EL5171, EL5371
250MHz Differential Twisted-Pair Drivers
The EL5171 and EL5371 are single and triple bandwidth
amplifiers with an output in differential form. They are
primarily targeted for applications such as driving twisted-
pair lines in component video applications. The input signal
is single-ended and the outputs are always differential.
On the EL5171 and EL5371, two feedback inputs provide
the user with the ability to set the gain of each device (stable
at minimum gain of one). For a fixed gain of two, please see
EL5170 and EL5370.
The output common mode level for each channel is set by
the associated VREF pin, which have a -3dB bandwidth of
over 50MHz. Generally, these pins are grounded but can be
tied to any voltage reference.
All outputs are short circuit protected to withstand temporary
overload condition.
The EL5171 and EL5371 are specified for operation over the
full -40°C to +85°C temperature range.
Features
• Fully differential outputs and feedback
• Input range ±2.3V typ.
• 250MHz 3dB bandwidth
• 800V/µs slew rate
• Low distortion at 5MHz
• Single 5V or dual ±5V supplies
• 90mA maximum output current
• Low power - 8mA per channel
• Pb-free plus anneal available (RoHS compliant)
Applications
• Twisted-pair driver
• Differential line driver
• VGA over twisted-pair
• ADSL/HDSL driver
• Single ended to differential amplification
• Transmission of analog signals in a noisy environment
Ordering Information
PART
NUMBER
PART
MARKING
TAPE &
REEL
PACKAGE
PKG.
DWG. #
EL5171IS
5171IS
-
8 Ld SO
MDP0027
EL5171IS-T7
5171IS
7”
8 Ld SO
MDP0027
EL5171IS-T13
5171IS
13”
8 Ld SO
MDP0027
EL5171ISZ
(See Note)
5171ISZ
-
8 Ld SO
(Pb-free)
MDP0027
EL5171ISZ-T7
(See Note)
5171ISZ
7”
8 Ld SO
(Pb-free)
MDP0027
EL5171ISZ-T13
(See Note)
5171ISZ
13”
8 Ld SO
(Pb-free)
MDP0027
EL5371IU
5371IU
-
28 Ld QSOP
MDP0040
EL5371IU-T7
5371IU
7”
28 Ld QSOP
MDP0040
EL5371IU-T13
5371IU
13”
28 Ld QSOP
MDP0040
EL5371IUZ
(See Note)
5371IUZ
-
28 Ld QSOP
(Pb-free)
MDP0040
EL5371IUZ-T7
(See Note)
5371IUZ
7”
28 Ld QSOP
(Pb-free)
MDP0040
EL5371IUZ-T13
(See Note)
5371IUZ
13”
28 Ld QSOP
(Pb-free)
MDP0040
NOTE: Intersil Pb-free plus anneal products employ special Pb-free
material sets; molding compounds/die attach materials and 100%
matte tin plate termination finish, which are RoHS compliant and
compatible with both SnPb and Pb-free soldering operations. Intersil
Pb-free products are MSL classified at Pb-free peak reflow
temperatures that meet or exceed the Pb-free requirements of
IPC/JEDEC J STD-020.
Pinouts
EL5171
(8 LD SO)
TOP VIEW
EL5371
(28 LD QSOP)
TOP VIEW
-
+
FBP
IN+
REF
FBN
OUT+
VS-
VS+
OUT-
1
2
3
4
8
7
6
5
1
2
3
4
28
27
26
25
5
6
7
24
23
22
8
21
9
10
20
19
11
12
13
18
17
16
14
15
-
+
-
+
-
+
OUT1
FBP1
FBN1
OUT1B
VSP
VSN
OUT2
FBP2
FBN2
OUT2B
OUT3
FBP3
FBN3
OUT3B
NC
INP1
INN1
REF1
NC
INP2
INN2
REF2
NC
INP3
INN3
REF3
NC
EN
Data Sheet
October 30, 2006
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2004-2006. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - EL5171IS-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5171IS INTERSIL-EL5171IS Datasheet
533Kb / 14P
   250MHz Differential Twisted-Pair Drivers
EL5171ISZ INTERSIL-EL5171ISZ Datasheet
533Kb / 14P
   250MHz Differential Twisted-Pair Drivers
logo
Renesas Technology Corp
EL5171ISZ RENESAS-EL5171ISZ Datasheet
751Kb / 15P
   250MHz Differential Twisted-Pair Drivers
More results

Similar Description - EL5171IS-T7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5171 RENESAS-EL5171 Datasheet
751Kb / 15P
   250MHz Differential Twisted-Pair Drivers
logo
Intersil Corporation
EL5171 INTERSIL-EL5171 Datasheet
533Kb / 14P
   250MHz Differential Twisted-Pair Drivers
EL5176 INTERSIL-EL5176 Datasheet
360Kb / 11P
   250MHz Differential Twisted-Pair Driver
logo
Renesas Technology Corp
EL5176 RENESAS-EL5176 Datasheet
634Kb / 12P
   250MHz Differential Twisted-Pair Driver
logo
Intersil Corporation
EL5173 INTERSIL-EL5173_06 Datasheet
694Kb / 14P
   450MHz Differential Twisted-Pair Drivers
EL5173 INTERSIL-EL5173_08 Datasheet
371Kb / 15P
   450MHz Differential Twisted-Pair Drivers
logo
Renesas Technology Corp
EL5178 RENESAS-EL5178 Datasheet
1Mb / 18P
   700MHz Differential Twisted-Pair Drivers
EL5173 RENESAS-EL5173 Datasheet
793Kb / 15P
   450MHz Differential Twisted-Pair Drivers
logo
Intersil Corporation
EL5178 INTERSIL-EL5178 Datasheet
826Kb / 17P
   700MHz Differential Twisted-Pair Drivers
EL5170 INTERSIL-EL5170_06 Datasheet
640Kb / 15P
   100MHz Differential Twisted-Pair Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com