Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RX500-12 Datasheet(PDF) 5 Page - NTE Electronics

Part # RX500-12
Description  ECG Cleaner/Lubricant
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

RX500-12 Datasheet(HTML) 5 Page - NTE Electronics

  RX500-12 Datasheet HTML 1Page - NTE Electronics RX500-12 Datasheet HTML 2Page - NTE Electronics RX500-12 Datasheet HTML 3Page - NTE Electronics RX500-12 Datasheet HTML 4Page - NTE Electronics RX500-12 Datasheet HTML 5Page - NTE Electronics RX500-12 Datasheet HTML 6Page - NTE Electronics RX500-12 Datasheet HTML 7Page - NTE Electronics RX500-12 Datasheet HTML 8Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
ECG Cleaner/Lubricant
there is any potential for an uncontrolled release, exposure levels are not known, or any other circumstances
where air purifying respirators may not provide adequate protection.
WORK HYGIENIC PRACTICES: Wash hands before eating and wash before reuse.
OTHER USE PRECAUTIONS: Emergency shower and eyewash facility should be in close proximity.
9. PHYSICAL AND CHEMICAL PROPERTIES
PHYSICAL STATE: Liquid
ODOR: Faint ethereal odor
APPEARANCE: Clear, mobile liquid.
COLOR: Colorless
pH: Not Applicable
PERCENT VOLATILE: 100
VAPOR DENSITY: >1 (Air=1)
BOILING POINT: Not Available
FREEZING POINT: Not Available
MELTING POINT: Not Applicable
SOLUBILITY IN WATER: WT %
DENSITY: 1.16
(VOC): 93.3 g/L (non-exempt VOC)
10. STABILITY AND REACTIVITY
HAZARDOUS POLYMERIZATION: NO
CONDITIONS TO AVOID: Heat, flames, ignition sources, and incompatables.
STABILITY: Stable under normal conditions.
POLYMERIZATION: Will not occur.
HAZARDOUS DECOMPOSITION PRODUCTS: Hydrochloric acid, hydfrofluoric acid, chlorine, fluorine,
phosgene, carbon dioxide, carbon monoxide.
INCOMPATIBLE MATERIALS: Metals. Acidic conditions. Oxidizing materials.
11. TOXICOLOGICAL INFORMATION
ACUTE
DERMAL LD
50
: >2000 mg/kg (rat)
ORAL LD
50
: >5000 mg/kg (rat)
INHALATION LC
50
: 20000 ppm, 10-hour
file:///N|/MSDS/5115ij4j.htm (5 of 8)1/13/2004 12:13:36 PM


Similar Part No. - RX500-12

ManufacturerPart #DatasheetDescription
logo
CamdenBoss Ltd.
RX500 CAMDENBOSS-RX500 Datasheet
290Kb / 1P
   500 series small flanged ABS boxes
logo
RF Monolithics, Inc
RX5000 RFM-RX5000 Datasheet
103Kb / 11P
   433.92 MHz Hybrid Receiver
logo
Murata Manufacturing Co...
RX5000 MURATA-RX5000 Datasheet
239Kb / 10P
   RFM products are now Murata products
logo
RF Monolithics, Inc
RX5001 RFM-RX5001 Datasheet
77Kb / 10P
   315.00 MHz Hybrid Receiver
RX5002 RFM-RX5002 Datasheet
77Kb / 10P
   418.00 MHz Hybrid Receiver
More results

Similar Description - RX500-12

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
RX1500-16 NTE-RX1500-16 Datasheet
46Kb / 7P
   ECG Isopropanol
logo
Rosenberger Hochfrequen...
98W005-000 ROSENBERGER-98W005-000 Datasheet
133Kb / 1P
   Click Cleaner
logo
3M Electronics
WL-QT 3M-WL-QT Datasheet
71Kb / 2P
   WL Wire Pulling Lubricant
2000
logo
NTE Electronics
RX2200-14 NTE-RX2200-14 Datasheet
38Kb / 6P
   ECG Silicon Lube
RX100-10 NTE-RX100-10 Datasheet
47Kb / 8P
   ECG Electronics Freezer
RX3200-12 NTE-RX3200-12 Datasheet
38Kb / 8P
   ECG Electronics Wash
RX200-20 NTE-RX200-20 Datasheet
45Kb / 7P
   ECG Electronics Degreaser
logo
List of Unclassifed Man...
521F ETC-521F Datasheet
115Kb / 1P
   SOLDER PASTES/CLEANER
logo
NTE Electronics
RX2100-48 NTE-RX2100-48 Datasheet
40Kb / 7P
   ECG Techclean Wiper
RX1700-2.5 NTE-RX1700-2.5 Datasheet
120Kb / 7P
   ECG Smoke Detector Tester
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com