Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL5427CR-T13 Datasheet(PDF) 1 Page - Intersil Corporation

Part # EL5427CR-T13
Description  2.5MHz 4, 8, 10 & 12 Channel Rail-to-Rail Buffers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5427CR-T13 Datasheet(HTML) 1 Page - Intersil Corporation

  EL5427CR-T13 Datasheet HTML 1Page - Intersil Corporation EL5427CR-T13 Datasheet HTML 2Page - Intersil Corporation EL5427CR-T13 Datasheet HTML 3Page - Intersil Corporation EL5427CR-T13 Datasheet HTML 4Page - Intersil Corporation EL5427CR-T13 Datasheet HTML 5Page - Intersil Corporation EL5427CR-T13 Datasheet HTML 6Page - Intersil Corporation EL5427CR-T13 Datasheet HTML 7Page - Intersil Corporation EL5427CR-T13 Datasheet HTML 8Page - Intersil Corporation EL5427CR-T13 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1
®
FN7111.4
EL5127, EL5227, EL5327, EL5427
2.5MHz 4-, 8-, 10- and 12-Channel Rail-to-
Rail Buffers
The EL5127, EL5227, EL5327, and EL5427 are low power,
high voltage rail-to-rail input/output buffers designed for use
in reference voltage buffering applications in small LCD
displays. They are available in quad (EL5127), octal
(EL5227), 10-Channel (EL5327), and 12-Channel (EL5427)
topologies. All buffers feature a -3dB bandwidth of 2.5MHz
and operate from just 133µA per buffer. This family also
features a continuous output drive capability of 30mA (sink
and source).
The quad channel EL5127 is available in the 10 Ld MSOP
package. The 8-Channel EL5227 is available in both the
20 Ld TSSOP and 24 Ld QFN packages, the 10-Channel
EL5327 in the 24 Ld TSSOP and 24 Ld QFN packages, and
the 12-Channel EL5427 in the 28 Ld TSSOP and 32 Ld QFN
packages. All buffers are specified for operation over the full
-40°C to +85°C temperature range.
Features
• 2.5MHz -3dB bandwidth
• Supply voltage = 4.5V to 16.5V
• Low supply current (per buffer) = 133µA
• High slew rate = 2.2V/µs
• Rail-to-rail input/output swing
• Ultra-small packages
• Pb-free plus anneal available (RoHS compliant)
Applications
• TFT-LCD drive circuits
• Electronic games
• Touch-screen displays
• Personal communication devices
• Personal digital assistants (PDAs)
• Portable instrumentation
Data Sheet
May 4, 2007
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2004-2007. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - EL5427CR-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5427CR-T13 INTERSIL-EL5427CR-T13 Datasheet
300Kb / 17P
   2.5MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Buffers
logo
Renesas Technology Corp
EL5427CR-T13 RENESAS-EL5427CR-T13 Datasheet
778Kb / 17P
   2.5MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Buffers
More results

Similar Description - EL5427CR-T13

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5127 RENESAS-EL5127 Datasheet
778Kb / 17P
   2.5MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Buffers
logo
Intersil Corporation
EL5127 INTERSIL-EL5127 Datasheet
300Kb / 17P
   2.5MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Buffers
logo
Elantec Semiconductor
EL5127C ELANTEC-EL5127C Datasheet
138Kb / 2P
   Product Brief 2.5MHz 4-, 8-, 10- & 12-Channel Rail-to-Rail Buffers
logo
Intersil Corporation
EL5423 INTERSIL-EL5423 Datasheet
289Kb / 12P
   12MHz 4, 8, 10 & 12 Channel Rail-to-Rail Input-Output Buffers
logo
Renesas Technology Corp
EL5123 RENESAS-EL5123 Datasheet
777Kb / 17P
   12MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Input-Output Buffers
logo
Intersil Corporation
EL5123 INTERSIL-EL5123 Datasheet
290Kb / 17P
   12MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Input-Output Buffers
EL5123 INTERSIL-EL5123 Datasheet
560Kb / 17P
   12MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Input-Output Buffers
logo
Elantec Semiconductor
EL5123C ELANTEC-EL5123C Datasheet
139Kb / 2P
   Product Brief 12MHz 4-, 8-, 10- & 12-Channel Rail-to-Rail Input-Output Buffers
logo
Analog Devices
LTC2630 AD-LTC2630 Datasheet
495Kb / 22P
   Single 12-/10-/8-Bit Rail-to- Rail DACs
logo
Renesas Technology Corp
EL5027 RENESAS-EL5027 Datasheet
524Kb / 10P
   Dual 2.5MHz Rail-to-Rail Input-Output Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com