Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL8403IUZ-T7 Datasheet(PDF) 3 Page - Intersil Corporation

Part # EL8403IUZ-T7
Description  500MHz Rail-to-Rail Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL8403IUZ-T7 Datasheet(HTML) 3 Page - Intersil Corporation

  EL8403IUZ-T7 Datasheet HTML 1Page - Intersil Corporation EL8403IUZ-T7 Datasheet HTML 2Page - Intersil Corporation EL8403IUZ-T7 Datasheet HTML 3Page - Intersil Corporation EL8403IUZ-T7 Datasheet HTML 4Page - Intersil Corporation EL8403IUZ-T7 Datasheet HTML 5Page - Intersil Corporation EL8403IUZ-T7 Datasheet HTML 6Page - Intersil Corporation EL8403IUZ-T7 Datasheet HTML 7Page - Intersil Corporation EL8403IUZ-T7 Datasheet HTML 8Page - Intersil Corporation EL8403IUZ-T7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typ values are for information purposes only. Unless otherwise noted, all tests are
at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Absolute Maximum Ratings (TA = 25°C)
Supply Voltage from VS+ to VS- . . . . . . . . . . . . . . . . . . . . . . . . 5.5V
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . VS+ +0.3V to VS- -0.3V
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .2V
Continuous Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . . 40mA
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . See Curves
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Ambient Operating Temperature . . . . . . . . . . . . . . . .-40°C to +85°C
Operating Junction Temperature . . . . . . . . . . . . . . . . . . . . . . +125°C
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Electrical Specifications
VS+ = 5V, VS- = GND, TA = 25°C, VCM = 2.5V, RL to 2.5V, AV = 1, Unless Otherwise Specified
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
INPUT CHARACTERISTICS
VOS
Offset Voltage
-8
-0.8
+8
mV
TCVOS
Offset Voltage Temperature Coefficient
Measured from TMIN to TMAX
3µV/°C
IB
Input Bias Current
VIN = 0V
-9
-6
µA
IOS
Input Offset Current
VIN = 0V
0.1
0.6
µA
TCIOS
Input Bias Current Temperature
Coefficient
Measured from TMIN to TMAX
2nA/°C
CMRR
Common Mode Rejection Ratio
VCM = -0.15V to +3.5V (EL8202,EL8203)
70
95
dB
VCM = -0.15V to +3.5V (EL8403)
60
85
dB
CMIR
Common Mode Input Range
VS- -
0.15
VS+ -
1.5
V
RIN
Input Resistance
Common Mode
3.5
M
CIN
Input Capacitance
0.5
pF
AVOL
Open Loop Gain
VOUT = +1.5V to +3.5V, RL = 1kΩ to GND
75
90
dB
VOUT = +1.5V to +3.5V, RL = 150Ω to GND
80
dB
OUTPUT CHARACTERISTICS
ROUT
Output Resistance
AV = +1
30
m
VOP
Positive Output Voltage Swing
RL = 1kΩ
4.85
4.9
V
RL = 150Ω
4.6
4.7
V
VON
Negative Output Voltage Swing
RL = 150Ω
100
150
mV
RL = 1kΩ (EL8202,EL8203)
25
50
mV
RL = 1kΩ (EL8403)
50
100
mV
IOUT
Linear Output Current
65
mA
ISC (source)
Short Circuit Current
RL = 10Ω
60
80
mA
ISC (sink)
Short Circuit Current
RL = 10Ω
120
150
mA
POWER SUPPLY
PSRR
Power Supply Rejection Ratio
VS+ = 4.5V to 5.5V
70
95
dB
IS-ON
Supply Current - Enabled (per amplifier)
5.6
6.2
mA
IS-OFF
Supply Current - Disabled (per amplifier) EL8202 only
40
90
µA
ENABLE (EL8202 ONLY)
tEN
Enable Time
200
ns
tDS
Disable Time
25
ns
VIH-ENB
ENABLE Pin Voltage for Power-up
0.8
V
VIL-ENB
ENABLE Pin Voltage for Shut-down
2
V
EL8202, EL8203, EL8403


Similar Part No. - EL8403IUZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL8403IUZ-T7 INTERSIL-EL8403IUZ-T7 Datasheet
739Kb / 16P
   500MHz Rail-to-Rail Amplifiers
logo
Renesas Technology Corp
EL8403IUZ-T7 RENESAS-EL8403IUZ-T7 Datasheet
945Kb / 16P
   500MHz Rail-to-Rail Amplifiers
More results

Similar Description - EL8403IUZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
5962-0623501QPC INTERSIL-5962-0623501QPC Datasheet
115Kb / 4P
   500MHz Rail-to-Rail Amplifiers
EL8102 INTERSIL-EL8102_05 Datasheet
377Kb / 12P
   500MHz Rail-to-Rail Amplifiers
logo
Renesas Technology Corp
EL8202 RENESAS-EL8202 Datasheet
945Kb / 16P
   500MHz Rail-to-Rail Amplifiers
logo
Intersil Corporation
5962-0721301QHC INTERSIL-5962-0721301QHC Datasheet
133Kb / 6P
   500MHz Rail-to-Rail Amplifiers
EL8102 INTERSIL-EL8102 Datasheet
221Kb / 12P
   500MHz Rail-to-Rail Amplifiers
EL8403 INTERSIL-EL8403 Datasheet
739Kb / 16P
   500MHz Rail-to-Rail Amplifiers
5962-0721301QXC INTERSIL-5962-0721301QXC Datasheet
131Kb / 5P
   500MHz Rail-to-Rail Amplifiers
logo
Renesas Technology Corp
EL8102 RENESAS-EL8102 Datasheet
752Kb / 14P
   500MHz Rail-to-Rail Amplifiers
logo
Intersil Corporation
EL8102 INTERSIL-EL8102_07 Datasheet
363Kb / 14P
   500MHz Rail-to-Rail Amplifiers
logo
Renesas Technology Corp
5962-0623501 RENESAS-5962-0623501 Datasheet
237Kb / 4P
   500MHz Rail-to-Rail Amplifiers
November 3, 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com