Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL5392ACU Datasheet(PDF) 5 Page - Intersil Corporation

Part # EL5392ACU
Description  Triple 600MHz Current Feedback Amplifier with Enable
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5392ACU Datasheet(HTML) 5 Page - Intersil Corporation

  EL5392ACU Datasheet HTML 1Page - Intersil Corporation EL5392ACU Datasheet HTML 2Page - Intersil Corporation EL5392ACU Datasheet HTML 3Page - Intersil Corporation EL5392ACU Datasheet HTML 4Page - Intersil Corporation EL5392ACU Datasheet HTML 5Page - Intersil Corporation EL5392ACU Datasheet HTML 6Page - Intersil Corporation EL5392ACU Datasheet HTML 7Page - Intersil Corporation EL5392ACU Datasheet HTML 8Page - Intersil Corporation EL5392ACU Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
FN7194.1
March 9, 2006
Typical Performance Curves (Continued)
Frequency Response for Various CL
1M
10M
100M
1G
Frequency (Hz)
14
10
6
2
-2
-6
AV=2
RF=375Ω
RL=150Ω
8pF added
0pF added
12pF added
Frequency Response for Various RF
1M
10M
100M
1G
Frequency (Hz)
6
2
-2
-6
-10
-14
AV=2
RG=RF
RL=150Ω
250
375
475
620
750
Group Delay vs Frequency
1M
10M
1G
Frequency (Hz)
3.5
3
2
1
0.5
0
100M
Frequency Response for Various Common-Mode
Input Voltages
1M
10M
1G
Frequency (Hz)
6
2
-2
-6
-10
-14
100M
AV=2
RF=375Ω
AV=1
RF=750Ω
AV=2
RF=375Ω
RL=150Ω
VCM=3V
VCM=0V
VCM=-3V
2.5
1.5
Transimpedance (ROL) vs Frequency
1k
Frequency (Hz)
10k
100k
1M
10M
100M
1G
10M
100
1k
10k
100k
1M
-90
-180
-270
-360
0
PSRR and CMRR vs Frequency
20
-80
-60
-40
-20
0
10k
Frequency (Hz)
100k
1M
10M
1G
100M
Phase
Gain
PSRR+
PSRR-
CMRR
EL5392A


Similar Part No. - EL5392ACU

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5392ACU INTERSIL-EL5392ACU Datasheet
580Kb / 14P
   Triple 600MHz Current Feedback Amplifier with Enable
EL5392ACU-T13 INTERSIL-EL5392ACU-T13 Datasheet
580Kb / 14P
   Triple 600MHz Current Feedback Amplifier with Enable
More results

Similar Description - EL5392ACU

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5392A INTERSIL-EL5392A Datasheet
580Kb / 14P
   Triple 600MHz Current Feedback Amplifier with Enable
EL5192 INTERSIL-EL5192 Datasheet
386Kb / 17P
   600MHz Current Feedback Amplifier with Enable
logo
Renesas Technology Corp
EL5192 RENESAS-EL5192 Datasheet
934Kb / 20P
   600MHz Current Feedback Amplifier with Enable
logo
Intersil Corporation
EL5192 INTERSIL-EL5192_07 Datasheet
414Kb / 20P
   600MHz Current Feedback Amplifier with Enable
EL5292 INTERSIL-EL5292_07 Datasheet
342Kb / 16P
   Dual 600MHz Current Feedback Amplifier with Enable
EL5292 INTERSIL-EL5292 Datasheet
580Kb / 14P
   Dual 600MHz Current Feedback Amplifier with Enable
logo
Renesas Technology Corp
EL5292 RENESAS-EL5292 Datasheet
794Kb / 16P
   Dual 600MHz Current Feedback Amplifier with Enable
logo
Elantec Semiconductor
EL5392C ELANTEC-EL5392C Datasheet
320Kb / 15P
   Triple 600MHz Current Feedback Amplifier
logo
Renesas Technology Corp
EL5164 RENESAS-EL5164 Datasheet
950Kb / 17P
   600MHz Current Feedback Amplifiers with Enable
logo
Intersil Corporation
EL5164 INTERSIL-EL5164_07 Datasheet
447Kb / 16P
   600MHz Current Feedback Amplifiers with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com