Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL8401ISZ Datasheet(PDF) 10 Page - Intersil Corporation

Part # EL8401ISZ
Description  200MHz Rail-to-Rail Amplifiers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL8401ISZ Datasheet(HTML) 10 Page - Intersil Corporation

Back Button EL8401ISZ Datasheet HTML 6Page - Intersil Corporation EL8401ISZ Datasheet HTML 7Page - Intersil Corporation EL8401ISZ Datasheet HTML 8Page - Intersil Corporation EL8401ISZ Datasheet HTML 9Page - Intersil Corporation EL8401ISZ Datasheet HTML 10Page - Intersil Corporation EL8401ISZ Datasheet HTML 11Page - Intersil Corporation EL8401ISZ Datasheet HTML 12Page - Intersil Corporation EL8401ISZ Datasheet HTML 13Page - Intersil Corporation EL8401ISZ Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10
FN7105.3
March 9, 2006
Description of Operation and Application
Information
Product Description
The EL8200, EL8201 and EL8401 are wide bandwidth,
single supply, low power and rail-to-rail output voltage
feedback operational amplifiers. The amplifiers are internally
compensated for closed loop gain of +1 of greater.
Connected in voltage follower mode and driving a 1k
Ω load,
they have a -3dB bandwidth of 200MHz. Driving a 150
load, the bandwidth is about 130MHz while maintaining a
200V/us slew rate. The EL8200 is available with a power
down pin to reduce power to 30µA typically while the
amplifier is disabled.
Input, Output and Supply Voltage Range
The EL8200, EL8201 and EL8401 have been designed to
operate with a single supply voltage from 3V to 5.0V. Split
supplies can also be used as long as their total voltage is
within 3V to 5.0V. The amplifiers have an input common
mode voltage range from 0.15V below the negative supply
(VS- pin) to within 1.5V of the positive supply (VS+ pin). If the
input signal is outside the above specified range, it will cause
the output signal to be distorted.
The output of the EL8200, EL8201 and EL8401 can swing
rail to rail. As the load resistance becomes lower, the ability
to drive close to each rail is reduced. For the load resistor
1k
Ω, the output swing is about 4.9V at a 5V supply. For the
load resistor 150
Ω, the output swing is about 4.6V.
Choice of Feedback Resistor and Gain Bandwidth
Product
For applications that require a gain of +1, no feedback
resistor is required. Just short the output pin to the inverting
input pin. For gains greater than +1, the feedback resistor
forms a pole with the parasitic capacitance at the inverting
input. As this pole becomes smaller, the amplifier’s phase
margin is reduced. This causes ringing in the time domain
and peaking in the frequency domain. Therefore, RF has
some maximum value that should not be exceeded for
optimum performance. If a large value of RF must be used, a
small capacitor in the few Pico farad range in parallel with RF
can help to reduce the ringing and peaking at the expense of
reducing the bandwidth.
As far as the output stage of the amplifier is concerned, the
output stage is also a gain stage with the load. RF and RG
appear in parallel with RL for gains other than +1. As this
combination gets smaller, the bandwidth falls off.
Consequently, RF also has a minimum value that should not
be exceeded for optimum performance. For gain of +1, RF=0
is optimum. For the gains other than +1, optimum response
is obtained with RF between 300Ω to 1kΩ.
The EL8200, EL8201 and EL8401 have a gain bandwidth
product of 100MHz. For gains
≥5, its bandwidth can be
predicted by the following equation:
Video Performance
For good video performance, an amplifier is required to
maintain the same output impedance and the same
frequency response as DC levels are changed at the output.
This is especially difficult when driving a standard video load
of 150
Ω, because the change in output current with DC level.
Special circuitry has been incorporated in the EL8200,
EL8201 and EL8401 to reduce the variation of the output
impedance with the current output. This results in dG and dP
specifications of 0.03% and 0.05
°, while driving 150Ω at a
gain of 2. Driving high impedance loads would give a similar
or better dG and dP performance.
Driving Capacitive Loads and Cables
The EL8200, EL8201 and EL8401 can drive 10pF loads in
parallel with 1k
Ω with less than 5dB of peaking at gain of +1.
If less peaking is desired in applications, a small series
resistor (usually between 5
Ω to 50Ω) can be placed in series
with the output to eliminate most peaking. However, this will
reduce the gain slightly. If the gain setting is greater than 1,
the gain resistor RG can then be chosen to make up for any
gain loss which may be created by the additional series
resistor at the output.
When used as a cable driver, double termination is always
recommended for reflection-free performance. For those
applications, a back-termination series resistor at the
amplifier’s output will isolate the amplifier from the cable and
allow extensive capacitive drive. However, other applications
may have high capacitive loads without a back-termination
resistor. Again, a small series resistor at the output can help
to reduce peaking.
Disable/Power-Down
The EL8200 can be disabled and placed its output in a high
impedance state. The turn off time for each channel is about
25ns and the turn on time is about 200ns. When disabled,
the amplifier’s supply current is reduced to 30µA typically,
thereby effectively eliminating the power consumption. The
amplifier’s power down can be controlled by standard TTL or
CMOS signal levels at the ENABLE pin. The applied logic
signal is relative to VS- pin. Letting the ENABLE pin float or
applying a signal that is less than 0.8V above VS- will enable
the amplifier. The amplifier will be disabled when the signal
at ENABLE pin is 2V above VS-.
Output Drive Capability
The EL8200, EL8201 and EL8401 do not have internal short
circuit protection circuitry. They have a typical short circuit
current of 70mA sourcing and 140mA sinking for the output
is connected to half way between the rails with a 10
resistor. If the output is shorted indefinitely, the power
Gain BW
×
100MHz
=
EL8200, EL8201, EL8401


Similar Part No. - EL8401ISZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL8401ISZ INTERSIL-EL8401ISZ Datasheet
395Kb / 15P
   200MHz Rail-to-Rail Amplifiers
logo
Renesas Technology Corp
EL8401ISZ RENESAS-EL8401ISZ Datasheet
830Kb / 16P
   200MHz Rail-to-Rail Amplifiers
logo
Intersil Corporation
EL8401ISZ-T13 INTERSIL-EL8401ISZ-T13 Datasheet
395Kb / 15P
   200MHz Rail-to-Rail Amplifiers
logo
Renesas Technology Corp
EL8401ISZ-T13 RENESAS-EL8401ISZ-T13 Datasheet
830Kb / 16P
   200MHz Rail-to-Rail Amplifiers
logo
Intersil Corporation
EL8401ISZ-T7 INTERSIL-EL8401ISZ-T7 Datasheet
395Kb / 15P
   200MHz Rail-to-Rail Amplifiers
More results

Similar Description - EL8401ISZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL8200 INTERSIL-EL8200 Datasheet
1Mb / 15P
   200MHz Rail-to-Rail Amplifiers
EL8100 INTERSIL-EL8100_07 Datasheet
343Kb / 13P
   200MHz Rail-to-Rail Amplifiers
EL8100 INTERSIL-EL8100 Datasheet
564Kb / 14P
   200MHz Rail-to-Rail Amplifiers
EL8200 INTERSIL-EL8200_07 Datasheet
395Kb / 15P
   200MHz Rail-to-Rail Amplifiers
logo
Renesas Technology Corp
EL8200 RENESAS-EL8200 Datasheet
830Kb / 16P
   200MHz Rail-to-Rail Amplifiers
logo
Intersil Corporation
EL8100ISZ INTERSIL-EL8100ISZ Datasheet
561Kb / 14P
   200MHz Rail-to-Rail Amplifiers
September 14, 2010
logo
Renesas Technology Corp
EL8100 RENESAS-EL8100 Datasheet
748Kb / 14P
   200MHz Rail-to-Rail Amplifiers
logo
Intersil Corporation
EL8300 INTERSIL-EL8300 Datasheet
1Mb / 14P
   200MHz Rail-to-Rail Amplifier
logo
Renesas Technology Corp
EL8300 RENESAS-EL8300 Datasheet
1Mb / 14P
   200MHz Rail-to-Rail Amplifier
logo
Intersil Corporation
5962-0623501QPC INTERSIL-5962-0623501QPC Datasheet
115Kb / 4P
   500MHz Rail-to-Rail Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com