Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL4583CSZ-T7 Datasheet(PDF) 5 Page - Intersil Corporation

Part # EL4583CSZ-T7
Description  Sync Separator, 50% Slice, S-H, Filter, HOUT
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL4583CSZ-T7 Datasheet(HTML) 5 Page - Intersil Corporation

  EL4583CSZ-T7 Datasheet HTML 1Page - Intersil Corporation EL4583CSZ-T7 Datasheet HTML 2Page - Intersil Corporation EL4583CSZ-T7 Datasheet HTML 3Page - Intersil Corporation EL4583CSZ-T7 Datasheet HTML 4Page - Intersil Corporation EL4583CSZ-T7 Datasheet HTML 5Page - Intersil Corporation EL4583CSZ-T7 Datasheet HTML 6Page - Intersil Corporation EL4583CSZ-T7 Datasheet HTML 7Page - Intersil Corporation EL4583CSZ-T7 Datasheet HTML 8Page - Intersil Corporation EL4583CSZ-T7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
FN7173.2
May 5, 2006
Typical Performance Curves (Continued)
Package Power Dissipation vs Ambient
Temperature
JEDEC JESD51-3 Low Effective Thermal
Conductivity Test Board
1.8
1.6
1.4
1.2
1
0.8
0.6
0.4
0.2
0
025
50
75
100
125
150
Ambient Temperature (°C)
85
1.54W
PDIP16
θJA=81°C/W
1.136W
SO16 (0.150”)
θJA=110°C/W
2
1.8
1.6
1.4
1.2
1
0.8
0.4
0.2
0
0.6
025
50
75
100
125
150
Ambient Temperature (°C)
Package Power Dissipation vs Ambient
Temperature
JEDEC JESD51-7 High Effective Thermal
Conductivity Test Board
1.786W
1.563W
SO16 (0.150”)
θJA=80°C/W
PDIP16
θJA=70°C/W
EL4583


Similar Part No. - EL4583CSZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL4583CSZ-T7 INTERSIL-EL4583CSZ-T7 Datasheet
141Kb / 9P
   Sync Separator, 50% Slice, S-H, Filter, Horizontal sync output
EL4583CSZ-T7 INTERSIL-EL4583CSZ-T7 Datasheet
319Kb / 10P
   Sync Separator, 50% Slice, S-H, Filter
logo
Renesas Technology Corp
EL4583CSZ-T7 RENESAS-EL4583CSZ-T7 Datasheet
541Kb / 11P
   Sync Separator, 50% Slice, S-H, Filter, HOUT
More results

Similar Description - EL4583CSZ-T7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL4583A RENESAS-EL4583A Datasheet
526Kb / 10P
   Sync Separator, 50% Slice, S-H, Filter, HOUT
logo
Elantec Semiconductor
EL4583C ELANTEC-EL4583C Datasheet
272Kb / 12P
   Sync Separator, 50% Slice, S-H, Filter, HOUT
logo
Renesas Technology Corp
EL4583 RENESAS-EL4583 Datasheet
541Kb / 11P
   Sync Separator, 50% Slice, S-H, Filter, HOUT
logo
Intersil Corporation
EL4583A INTERSIL-EL4583A Datasheet
213Kb / 10P
   Sync Separator, 50% Slice, S-H, Filter, HOUT
EL4583 INTERSIL-EL4583_10 Datasheet
319Kb / 10P
   Sync Separator, 50% Slice, S-H, Filter
EL4581 INTERSIL-EL4581_08 Datasheet
208Kb / 10P
   Sync Separator, 50% Slice, S-H, Filter
logo
Elantec Semiconductor
EL4581C ELANTEC-EL4581C Datasheet
209Kb / 12P
   Sync Separator, 50% Slice, S-H, Filter
logo
Intersil Corporation
EL4583A INTERSIL-EL4583A_10 Datasheet
238Kb / 10P
   Sync Separator, 50% Slice, S-H, Filter
EL4581 INTERSIL-EL4581 Datasheet
108Kb / 9P
   Sync Separator, 50% Slice, S-H, Filter
EL4581 INTERSIL-EL4581_10 Datasheet
361Kb / 10P
   Sync Separator, 50% Slice, S-H, Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com