Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL5111IYE-T7 Datasheet(PDF) 9 Page - Intersil Corporation

Part # EL5111IYE-T7
Description  60MHz Rail-to-Rail Input-Output Op Amps
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5111IYE-T7 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button EL5111IYE-T7 Datasheet HTML 5Page - Intersil Corporation EL5111IYE-T7 Datasheet HTML 6Page - Intersil Corporation EL5111IYE-T7 Datasheet HTML 7Page - Intersil Corporation EL5111IYE-T7 Datasheet HTML 8Page - Intersil Corporation EL5111IYE-T7 Datasheet HTML 9Page - Intersil Corporation EL5111IYE-T7 Datasheet HTML 10Page - Intersil Corporation EL5111IYE-T7 Datasheet HTML 11Page - Intersil Corporation EL5111IYE-T7 Datasheet HTML 12Page - Intersil Corporation EL5111IYE-T7 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
9
FN7119.5
January 10, 2007
FIGURE 19.
-15
FREQUENCY (Hz)
-45
-65
1k
10k
100M
1M
10M
-55
100k
-25
-35
CMRR
FIGURE 20.
0
-80
-60
-40
-20
PSRR+
FREQUENCY (Hz)
100
1k
10M
100k
1M
10k
PSRR-
VS=±5V
TA=+25°C
PSRR
FIGURE 21.
10
100
FREQUENCY (Hz)
1
1K
100
1k
100M
1M
10M
100k
10k
INPUT VOLTAGE NOISE SPECTRAL DENSITY
FIGURE 22.
-60
-160
-120
-100
-80
DUAL MEASURED CH A TO B
QUAD MEASURED CH A TO D OR B TO C
OTHER COMBINATIONS YIELD
IMPROVED REJECTION
VS=±5V
RL=1kΩ
AV=1
VIN=110mVRMS
-140
FREQUENCY (Hz)
1k
10k
10M 30M
1M
100k
CHANNEL SEPARATION
FIGURE 23.
LOAD CAPACITANCE (pF)
VS=±5V
AV=1
RL=1kΩ
VIN=±50mV
TA=+25°C
10
1k
100
100
0
40
60
80
20
SMALL-SIGNAL OVERSHOOT vs LOAD
CAPACITANCE
FIGURE 24.
-4
4
SETTLING TIME (ns)
-5
5
0
2
-2
65
55
75
105
95
VS=±5V
AV=1
RL=1kΩ
85
3
-1
1
-3
0.1%
0.1%
SETTLING TIME vs STEP SIZE
Typical Performance Curves (Continued)
EL5111, EL5211, EL5411


Similar Part No. - EL5111IYE-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5111IYE-T7 INTERSIL-EL5111IYE-T7 Datasheet
653Kb / 12P
   60MHz Rail-to-Rail Input-Output Op Amps
EL5111IYE-T7 INTERSIL-EL5111IYE-T7 Datasheet
494Kb / 18P
   60MHz Rail-to-Rail Input-Output Op Amps
More results

Similar Description - EL5111IYE-T7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5111 RENESAS-EL5111 Datasheet
857Kb / 19P
   60MHz Rail-to-Rail Input-Output Op Amps
logo
Intersil Corporation
EL5111_0705 INTERSIL-EL5111_0705 Datasheet
494Kb / 18P
   60MHz Rail-to-Rail Input-Output Op Amps
EL5111 INTERSIL-EL5111 Datasheet
653Kb / 12P
   60MHz Rail-to-Rail Input-Output Op Amps
EL5111IWTZ-T7 INTERSIL-EL5111IWTZ-T7 Datasheet
453Kb / 19P
   60MHz Rail-to-Rail Input-Output Op Amps
August 27, 2015
EL5211A INTERSIL-EL5211A_07 Datasheet
203Kb / 12P
   60MHz Rail-to-Rail Input-Output Op Amp
EL5211A INTERSIL-EL5211A Datasheet
204Kb / 12P
   60MHz Rail-to-Rail Input-Output Op Amp
logo
Renesas Technology Corp
EL5211A RENESAS-EL5211A Datasheet
579Kb / 12P
   60MHz Rail-to-Rail Input-Output Op Amp
logo
Elantec Semiconductor
EL5220C ELANTEC-EL5220C Datasheet
275Kb / 13P
   12MHz Rail-to-Rail Input-Output Op Amps
logo
Renesas Technology Corp
EL5120 RENESAS-EL5120 Datasheet
938Kb / 21P
   12MHz Rail-to-Rail Input-Output Op Amps
logo
Elantec Semiconductor
EL5210C ELANTEC-EL5210C Datasheet
329Kb / 14P
   30MHz Rail-to-Rail Input-Output Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com