Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL4583CS-T13 Datasheet(PDF) 8 Page - Intersil Corporation

Part # EL4583CS-T13
Description  Sync Separator, 50% Slice, S-H, Filter, HOUT
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL4583CS-T13 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button EL4583CS-T13 Datasheet HTML 2Page - Intersil Corporation EL4583CS-T13 Datasheet HTML 3Page - Intersil Corporation EL4583CS-T13 Datasheet HTML 4Page - Intersil Corporation EL4583CS-T13 Datasheet HTML 5Page - Intersil Corporation EL4583CS-T13 Datasheet HTML 6Page - Intersil Corporation EL4583CS-T13 Datasheet HTML 7Page - Intersil Corporation EL4583CS-T13 Datasheet HTML 8Page - Intersil Corporation EL4583CS-T13 Datasheet HTML 9Page - Intersil Corporation EL4583CS-T13 Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
FN7173.2
May 5, 2006
Description of Operation
A simplified block schematic is shown in Figure 1. The
following description is intended to provide the user with
sufficient information to understand the effects of the
external components and signal conditions on the outputs of
the integrated circuit.
The video signal is AC coupled to pin 4 via the capacitor C1,
nominally 0.1µF. The clamp circuit A1 will prevent the input
signal on pin 4 going more negative than 1.5V, the value of
reference voltage VR1. Thus the sync tip, the most negative
part of the video waveform, will be clamped at 1.5V. The
current source I1, nominally 6µA, charges the coupling
capacitor during the remaining portion of the H line,
approximately 58µs for a 15.75kHz timebase. From I • t = C • V,
the video time-constant can be calculated. It is important to
note that the charge taken from the capacitor during video
must be replaced during the sync tip time, which is much
shorter, (ratio of x 12.5). The corresponding current to
restore the charge during sync will therefore be an order of
magnitude higher, and any resistance in series with CI will
cause sync tip crushing. For this reason, the internal series
resistance has been minimized and external high resistance
values in series with the input coupling capacitor should be
avoided. The user can exercise some control over the value
of the input time constant by introducing an external pull-up
resistance from pin 4 to the 5V supply. The maximum
voltage across the resistance will be VDD less 1.5V, for black
level. For a net discharge current greater than zero, the
resistance should be greater than 450k. This will have the
effect of increasing the time constant and reducing the
degree of picture tilt. The current source I1 directly tracks
reference current ITR and thus increases with scan rate
adjustment, as explained later.
FIGURE 4. STANDARD (NTSC INPUT) H. SYNC DETAIL
EL4583


Similar Part No. - EL4583CS-T13

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL4583CS-T13 ELANTEC-EL4583CS-T13 Datasheet
272Kb / 12P
   Sync Separator, 50% Slice, S-H, Filter, HOUT
logo
Intersil Corporation
EL4583CS-T13 INTERSIL-EL4583CS-T13 Datasheet
141Kb / 9P
   Sync Separator, 50% Slice, S-H, Filter, Horizontal sync output
EL4583CS-T13 INTERSIL-EL4583CS-T13 Datasheet
319Kb / 10P
   Sync Separator, 50% Slice, S-H, Filter
logo
Renesas Technology Corp
EL4583CS-T13 RENESAS-EL4583CS-T13 Datasheet
541Kb / 11P
   Sync Separator, 50% Slice, S-H, Filter, HOUT
More results

Similar Description - EL4583CS-T13

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL4583A RENESAS-EL4583A Datasheet
526Kb / 10P
   Sync Separator, 50% Slice, S-H, Filter, HOUT
logo
Elantec Semiconductor
EL4583C ELANTEC-EL4583C Datasheet
272Kb / 12P
   Sync Separator, 50% Slice, S-H, Filter, HOUT
logo
Renesas Technology Corp
EL4583 RENESAS-EL4583 Datasheet
541Kb / 11P
   Sync Separator, 50% Slice, S-H, Filter, HOUT
logo
Intersil Corporation
EL4583A INTERSIL-EL4583A Datasheet
213Kb / 10P
   Sync Separator, 50% Slice, S-H, Filter, HOUT
EL4583 INTERSIL-EL4583_10 Datasheet
319Kb / 10P
   Sync Separator, 50% Slice, S-H, Filter
EL4581 INTERSIL-EL4581_08 Datasheet
208Kb / 10P
   Sync Separator, 50% Slice, S-H, Filter
logo
Elantec Semiconductor
EL4581C ELANTEC-EL4581C Datasheet
209Kb / 12P
   Sync Separator, 50% Slice, S-H, Filter
logo
Intersil Corporation
EL4583A INTERSIL-EL4583A_10 Datasheet
238Kb / 10P
   Sync Separator, 50% Slice, S-H, Filter
EL4581 INTERSIL-EL4581 Datasheet
108Kb / 9P
   Sync Separator, 50% Slice, S-H, Filter
EL4581 INTERSIL-EL4581_10 Datasheet
361Kb / 10P
   Sync Separator, 50% Slice, S-H, Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com