Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL8201ISZ-T7 Datasheet(PDF) 2 Page - Intersil Corporation

Part # EL8201ISZ-T7
Description  200MHz Rail-to-Rail Amplifiers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL8201ISZ-T7 Datasheet(HTML) 2 Page - Intersil Corporation

  EL8201ISZ-T7 Datasheet HTML 1Page - Intersil Corporation EL8201ISZ-T7 Datasheet HTML 2Page - Intersil Corporation EL8201ISZ-T7 Datasheet HTML 3Page - Intersil Corporation EL8201ISZ-T7 Datasheet HTML 4Page - Intersil Corporation EL8201ISZ-T7 Datasheet HTML 5Page - Intersil Corporation EL8201ISZ-T7 Datasheet HTML 6Page - Intersil Corporation EL8201ISZ-T7 Datasheet HTML 7Page - Intersil Corporation EL8201ISZ-T7 Datasheet HTML 8Page - Intersil Corporation EL8201ISZ-T7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
FN7105.3
March 9, 2006
Ordering Information
PART NUMBER
PART MARKING
TAPE & REEL
PACKAGE
PKG. DWG. #
EL8200IY
j
-
10 Ld MSOP
MDP0043
EL8200IY-T7
j
7”
10 Ld MSOP
MDP0043
EL8200IY-T13
j
13”
10 Ld MSOP
MDP0043
EL8200IYZ (See Note)
BAMAA
-
10 Ld MSOP (Pb-free)
MDP0043
EL8200IYZ-T7 (See Note)
BAMAA
7”
10 Ld MSOP (Pb-free)
MDP0043
EL8200IYZ-T13 (See Note)
BAMAA
13”
10 Ld MSOP (Pb-free)
MDP0043
EL8201IS
8201IS
-
8 Ld SO
MDP0027
EL8201IS-T7
8201IS
7”
8 Ld SO
MDP0027
EL8201IS-T13
8201IS
13”
8 Ld SO
MDP0027
EL8201ISZ (See Note)
8201ISZ
-
8 Ld SO (Pb-free)
MDP0027
EL8201ISZ-T7 (See Note)
8201ISZ
7”
8 Ld SO (Pb-free)
MDP0027
EL8201ISZ-T13 (See Note)
8201ISZ
13”
8 Ld SO (Pb-free)
MDP0027
EL8401IS
8401IS
-
14 Ld SO
MDP0027
EL8401IS-T7
8401IS
7”
14 Ld SO
MDP0027
EL8401IS-T13
8401IS
13”
14 Ld SO
MDP0027
EL8401ISZ (See Note)
8401ISZ
-
14 Ld SO (Pb-free)
MDP0027
EL8401ISZ-T7 (See Note)
8401ISZ
7”
14 Ld SO (Pb-free)
MDP0027
EL8401ISZ-T13 (See Note)
8401ISZ
13”
14 Ld SO (Pb-free)
MDP0027
EL8401IU
8401IU
-
16 Ld QSOP
MDP0040
EL8401IU-T7
8401IU
7”
16 Ld QSOP
MDP0040
EL8401IU-T13
8401IU
13”
16 Ld QSOP
MDP0040
EL8401IUZ (See Note)
8401IUZ
-
16 Ld QSOP (Pb-free)
MDP0040
EL8401IUZ-T7 (See Note)
8401IUZ
7”
16 Ld QSOP (Pb-free)
MDP0040
EL8401IUZ-T13 (See Note)
8401IUZ
13”
16 Ld QSOP (Pb-free)
MDP0040
NOTE: Intersil Pb-free products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate termination
finish, which is compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL classified at Pb-free peak reflow
temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J Std-020B.
EL8200, EL8201, EL8401


Similar Part No. - EL8201ISZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL8201ISZ-T7 INTERSIL-EL8201ISZ-T7 Datasheet
395Kb / 15P
   200MHz Rail-to-Rail Amplifiers
logo
Renesas Technology Corp
EL8201ISZ-T7 RENESAS-EL8201ISZ-T7 Datasheet
830Kb / 16P
   200MHz Rail-to-Rail Amplifiers
More results

Similar Description - EL8201ISZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL8200 INTERSIL-EL8200 Datasheet
1Mb / 15P
   200MHz Rail-to-Rail Amplifiers
EL8100 INTERSIL-EL8100_07 Datasheet
343Kb / 13P
   200MHz Rail-to-Rail Amplifiers
EL8100 INTERSIL-EL8100 Datasheet
564Kb / 14P
   200MHz Rail-to-Rail Amplifiers
EL8200 INTERSIL-EL8200_07 Datasheet
395Kb / 15P
   200MHz Rail-to-Rail Amplifiers
logo
Renesas Technology Corp
EL8200 RENESAS-EL8200 Datasheet
830Kb / 16P
   200MHz Rail-to-Rail Amplifiers
logo
Intersil Corporation
EL8100ISZ INTERSIL-EL8100ISZ Datasheet
561Kb / 14P
   200MHz Rail-to-Rail Amplifiers
September 14, 2010
logo
Renesas Technology Corp
EL8100 RENESAS-EL8100 Datasheet
748Kb / 14P
   200MHz Rail-to-Rail Amplifiers
logo
Intersil Corporation
EL8300 INTERSIL-EL8300 Datasheet
1Mb / 14P
   200MHz Rail-to-Rail Amplifier
logo
Renesas Technology Corp
EL8300 RENESAS-EL8300 Datasheet
1Mb / 14P
   200MHz Rail-to-Rail Amplifier
logo
Intersil Corporation
5962-0623501QPC INTERSIL-5962-0623501QPC Datasheet
115Kb / 4P
   500MHz Rail-to-Rail Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com