Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL8102ISZ Datasheet(PDF) 5 Page - Intersil Corporation

Part # EL8102ISZ
Description  500MHz Rail-to-Rail Amplifiers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL8102ISZ Datasheet(HTML) 5 Page - Intersil Corporation

  EL8102ISZ Datasheet HTML 1Page - Intersil Corporation EL8102ISZ Datasheet HTML 2Page - Intersil Corporation EL8102ISZ Datasheet HTML 3Page - Intersil Corporation EL8102ISZ Datasheet HTML 4Page - Intersil Corporation EL8102ISZ Datasheet HTML 5Page - Intersil Corporation EL8102ISZ Datasheet HTML 6Page - Intersil Corporation EL8102ISZ Datasheet HTML 7Page - Intersil Corporation EL8102ISZ Datasheet HTML 8Page - Intersil Corporation EL8102ISZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
FIGURE 5. SMALL SIGNAL FREQUENCY RESPONSE FOR
VARIOUS RLOAD
FIGURE 6. SMALL SIGNAL FREQUENCY RESPONSE vs
VARIOUS RLOAD
FIGURE 7. SMALL SIGNAL FREQUENCY RESPONSE vs CL
FIGURE 8. SMALL SIGNAL FREQUENCY RESPONSE FOR
VARIOUS CL
FIGURE 9. OPEN LOOP GAIN AND PHASE vs FREQUENCY
FIGURE 10. DISABLED OUTPUT ISOLATION FREQUENCY
RESPONSE
Typical Performance Curves (Continued)
5
3
1
-1
-3
-5
100K
1M
10M
100M
1G
FREQUENCY (Hz)
RL=1kΩ
RL=100Ω
VS=5V
AV=1
CL=5pF
VOP-P=200mV
RL=500Ω
11
9
7
5
3
1
100K
1M
10M
100M
1G
FREQUENCY (Hz)
VS=5V
AV=2
CL=5pF
RF=RG=1kΩ
RL=500Ω
RL=1kΩ,
150
5
3
1
-1
-3
-5
100K
1M
10M
100M
1G
FREQUENCY (Hz)
CL=10pF
CL=5pF
CL=1.5pF
VS=5V
AV=1
RL=1kΩ
VOP-P=200mV
11
9
7
5
3
1
100K
1M
10M
100M
1G
FREQUENCY (Hz)
VS=5V
AV=2
RL=1kΩ
RF=RG=1kΩ
CL=30pF
CL=20pF
CL=14pF
CL=9pF
CL=5pF
110
70
30
-10
-50
-90
1K
10K
1M
100M
1G
FREQUENCY (Hz)
RL=1kΩ
-45
405
315
225
135
45
100K
10M
RL=150Ω
RL=150Ω
RL=1kΩ
-10
-30
-50
-70
-90
-110
1K
10K
100K
100M
1G
FREQUENCY (Hz)
VS=5V
AV=1
RL=1kΩ
1M
10M
EL8102, EL8103


Similar Part No. - EL8102ISZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL8102ISZ INTERSIL-EL8102ISZ Datasheet
221Kb / 12P
   500MHz Rail-to-Rail Amplifiers
EL8102ISZ INTERSIL-EL8102ISZ Datasheet
363Kb / 14P
   500MHz Rail-to-Rail Amplifiers
logo
Renesas Technology Corp
EL8102ISZ RENESAS-EL8102ISZ Datasheet
752Kb / 14P
   500MHz Rail-to-Rail Amplifiers
logo
Intersil Corporation
EL8102ISZ-T13 INTERSIL-EL8102ISZ-T13 Datasheet
221Kb / 12P
   500MHz Rail-to-Rail Amplifiers
EL8102ISZ-T13 INTERSIL-EL8102ISZ-T13 Datasheet
363Kb / 14P
   500MHz Rail-to-Rail Amplifiers
More results

Similar Description - EL8102ISZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
5962-0623501QPC INTERSIL-5962-0623501QPC Datasheet
115Kb / 4P
   500MHz Rail-to-Rail Amplifiers
logo
Renesas Technology Corp
EL8202 RENESAS-EL8202 Datasheet
945Kb / 16P
   500MHz Rail-to-Rail Amplifiers
logo
Intersil Corporation
5962-0721301QHC INTERSIL-5962-0721301QHC Datasheet
133Kb / 6P
   500MHz Rail-to-Rail Amplifiers
EL8102 INTERSIL-EL8102 Datasheet
221Kb / 12P
   500MHz Rail-to-Rail Amplifiers
EL8403 INTERSIL-EL8403 Datasheet
739Kb / 16P
   500MHz Rail-to-Rail Amplifiers
5962-0721301QXC INTERSIL-5962-0721301QXC Datasheet
131Kb / 5P
   500MHz Rail-to-Rail Amplifiers
logo
Renesas Technology Corp
EL8102 RENESAS-EL8102 Datasheet
752Kb / 14P
   500MHz Rail-to-Rail Amplifiers
logo
Intersil Corporation
EL8403 INTERSIL-EL8403 Datasheet
740Kb / 16P
   500MHz Rail-to-Rail Amplifiers
EL8102 INTERSIL-EL8102_07 Datasheet
363Kb / 14P
   500MHz Rail-to-Rail Amplifiers
logo
Renesas Technology Corp
5962-0623501 RENESAS-5962-0623501 Datasheet
237Kb / 4P
   500MHz Rail-to-Rail Amplifiers
November 3, 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com