Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL2250CSZ-T7 Datasheet(PDF) 11 Page - Intersil Corporation

Part # EL2250CSZ-T7
Description  125MHz Single Supply Dual/Quad Op Amps
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2250CSZ-T7 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button EL2250CSZ-T7 Datasheet HTML 7Page - Intersil Corporation EL2250CSZ-T7 Datasheet HTML 8Page - Intersil Corporation EL2250CSZ-T7 Datasheet HTML 9Page - Intersil Corporation EL2250CSZ-T7 Datasheet HTML 10Page - Intersil Corporation EL2250CSZ-T7 Datasheet HTML 11Page - Intersil Corporation EL2250CSZ-T7 Datasheet HTML 12Page - Intersil Corporation EL2250CSZ-T7 Datasheet HTML 13Page - Intersil Corporation EL2250CSZ-T7 Datasheet HTML 14Page - Intersil Corporation EL2250CSZ-T7 Datasheet HTML 15Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11
FN7061.3
May 19, 2006
The output range of the EL2250/EL2450 is also quite large.
It includes the negative rail, and extends to within 1V of the
top supply rail with a 1k
Ω load. On a +5V supply, the output
is therefore capable of swinging from 0V to +4V. On split
supplies, the output will swing ±4V. If the load resistor is tied
to the negative rail and split supplies are used, the output
range is extended to the negative rail.
Choice Of Feedback Resistor, RF
The feedback resistor forms a pole with the input
capacitance. As this pole becomes larger, phase margin is
reduced. This increases ringing in the time domain and
peaking in the frequency domain. Therefore, RF has some
maximum value which should not be exceeded for optimum
performance. If a large value of RF must be used, a small
capacitor in the few picofarad range in parallel with RF can
help to reduce this ringing and peaking at the expense of
reducing the bandwidth.
As far as the output stage of the amplifier is concerned,
RF +RG appear in parallel with RL for gains other than +1.
As this combination gets smaller, the bandwidth falls off.
Consequently, RF has a minimum value that should not be
exceeded for optimum performance.
For AV = +1, RF = 0Ω is optimum. For AV = -1 or +2 (noise
gain of 2), optimum response is obtained with RF between
500
Ω and 1kΩ. For AV = -4 or +5 (noise gain of 5), keep RF
between 2k
Ω and 10kΩ.
Video Performance
For good video performance, an amplifier is required to
maintain the same output impedance and the same
frequency response as DC levels are changed at the output.
This can be difficult when driving a standard video load of
150
Ω, because of the change in output current with DC level.
Differential Gain and Differential Phase for the
EL2250/EL2450 are specified with the black level of the
output video signal set to +1.2V. This allows ample room for
the sync pulse even in a gain of +2 configuration. This
results in dG and dP specifications of 0.05% and 0.05° while
driving 150
Ω at a gain of +2. Setting the black level to other
values, although acceptable, will compromise peak
performance. For example, looking at the single supply dG
and dP curves for RL = 150Ω, if the output black level clamp
is reduced from 1.2V to 0.6V dG/dP will increase from
0.05%/0.05° to 0.08%/0.25° Note that in a gain of +2
configuration, this is the lowest black level allowed such that
the sync tip doesn’t go below 0V.
If your application requires that the output goes to ground,
then the output stage of the EL2250/EL2450, like all other
single supply op amps, requires an external pull down
resistor tied to ground. As mentioned above, the current
flowing through this resistor becomes the DC bias current for
the output stage NPN transistor. As this current approaches
zero, the NPN turns off, and dG and dP will increase. This
becomes more critical as the load resistor is increased in
value. While driving a light load, such as 1k
Ω, if the input
black level is kept above 1.25V, dG and dP are a respectable
0.03% and 0.03°.
For other biasing conditions see the Differential Gain and
Differential Phase vs. Input Voltage curves.
Output Drive Capability
In spite of their moderately low 5mA of supply current, the
EL2250/EL2450 are capable of providing ±100mA of output
current into a 10
Ω load, or ±60mA into 50Ω. With this large
output current capability, a 50
Ω load can be driven to ±3V
with VS = ±5V, making it an excellent choice for driving
isolation transformers in telecommunications applications.
Driving Cables and Capacitive Loads
When used as a cable driver, double termination is always
recommended for reflection-free performance. For those
applications, the back-termination series resistor will de-
couple the EL2250/EL2450 from the cable and allow
extensive capacitive drive. However, other applications may
have high capacitive loads without a back-termination
resistor. In these applications, a small series resistor (usually
between 5
Ω and 50Ω) can be placed in series with the
output to eliminate most peaking. The gain resistor (RG) can
then be chosen to make up for any gain loss which may be
created by this additional resistor at the output.
Video Sync Pulse Remover Application
All CMOS Analog to Digital Converters (A/Ds) have a
parasitic latch-up problem when subjected to negative input
voltage levels. Since the sync tip contains no useful video
information and it is a negative going pulse, we can chop it
off.
Figure 1 shows a unity gain connected amplifier A of an
EL2250. Figure 2 shows the complete input video signal
applied at the input, as well as the output signal with the
negative going sync pulse removed.
FIGURE 1.
EL2250, EL2450


Similar Part No. - EL2250CSZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL2250CSZ-T7 INTERSIL-EL2250CSZ-T7 Datasheet
419Kb / 15P
   125MHz Single Supply Dual/Quad Op Amps
logo
Renesas Technology Corp
EL2250CSZ-T7 RENESAS-EL2250CSZ-T7 Datasheet
952Kb / 15P
   125MHz Single Supply Dual/Quad Op Amps
More results

Similar Description - EL2250CSZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL2450 INTERSIL-EL2450 Datasheet
419Kb / 15P
   125MHz Single Supply Dual/Quad Op Amps
logo
Elantec Semiconductor
EL2250C ELANTEC-EL2250C Datasheet
595Kb / 17P
   125MHz Single Supply Dual/Quad Op Amps
logo
Renesas Technology Corp
EL2250 RENESAS-EL2250 Datasheet
952Kb / 15P
   125MHz Single Supply Dual/Quad Op Amps
logo
Intersil Corporation
EL2150 INTERSIL-EL2150 Datasheet
620Kb / 19P
   125MHz Single Supply, Clamping Op Amps
logo
Maxim Integrated Produc...
MAX406 MAXIM-MAX406_09 Datasheet
7Mb / 16P
   Single/Dual/Quad, Single-Supply Op Amps
Rev 4; 4/09
MAX473 MAXIM-MAX473 Datasheet
144Kb / 12P
   Single/Dual/Quad, 10MHz Single-Supply Op Amps
Rev 1; 3/95
MAX406 MAXIM-MAX406_08 Datasheet
6Mb / 17P
   1.2μA Max, Single/Dual/Quad, Single-Supply Op Amps
Rev 3; 10/08
MAX44241 MAXIM-MAX44241 Datasheet
961Kb / 13P
   Single/Quad/Dual Op Amps
Rev 5; 1/14
logo
Linear Technology
LT1078 LINER-LT1078 Datasheet
514Kb / 20P
   Micropower, Dual and Quad, Single Supply, Precision Op Amps
logo
Linear Dimensions Semic...
LT2079CS LINEAR_DIMENSIONS-LT2079CS Datasheet
345Kb / 16P
   Micropower, Dual and Quad, Single Supply, Precision Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com