Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL8201 Datasheet(PDF) 7 Page - Intersil Corporation

Part # EL8201
Description  200MHz Rail-to-Rail Amplifiers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL8201 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button EL8201 Datasheet HTML 3Page - Intersil Corporation EL8201 Datasheet HTML 4Page - Intersil Corporation EL8201 Datasheet HTML 5Page - Intersil Corporation EL8201 Datasheet HTML 6Page - Intersil Corporation EL8201 Datasheet HTML 7Page - Intersil Corporation EL8201 Datasheet HTML 8Page - Intersil Corporation EL8201 Datasheet HTML 9Page - Intersil Corporation EL8201 Datasheet HTML 10Page - Intersil Corporation EL8201 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
7
FN7105.3
March 9, 2006
FIGURE 13. POWER SUPPLY REJECTION RATIO vs
FREQUENCY
FIGURE 14. HARMONIC DISTORTION vs OUTPUT VOLTAGE
FIGURE 15. DISABLED OUTPUT ISOLATION FREQUENCY
RESPONSE
FIGURE 16. HARMONIC DISTORTION vs FREQUENCY
FIGURE 17. HARMONIC DISTORTION vs LOAD RESISTANCE
FIGURE 18. VOLTAGE AND CURRENT NOISE vs FREQUENCY
Typical Performance Curves (Continued)
-10
-30
-50
-70
-90
-110
1K
10K
10M
100M
FREQUENCY (Hz)
100K
1M
PSRR-
PSRR+
-45
-65
-75
-55
-95
15
VOP-P (V)
VS=5V
RL=1kΩ
CL=1.5pF
AV=2
-85
34
2
HD2
@10
MHz
HD3
@1
0MH
z
HD3@5M
Hz
HD2@5M
Hz
HD2@
1MHz
HD3@1MHz
-10
-30
-50
-70
-90
-110
1K
10K
1M
100M
1G
FREQUENCY (Hz)
VS=5V
AV=1
RL=1kΩ
CL=1.5pF
10M
100K
-30
-50
-80
-40
-100
140
FREQUENCY (MHz)
VS=5V
RL=1kΩ
VO=1VP-P for AV=1
VO=2VP-P for AV=2
-90
10
HD
2@
A V
=2
-70
-60
H
D
2@
A V
=1
HD
3@
A V
=2
HD3@AV=1
-60
-75
-90
-65
-100
100
2K
RLOAD (Ω)
-95
1K
VS=5V
VO=1VP-P for AV=1
VO=2VP-P for AV=2
-70
-85
-80
HD2@A
V=
2
HD2@A
V=1
HD3@
A
V=2
HD
3@
A
V =1
1K
1
100
0.1
10
100
10K
100K
10M
FREQUENCY (Hz)
eN
10
1K
1M
IN+
IN-
EL8200, EL8201, EL8401


Similar Part No. - EL8201

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL8201 INTERSIL-EL8201 Datasheet
1Mb / 15P
   200MHz Rail-to-Rail Amplifiers
EL8201 INTERSIL-EL8201 Datasheet
395Kb / 15P
   200MHz Rail-to-Rail Amplifiers
logo
Renesas Technology Corp
EL8201 RENESAS-EL8201 Datasheet
830Kb / 16P
   200MHz Rail-to-Rail Amplifiers
logo
Intersil Corporation
EL8201IS INTERSIL-EL8201IS Datasheet
395Kb / 15P
   200MHz Rail-to-Rail Amplifiers
EL8201IS-T13 INTERSIL-EL8201IS-T13 Datasheet
395Kb / 15P
   200MHz Rail-to-Rail Amplifiers
More results

Similar Description - EL8201

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL8200 INTERSIL-EL8200 Datasheet
1Mb / 15P
   200MHz Rail-to-Rail Amplifiers
EL8100 INTERSIL-EL8100_07 Datasheet
343Kb / 13P
   200MHz Rail-to-Rail Amplifiers
EL8100 INTERSIL-EL8100 Datasheet
564Kb / 14P
   200MHz Rail-to-Rail Amplifiers
EL8200 INTERSIL-EL8200_07 Datasheet
395Kb / 15P
   200MHz Rail-to-Rail Amplifiers
logo
Renesas Technology Corp
EL8200 RENESAS-EL8200 Datasheet
830Kb / 16P
   200MHz Rail-to-Rail Amplifiers
logo
Intersil Corporation
EL8100ISZ INTERSIL-EL8100ISZ Datasheet
561Kb / 14P
   200MHz Rail-to-Rail Amplifiers
September 14, 2010
logo
Renesas Technology Corp
EL8100 RENESAS-EL8100 Datasheet
748Kb / 14P
   200MHz Rail-to-Rail Amplifiers
logo
Intersil Corporation
EL8300 INTERSIL-EL8300 Datasheet
1Mb / 14P
   200MHz Rail-to-Rail Amplifier
logo
Renesas Technology Corp
EL8300 RENESAS-EL8300 Datasheet
1Mb / 14P
   200MHz Rail-to-Rail Amplifier
logo
Intersil Corporation
5962-0623501QPC INTERSIL-5962-0623501QPC Datasheet
115Kb / 4P
   500MHz Rail-to-Rail Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com