Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL7566DREZ Datasheet(PDF) 11 Page - Intersil Corporation

Part # EL7566DREZ
Description  Monolithic 6A DC/DC Step-Down Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL7566DREZ Datasheet(HTML) 11 Page - Intersil Corporation

Back Button EL7566DREZ Datasheet HTML 6Page - Intersil Corporation EL7566DREZ Datasheet HTML 7Page - Intersil Corporation EL7566DREZ Datasheet HTML 8Page - Intersil Corporation EL7566DREZ Datasheet HTML 9Page - Intersil Corporation EL7566DREZ Datasheet HTML 10Page - Intersil Corporation EL7566DREZ Datasheet HTML 11Page - Intersil Corporation EL7566DREZ Datasheet HTML 12Page - Intersil Corporation EL7566DREZ Datasheet HTML 13Page - Intersil Corporation EL7566DREZ Datasheet HTML 14Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
FN7102.7
May 8, 2006
The VTJ pin reports a voltage proportional to the junction
temperature. Equation 3 illustrates the relationship and can
be used to accurately evaluate thermal design points.
Full Start-Up Control
The EL7566 offers full start-up control. The core of this
control is a start-up comparator in front of the main PWM
controller. The STP and STN are the inputs to the
comparator, whose HI output forces the PWM comparator to
skip switching cycles. The user can choose any of the
following control configurations:
ADJUSTABLE SOFT-START
In this configuration, the ramp-up time is adjustable to any
time longer than the building soft-start time of 2ms. The
approximate ramp-up time, TST, is:
CASCADE START-UP
In this configuration, EN pin of Regulator 2 is connected to
the PG pin of Regulator 1 (Figure 22). VO2 will only start
after VO1 is good.
LINEAR START-UP
In the linear start-up tracking configuration, the regulator with
lower output voltage, VO2, tracks the one with higher output
voltage, VO1.
OFFSET START-UP
Compared with the cascade start-up, this configuration
allows Regulator 2 to begin the start-up process when VO1
reaches a particular value of VREF*(1+RB/RA) before PG
goes HI, where VREF is the regulator reference voltage.
VREF=1.26.
Component Selection
INPUT CAPACITOR
The main functions of the input capacitor(s) are to maintain
the input voltage steady and to filter out the pulse current
passing through the upper switch. The root-mean-square
value of this current is:
for a wide range of VIN and VO.
For long-term reliability, the input capacitor or combination of
capacitors must have the current rating higher than IIN,RMS.
Use X5R or X7R type ceramic capacitors, or SPCAP or
POSCAP types of Polymer capacitors for their high current
handling capability.
TJ
75
1.2 VTJ
0.00384
------------------------
+
=
TST
RC
VO
VIN
---------
⎝⎠
⎜⎟
⎛⎞
=
VIN
STP
VO
-
+
STN
0.1µF
200K
VO
TST
R
C
EL7566
FIGURE 21. ADJUSTABLE START-UP
EL7566
VIN
EL7566
EN
PG
VO2
VO1
VO2
VO1
FIGURE 22. CASCADE START-UP
VIN
STP
VO1
-
+
STN
C
R
-
+
VIN
VO2
VO1
VO2
EL7566
EL7566
FIGURE 23. LINEAR START-UP TRACKING
VIN
VO1
-
+
VIN
VO2
VREF
RB
RA
VO1
VO2
VREF(1+RB/RA)
EL7566
EL7566
FIGURE 24. OFFSET START-UP TRACKING
IIN,RMS
VO VIN VO
()
×
VIN
-----------------------------------------------
IO 1/2
×
I
( O)
=
EL7566


Similar Part No. - EL7566DREZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7566DREZ INTERSIL-EL7566DREZ Datasheet
490Kb / 14P
   Monolithic 6 Amp DC-DC Step-Down Regulator
logo
Renesas Technology Corp
EL7566DREZ RENESAS-EL7566DREZ Datasheet
751Kb / 14P
   Monolithic 6A DC/DC Step-Down Regulator
logo
Intersil Corporation
EL7566DREZ-T13 INTERSIL-EL7566DREZ-T13 Datasheet
490Kb / 14P
   Monolithic 6 Amp DC-DC Step-Down Regulator
logo
Renesas Technology Corp
EL7566DREZ-T13 RENESAS-EL7566DREZ-T13 Datasheet
751Kb / 14P
   Monolithic 6A DC/DC Step-Down Regulator
logo
Intersil Corporation
EL7566DREZ-T7 INTERSIL-EL7566DREZ-T7 Datasheet
490Kb / 14P
   Monolithic 6 Amp DC-DC Step-Down Regulator
More results

Similar Description - EL7566DREZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL7566 RENESAS-EL7566 Datasheet
751Kb / 14P
   Monolithic 6A DC/DC Step-Down Regulator
EL7554 RENESAS-EL7554 Datasheet
732Kb / 14P
   Monolithic 4A DC/DC Step-Down Regulator
logo
Intersil Corporation
EL7562 INTERSIL-EL7562 Datasheet
246Kb / 9P
   Monolithic 2Amp DC-DC Step-Down Regulator
EL7562 INTERSIL-EL7562_06 Datasheet
162Kb / 9P
   Monolithic 2Amp DC-DC Step-Down Regulator
logo
Renesas Technology Corp
EL7562 RENESAS-EL7562 Datasheet
470Kb / 9P
   Monolithic 2Amp DC-DC Step-Down Regulator
logo
Linear Technology
LTC3616 LINER-LTC3616_15 Datasheet
533Kb / 28P
   6A, 4MHz Monolithic Synchronous Step-Down DC/DC Converter
LTC3616 LINER-LTC3616 Datasheet
442Kb / 28P
   6A, 4MHz Monolithic Synchronous Step-Down DC/DC Converter
LTC3609 LINER-LTC3609_15 Datasheet
424Kb / 26P
   32V, 6A Monolithic Synchronous Step-Down DC/DC Converter
LTC3609 LINER-LTC3609 Datasheet
271Kb / 24P
   32V, 6A Monolithic Synchronous Step-Down DC/DC Converter
logo
Intersil Corporation
EL7554 INTERSIL-EL7554_06 Datasheet
404Kb / 14P
   Monolithic 4 Amp DC-DC Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com