Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL1508CMZ-T13 Datasheet(PDF) 5 Page - Intersil Corporation

Part # EL1508CMZ-T13
Description  Differential DSL Line Driver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL1508CMZ-T13 Datasheet(HTML) 5 Page - Intersil Corporation

  EL1508CMZ-T13 Datasheet HTML 1Page - Intersil Corporation EL1508CMZ-T13 Datasheet HTML 2Page - Intersil Corporation EL1508CMZ-T13 Datasheet HTML 3Page - Intersil Corporation EL1508CMZ-T13 Datasheet HTML 4Page - Intersil Corporation EL1508CMZ-T13 Datasheet HTML 5Page - Intersil Corporation EL1508CMZ-T13 Datasheet HTML 6Page - Intersil Corporation EL1508CMZ-T13 Datasheet HTML 7Page - Intersil Corporation EL1508CMZ-T13 Datasheet HTML 8Page - Intersil Corporation EL1508CMZ-T13 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
5
FN7014.5
March 26, 2007
Pin Descriptions
16 Ld SOIC
(0.150")
20 Ld SOIC
(0.300")
24 Ld QFN
PIN NAME
FUNCTION
CIRCUIT
1
1
23
VIN-A
Channel A Inverting Input
CIRCUIT 1
2
2
24
VOUTA
Channel A Output
(Reference Circuit 1)
3
3
3
VS-
Negative Supply
4, 5
4, 5, 6, 7
7
GND
Ground Connection
6
8
8
VIN+A
Channel A Non-inverting Input
CIRCUIT 2
7
9
9
C1
Current Control Bit 1
CIRCUIT 3
8
10
10
C0
Current Control Bit 2
(Reference Circuit 3)
9
11
1, 2, 4, 5, 6, 14,
15, 16, 18, 19, 22
NC
Not Connected
10
12
11
IADJ
Supply Current Control Pin
CIRCUIT 4
11
13
12
VIN+B
Channel B Non-inverting Input
(Reference Circuit 2)
12, 13
14, 15, 16, 17
13
GND
Ground Connection
14
18
17
VS+
Positive Supply
15
19
20
VOUTB
Channel B Output
(Reference Circuit 1)
16
20
21
VIN-B
Channel B Inverting Input
(Reference Circuit 1)
VS+
VS-
VS+
6.7V
VS+
GND
IADJ
EL1508


Similar Part No. - EL1508CMZ-T13

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL1508CMZ-T13 RENESAS-EL1508CMZ-T13 Datasheet
864Kb / 18P
   Differential DSL Line Driver
March 26, 2007
More results

Similar Description - EL1508CMZ-T13

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL1508 RENESAS-EL1508 Datasheet
864Kb / 18P
   Differential DSL Line Driver
March 26, 2007
logo
Elantec Semiconductor
EL1508C ELANTEC-EL1508C Datasheet
137Kb / 2P
   Differential DSL Line Driver
logo
Intersil Corporation
EL1508 INTERSIL-EL1508 Datasheet
45Kb / 2P
   Differential DSL Line Driver
ISL1532IRZ INTERSIL-ISL1532IRZ Datasheet
1,008Kb / 19P
   Dual Channel Differential DSL Line Driver
ISL1532 INTERSIL-ISL1532 Datasheet
58Kb / 2P
   Dual Channel Differential DSL Line Driver
ISL1533AIRZ INTERSIL-ISL1533AIRZ Datasheet
928Kb / 14P
   Dual Channel Differential DSL Line Driver
May 9, 2014
ISL1533 INTERSIL-ISL1533 Datasheet
43Kb / 2P
   Dual Channel Differential DSL Line Driver
logo
Renesas Technology Corp
ISL1533A RENESAS-ISL1533A Datasheet
1Mb / 16P
   Dual Channel Differential DSL Line Driver
Jan 31, 2019
ISL1532 RENESAS-ISL1532 Datasheet
1Mb / 21P
   Dual Channel Differential DSL Line Driver
May 1, 2015
logo
Intersil Corporation
EL1528 INTERSIL-EL1528 Datasheet
130Kb / 2P
   Dual Channel Differential DSL Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com