Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL1503ACL Datasheet(PDF) 8 Page - Intersil Corporation

Part # EL1503ACL
Description  High Power Differential Line Driver
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL1503ACL Datasheet(HTML) 8 Page - Intersil Corporation

Back Button EL1503ACL Datasheet HTML 4Page - Intersil Corporation EL1503ACL Datasheet HTML 5Page - Intersil Corporation EL1503ACL Datasheet HTML 6Page - Intersil Corporation EL1503ACL Datasheet HTML 7Page - Intersil Corporation EL1503ACL Datasheet HTML 8Page - Intersil Corporation EL1503ACL Datasheet HTML 9Page - Intersil Corporation EL1503ACL Datasheet HTML 10Page - Intersil Corporation EL1503ACL Datasheet HTML 11Page - Intersil Corporation EL1503ACL Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
8
FN7039.2
March 26, 2007
FIGURE 23. DIFFERENTIAL TOTAL HARMONIC DISTORTION
vs OUTPUT AMPLITUDE
FIGURE 24. DIFFERENTIAL TOTAL HARMONIC DISTORTION
vs OUTPUT AMPLITUDE
FIGURE 25. DIFFERENTIAL HARMONIC DISTORTION vs
OUTPUT AMPLITUDE (FULL POWER)
FIGURE 26. DIFFERENTIAL HARMONIC DISTORTION vs
OUTPUT AMPLITUDE (FULL POWER)
FIGURE 27. DIFFERENTIAL HARMONIC DISTORTION vs
OUTPUT AMPLITUDE (2/3 POWER)
FIGURE 28. DIFFERENTIAL HARMONIC DISTORTION vs
OUTPUT AMPLITUDE (2/3 POWER)
Typical Performance Curves (Continued)
-45
-50
-60
-70
-80
1
5
9
131721
VOP-P (V)
-55
-65
-75
2/3 POWER
FULL POWER
VS=±12V
AV=5
RL=100Ω
fC=1MHz
-40
-50
-60
-70
-80
12
3
5
78
VOP-P (V)
46
2/3 POWER
FULL POWER
VS=±5V
AV=5
RL=100Ω
fC=1MHz
-74
VOP-P (V)
-78
-60
19
113
-62
-76
515
-72
-68
9
-64
-66
-70
37
11
17
HD3
HD2
VS=±12V
AV=5
RL=100Ω
fC=1MHz
-72
VOP-P (V)
-80
-56
6
14
-60
-76
25
-68
-64
3
HD3
HD2
VS=±5V
AV=5
RL=100Ω
fC=1MHz
-66
VOP-P (V)
-70
-54
19
113
-68
515
-64
-60
9
-56
-58
-62
37
11
17
HD3
HD2
VS=±12V
AV=5
RL=100Ω
fC=1MHz
-68
VOP-P (V)
-72
-58
6
14
-60
-70
25
-66
-64
3
-62
HD3
HD2
VS=±5V
AV=5
RL=100Ω
fC=1MHz
EL1503A


Similar Part No. - EL1503ACL

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL1503ACL INTERSIL-EL1503ACL Datasheet
49Kb / 2P
   High Power Differential Line Driver
logo
Renesas Technology Corp
EL1503ACL RENESAS-EL1503ACL Datasheet
1Mb / 17P
   High Power Differential Line Driver
March 26, 2007
logo
Intersil Corporation
EL1503ACL-T13 INTERSIL-EL1503ACL-T13 Datasheet
49Kb / 2P
   High Power Differential Line Driver
logo
Renesas Technology Corp
EL1503ACL-T13 RENESAS-EL1503ACL-T13 Datasheet
1Mb / 17P
   High Power Differential Line Driver
March 26, 2007
logo
Intersil Corporation
EL1503ACL-T7 INTERSIL-EL1503ACL-T7 Datasheet
49Kb / 2P
   High Power Differential Line Driver
More results

Similar Description - EL1503ACL

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DRV1101 BURR-BROWN-DRV1101 Datasheet
81Kb / 8P
   HIGH POWER DIFFERENTIAL LINE DRIVER
logo
Intersil Corporation
EL1503A INTERSIL-EL1503A Datasheet
49Kb / 2P
   High Power Differential Line Driver
logo
Renesas Technology Corp
EL1503 RENESAS-EL1503 Datasheet
909Kb / 16P
   High Power Differential Line Driver
July 17, 2001
logo
Texas Instruments
DRV1101 TI1-DRV1101_13 Datasheet
86Kb / 8P
[Old version datasheet]   HIGH POWER DIFFERENTIAL LINE DRIVER
logo
Renesas Technology Corp
EL1503A RENESAS-EL1503A Datasheet
1Mb / 17P
   High Power Differential Line Driver
March 26, 2007
logo
Elantec Semiconductor
EL1503C ELANTEC-EL1503C Datasheet
156Kb / 2P
   High Power Differential Line Driver
EL1502C ELANTEC-EL1502C Datasheet
160Kb / 2P
   High Power Differential Line Driver/Receiver
logo
Intersil Corporation
EL1511 INTERSIL-EL1511_07 Datasheet
442Kb / 18P
   Medium Power Differential Line Driver
EL1509 INTERSIL-EL1509 Datasheet
59Kb / 2P
   Medium Power Differential Line Driver
EL1507 INTERSIL-EL1507_07 Datasheet
410Kb / 16P
   Medium Power Differential Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com