Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL1503ACMZ-T13 Datasheet(PDF) 6 Page - Intersil Corporation

Part # EL1503ACMZ-T13
Description  High Power Differential Line Driver
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL1503ACMZ-T13 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button EL1503ACMZ-T13 Datasheet HTML 2Page - Intersil Corporation EL1503ACMZ-T13 Datasheet HTML 3Page - Intersil Corporation EL1503ACMZ-T13 Datasheet HTML 4Page - Intersil Corporation EL1503ACMZ-T13 Datasheet HTML 5Page - Intersil Corporation EL1503ACMZ-T13 Datasheet HTML 6Page - Intersil Corporation EL1503ACMZ-T13 Datasheet HTML 7Page - Intersil Corporation EL1503ACMZ-T13 Datasheet HTML 8Page - Intersil Corporation EL1503ACMZ-T13 Datasheet HTML 9Page - Intersil Corporation EL1503ACMZ-T13 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
6
FN7039.2
March 26, 2007
FIGURE 11. DRIVER DIFFERENTIAL FREQUENCY
RESPONSE vs RF (TERMINATE MODE)
FIGURE 12. DRIVER DIFFERENTIAL FREQUENCY
RESPONSE vs RF (TERMINATE MODE)
FIGURE 13. DRIVER INPUT VOLTAGE and FEEDBACK
CURRENT NOISE vs FREQUENCY
FIGURE 14. SUPPLY CURRENT vs SUPPLY VOLTAGE
FIGURE 15. POSITIVE SUPPLY REJECTION vs FREQUENCY
FIGURE 16. NEGATIVE SUPPLY REJECTION vs FREQUENCY
Typical Performance Curves (Continued)
1M
100M
14
FREQUENCY (Hz)
9
10M
19
100K
RF=2.74kΩ
RF=2.43kΩ
RF=2.0kΩ
RF=1.82kΩ
VS=±12V
AV=5
RL=100Ω
1M
100M
14
FREQUENCY (Hz)
9
10M
19
100K
RF=2.4kΩ
RF=2.0kΩ
RF=2.74kΩ
RF=1.82kΩ
VS=±5V
AV=5
RL=100Ω
10
FREQUENCY (Hz)
1
10K
100
10
100
10
1
100
100K
1K
eN
iN
10
VS (V)
0
25
412
08
20
5
26
10
15
IS- (FULL POW
ER)
IS+ (2/3 POW
ER)
IS- (2/3 POWER)
IS+
IS- (TERMINATE)
IS+ (FULL
POWER)
-40
FREQUENCY (Hz)
-100
10M
0
10K
100K
100M
1M
-20
-60
-80
RIGHT
DRIVER
LEFT
DRIVER
-40
FREQUENCY (Hz)
-100
10M
0
10K
100K
100M
1M
-20
-60
-80
RIGHT
DRIVER
LEFT
DRIVER
EL1503A


Similar Part No. - EL1503ACMZ-T13

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL1503ACMZ-T13 RENESAS-EL1503ACMZ-T13 Datasheet
1Mb / 17P
   High Power Differential Line Driver
March 26, 2007
More results

Similar Description - EL1503ACMZ-T13

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DRV1101 BURR-BROWN-DRV1101 Datasheet
81Kb / 8P
   HIGH POWER DIFFERENTIAL LINE DRIVER
logo
Intersil Corporation
EL1503A INTERSIL-EL1503A Datasheet
49Kb / 2P
   High Power Differential Line Driver
logo
Renesas Technology Corp
EL1503 RENESAS-EL1503 Datasheet
909Kb / 16P
   High Power Differential Line Driver
July 17, 2001
logo
Texas Instruments
DRV1101 TI1-DRV1101_13 Datasheet
86Kb / 8P
[Old version datasheet]   HIGH POWER DIFFERENTIAL LINE DRIVER
logo
Renesas Technology Corp
EL1503A RENESAS-EL1503A Datasheet
1Mb / 17P
   High Power Differential Line Driver
March 26, 2007
logo
Elantec Semiconductor
EL1503C ELANTEC-EL1503C Datasheet
156Kb / 2P
   High Power Differential Line Driver
EL1502C ELANTEC-EL1502C Datasheet
160Kb / 2P
   High Power Differential Line Driver/Receiver
logo
Intersil Corporation
EL1511 INTERSIL-EL1511_07 Datasheet
442Kb / 18P
   Medium Power Differential Line Driver
EL1509 INTERSIL-EL1509 Datasheet
59Kb / 2P
   Medium Power Differential Line Driver
EL1507 INTERSIL-EL1507_07 Datasheet
410Kb / 16P
   Medium Power Differential Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com