Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL1883IS-T13 Datasheet(PDF) 2 Page - Intersil Corporation

Part # EL1883IS-T13
Description  Sync Separator with Horizontal Output
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL1883IS-T13 Datasheet(HTML) 2 Page - Intersil Corporation

  EL1883IS-T13 Datasheet HTML 1Page - Intersil Corporation EL1883IS-T13 Datasheet HTML 2Page - Intersil Corporation EL1883IS-T13 Datasheet HTML 3Page - Intersil Corporation EL1883IS-T13 Datasheet HTML 4Page - Intersil Corporation EL1883IS-T13 Datasheet HTML 5Page - Intersil Corporation EL1883IS-T13 Datasheet HTML 6Page - Intersil Corporation EL1883IS-T13 Datasheet HTML 7Page - Intersil Corporation EL1883IS-T13 Datasheet HTML 8Page - Intersil Corporation EL1883IS-T13 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
NOTE: All parameters having Min/Max specifications are guaranteed. Typ values are for information purposes only. Unless otherwise noted, all tests are at the specified
temperature and are pulsed tests, therefore: TJ = TC = TA
Absolute Maximum Ratings (TA = 25°C)
VCC Supply . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .7V
Pin Voltages . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to VCC +0.5V
Operating Ambient Temperature Range . . . . . . . . . .-40°C to +85°C
Operating Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . 150°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .400mW
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
DC Electrical Specifications
VDD = 3.3V, TA = 25°C, RSET = 681kΩ, Unless Otherwise Specified.
PARAMETER
DESCRIPTION
MIN
TYP
MAX
UNIT
IDD, Quiescent
VDD = 5V
0.75
1.5
3
mA
Clamp Voltage
Pin 2, ILOAD = -100µA
1.35
1.5
1.65
V
Clamp Discharge Current
Pin 2 = 2V
6
12
16
µA
Clamp Charge Current
Pin 2 = 1V
-0.85
-0.65
-0.45
mA
RSET Pin Reference Voltage
Pin 6
1.1
1.22
1.35
V
VOL Output Low Voltage
IOL = 1.6mA
0.24
0.5
V
VOH Output High Voltage
IOH = -40µA
3
3.2
V
IOH = -1.6mA
2.5
3.0
V
Dynamic Characteristics
PARAMETER
DESCRIPTION
MIN
TYP
MAX
UNIT
Comp Sync Prop Delay, tCS
See Figure 13
35
75
ns
Horizontal Sync Delay, tHS
40
80
ns
Horizontal Sync Width
3.8
5.2
6.2
µs
Vertical Sync Width, tVS
Normal or Default Trigger, 50%-50%
190
230
300
µs
Vertical Sync Default Delay, tVSD
See Figure 14
35
62
85
µs
Burst/Back Porch Delay, tBD
See Figure 13
120
200
300
ns
Burst/Back Porch Width, tB
See Figure 13
2.5
3.5
4.5
µs
Input Dynamic Range
Video Input Amplitude to Maintain Slice
Level Spec, VDD = 5V
0.5
2
VP-P
Slice Level
VSLICE above VCLAMP
50
70
90
mV
EL1883


Similar Part No. - EL1883IS-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL1883IS-T13 INTERSIL-EL1883IS-T13 Datasheet
279Kb / 9P
   Sync Separator with Horizontal Output
logo
Renesas Technology Corp
EL1883IS-T13 RENESAS-EL1883IS-T13 Datasheet
513Kb / 9P
   Sync Separator with Horizontal Output
More results

Similar Description - EL1883IS-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL1883 INTERSIL-EL1883 Datasheet
279Kb / 9P
   Sync Separator with Horizontal Output
logo
Renesas Technology Corp
EL1883 RENESAS-EL1883 Datasheet
513Kb / 9P
   Sync Separator with Horizontal Output
logo
Intersil Corporation
EL4583 INTERSIL-EL4583 Datasheet
141Kb / 9P
   Sync Separator, 50% Slice, S-H, Filter, Horizontal sync output
logo
NTE Electronics
NTE1632 NTE-NTE1632 Datasheet
109Kb / 5P
   Integrated Circuit Vertical/Horizontal Sync Separator
logo
Rohm
BA7046F ROHM-BA7046F Datasheet
159Kb / 5P
   Sync. Separator With AFC
BA7071F ROHM-BA7071F_1 Datasheet
186Kb / 6P
   Sync. Separator With AFC
BA7046 ROHM-BA7046 Datasheet
92Kb / 7P
   SYNC separator IC with AFC
BA7062F ROHM-BA7062F Datasheet
88Kb / 7P
   SYNC separator IC with AFC
logo
Diodes Incorporated
ZXFV4583 DIODES-ZXFV4583 Datasheet
217Kb / 14P
   SYNC SEPARATOR WITH VARIABLE FILTER
logo
Zetex Semiconductors
ZXFV401 ZETEX-ZXFV401 Datasheet
117Kb / 8P
   SYNC SEPARATOR WITH VARIABLE FILTER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com