Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL1508 Datasheet(PDF) 9 Page - Intersil Corporation

Part # EL1508
Description  Differential DSL Line Driver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL1508 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button EL1508_07 Datasheet HTML 5Page - Intersil Corporation EL1508_07 Datasheet HTML 6Page - Intersil Corporation EL1508_07 Datasheet HTML 7Page - Intersil Corporation EL1508_07 Datasheet HTML 8Page - Intersil Corporation EL1508_07 Datasheet HTML 9Page - Intersil Corporation EL1508_07 Datasheet HTML 10Page - Intersil Corporation EL1508_07 Datasheet HTML 11Page - Intersil Corporation EL1508_07 Datasheet HTML 12Page - Intersil Corporation EL1508_07 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
9
FN7014.5
March 26, 2007
Typical Performance Curves - 24 Ld QFN Package
FIGURE 19. HARMONIC DISTORTION TEST
(1/3 POWER MODE)
FIGURE 20. HARMONIC DISTORTION TEST
(1/3 POWER MODE)
FIGURE 21. HARMONIC DISTORTION TEST
(2/3 POWER MODE)
FIGURE 22. HARMONIC DISTORTION TEST
(2/3 POWER MODE)
FIGURE 23. HARMONIC DISTORTION TEST
(FULL POWER MODE)
FIGURE 24. HARMONIC DISTORTION TEST
(FULL POWER MODE)
-70
-90
02
468
9
VOUTP-P (V)
FREQ=1MHz
VS=±5V
RSET=0
RL=100Ω
GAIN=10
135
7
-10
-30
-50
HD3
HD2
0
5
10
15
20
25
VOUTP-P (V)
0
-20
-40
-60
-80
-100
HD3
HD2
FREQ=1MHz
VS=±12V
RSET=0
RL=100Ω
GAIN=10
0
-20
-40
-60
-70
-80
-90
02
468
9
VOUTp-p (V)
FREQ=1MHz
VS=±5V
RSET=0
RL=100Ω
GAIN=10
135
7
-10
-30
-50
HD3
HD2
0
5
10
15
20
25
VOUTP-P (V)
0
-20
-40
-60
-80
-100
FREQ=1MHz
VS=±12V
RSET=0
RL=100Ω
GAIN=10
HD3
HD2
0
-20
-40
-60
-80
-100
02
468
9
VOUTp-p (V)
FREQ=1MHz
VS=±5V
RSET=0
RL=100Ω
GAIN=10
57
3
1
-10
-30
-50
-70
-90
HD3
HD2
0
-20
-40
-60
-80
-100
0
5
10
15
20
25
VOUTP-P (V)
FREQ=1MHz
VS=±12V
RSET=0
RL=100Ω
GAIN=10
HD3
HD2
EL1508


Similar Part No. - EL1508_07

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL1508C ELANTEC-EL1508C Datasheet
137Kb / 2P
   Differential DSL Line Driver
EL1508CL ELANTEC-EL1508CL Datasheet
137Kb / 2P
   Differential DSL Line Driver
logo
Intersil Corporation
EL1508CL INTERSIL-EL1508CL Datasheet
45Kb / 2P
   Differential DSL Line Driver
logo
Renesas Technology Corp
EL1508CL RENESAS-EL1508CL Datasheet
864Kb / 18P
   Differential DSL Line Driver
March 26, 2007
logo
Intersil Corporation
EL1508CL-T13 INTERSIL-EL1508CL-T13 Datasheet
45Kb / 2P
   Differential DSL Line Driver
More results

Similar Description - EL1508_07

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL1508 RENESAS-EL1508 Datasheet
864Kb / 18P
   Differential DSL Line Driver
March 26, 2007
logo
Elantec Semiconductor
EL1508C ELANTEC-EL1508C Datasheet
137Kb / 2P
   Differential DSL Line Driver
logo
Intersil Corporation
EL1508 INTERSIL-EL1508 Datasheet
45Kb / 2P
   Differential DSL Line Driver
ISL1532IRZ INTERSIL-ISL1532IRZ Datasheet
1,008Kb / 19P
   Dual Channel Differential DSL Line Driver
ISL1532 INTERSIL-ISL1532 Datasheet
58Kb / 2P
   Dual Channel Differential DSL Line Driver
ISL1533AIRZ INTERSIL-ISL1533AIRZ Datasheet
928Kb / 14P
   Dual Channel Differential DSL Line Driver
May 9, 2014
ISL1533 INTERSIL-ISL1533 Datasheet
43Kb / 2P
   Dual Channel Differential DSL Line Driver
logo
Renesas Technology Corp
ISL1533A RENESAS-ISL1533A Datasheet
1Mb / 16P
   Dual Channel Differential DSL Line Driver
Jan 31, 2019
ISL1532 RENESAS-ISL1532 Datasheet
1Mb / 21P
   Dual Channel Differential DSL Line Driver
May 1, 2015
logo
Intersil Corporation
EL1528 INTERSIL-EL1528 Datasheet
130Kb / 2P
   Dual Channel Differential DSL Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com