Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL54048IRUZ-T Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL54048IRUZ-T
Description  Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Dual SPST Analog Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54048IRUZ-T Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL54048IRUZ-T Datasheet HTML 4Page - Intersil Corporation ISL54048IRUZ-T Datasheet HTML 5Page - Intersil Corporation ISL54048IRUZ-T Datasheet HTML 6Page - Intersil Corporation ISL54048IRUZ-T Datasheet HTML 7Page - Intersil Corporation ISL54048IRUZ-T Datasheet HTML 8Page - Intersil Corporation ISL54048IRUZ-T Datasheet HTML 9Page - Intersil Corporation ISL54048IRUZ-T Datasheet HTML 10Page - Intersil Corporation ISL54048IRUZ-T Datasheet HTML 11Page - Intersil Corporation ISL54048IRUZ-T Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
FN6469.0
March 20, 2007
V+ and GND also power the internal logic and level shiftiers.
The level shiftiers convert the input logic levels to switched
V+ and GND signals to drive the analog switch gate
terminals.
This family of switches cannot be operated with bipolar
supplies because the input switching point becomes
negative in this configuration.
Logic-Level Thresholds
This switch family are 1.8V logic compatible (0.5V and 1.4V)
over a supply range of 2.7V to 4.5V (see Figure 17). At 2.7V,
the VIL level is about 0.53V. This is still above the 1.8V logic
guaranteed low output maximum level of 0.5V, but noise
margin is reduced.
The digital input stages draw supply current whenever the
digital input voltage is not at one of the supply rails. Driving
the digital input signals from GND to V+ with a fast transition
time minimizes power dissipation.
The ISL54048 and ISL54049 have been designed to
minimize the supply current whenever the digital input
voltage is not driven to the supply rails (0V to V+). For
example, driving the device with 2.85V logic (0V to 2.85V)
while operating with a 4.2V supply the device draws only
12µA of current (see Figure 15 for VIN = 2.85V).
Frequency Performance
In 50
Ω systems, the ISL54048 and ISL54049 have a -3dB
bandwidth of 120MHz (see Figure 20). The frequency
response is very consistent over a wide V+ range, and for
varying analog signal levels.
An OFF switch acts like a capacitor and passes higher
frequencies with less attenuation, resulting in signal
feedthrough from a switch’s input to its output. Off isolation is
the resistance to this feedthrough, while crosstalk indicates
the amount of feedthrough from one switch to another.
Figure 21 details the high off isolation and crosstalk rejection
provided by this part. At 100kHz, off isolation is about 62dB
in 50
Ω systems, decreasing approximately 20dB per decade
as frequency increases. Higher load impedances decrease
off isolation and crosstalk rejection due to the voltage divider
action of the switch OFF impedance and the load
impedance.
Leakage Considerations
Reverse ESD protection diodes are internally connected
between each analog-signal pin and both V+ and GND. One of
these diodes conducts if any analog signal exceeds V+ or
GND.
Virtually all the analog leakage current comes from the ESD
diodes to V+ or GND. Although the ESD diodes on a given
signal pin are identical and therefore fairly well balanced,
they are reverse biased differently. Each is biased by either
V+ or GND and the analog signal. This means their leakages
will vary as the signal varies. The difference in the two diode
leakages to the V+ and GND pins constitutes the analog-
signal-path leakage current. All analog leakage current flows
between each pin and one of the supply terminals, not to the
other switch terminal. This is why both sides of a given
switch can show leakage currents of the same or opposite
polarity. There is no connection between the analog signal
paths and V+ or GND.
Typical Performance Curves TA = +25°C, Unless Otherwise Specified
FIGURE 8. ON-RESISTANCE vs SUPPLY VOLTAGE vs
SWITCH VOLTAGE
FIGURE 9. ON-RESISTANCE vs SUPPLY VOLTAGE vs
SWITCH VOLTAGE
01
2345
VCOM (V)
ICOM = 100mA
0.25
0.26
0.27
0.28
0.29
0.3
V+ = 4.5V
V+ = 4.3V
V+ = 3.9V
VCOM (V)
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
ICOM = 100mA
0.28
0.29
0.30
0.31
0.32
0.33
0.34
0.35
V+ = 3.3V
V+ = 3V
V+ = 2.7V
ISL54048, ISL54049


Similar Part No. - ISL54048IRUZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54048IRUZ-T INTERSIL-ISL54048IRUZ-T Datasheet
336Kb / 12P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Dual SPST Analog Switch
logo
Renesas Technology Corp
ISL54048IRUZ-T RENESAS-ISL54048IRUZ-T Datasheet
591Kb / 12P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Dual SPST Analog Switch
More results

Similar Description - ISL54048IRUZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL54048 RENESAS-ISL54048 Datasheet
591Kb / 12P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Dual SPST Analog Switch
logo
Intersil Corporation
ISL54048_0706 INTERSIL-ISL54048_0706 Datasheet
336Kb / 12P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Dual SPST Analog Switch
logo
Renesas Technology Corp
ISL54050 RENESAS-ISL54050 Datasheet
589Kb / 12P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Dual SPDT Analog Switch
logo
Intersil Corporation
ISL54050IRUZ-T INTERSIL-ISL54050IRUZ-T Datasheet
290Kb / 12P
   Ultra Low ON-Resistance, 1.65V to 4.5V,Single Supply, Dual SPDT Analog Switch
November 22, 2008
ISL8484 INTERSIL-ISL8484_07 Datasheet
330Kb / 15P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Dual SPDT Analog Switch
ISL54050_0706 INTERSIL-ISL54050_0706 Datasheet
290Kb / 12P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Dual SPDT Analog Switch
ISL8484 INTERSIL-ISL8484_06 Datasheet
326Kb / 13P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Dual SPDT Analog Switch
ISL8484 INTERSIL-ISL8484 Datasheet
323Kb / 13P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Dual SPDT Analog Switch
ISL8484IR INTERSIL-ISL8484IR Datasheet
320Kb / 13P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Dual SPDT Analog Switch
May 12, 2008
ISL54050 INTERSIL-ISL54050 Datasheet
292Kb / 12P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Dual SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com