Electronic Components Datasheet Search |
|
OM4068 Datasheet(PDF) 5 Page - NXP Semiconductors |
|
OM4068 Datasheet(HTML) 5 Page - NXP Semiconductors |
5 / 28 page 1998 Jun 18 5 Philips Semiconductors Product specification LCD driver for low multiplex rates OM4068 Notes 1. SEG1 to SEG32 (LCD segment driver outputs) output the multi-level signals for the LCD segments. 2. BP0, BP1 and BP2 (LCD backplane driver outputs) output the multi-level signals for the LCD backplanes. 3. VLCD (LCD power supply): power supply for the LCD. 4. SDIN (serial data line): input for the bus data line. 5. SCL (serial clock line): input for the bus clock line. 6. SDOUT (serial data output): output of the shift register to allow serial cascading of the OM4068 with other devices. 7. SCE (serial clock enable): input for enable/disable acquisition on the data input line. If disabled, data on the serial bus are not accepted by the device. 8. M0 and M1 (display mode select inputs): inputs to select the LCD drive configurations; static, duplex or triplex. SEG27 42 13 LCD segment driver output 27 SEG28 43 14 LCD segment driver output 28 SEG29 44 15 LCD segment driver output 29 SEG30 1 16 LCD segment driver output 30 SEG31 2 17 LCD segment driver output 31 SEG32 3 18 LCD segment driver output 32 SYMBOL PIN DESCRIPTION QFP44 DIP40 |
Similar Part No. - OM4068 |
|
Similar Description - OM4068 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |