Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PX3511ADDG-RA Datasheet(PDF) 6 Page - Intersil Corporation

Part # PX3511ADDG-RA
Description  Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

PX3511ADDG-RA Datasheet(HTML) 6 Page - Intersil Corporation

Back Button PX3511ADDG-RA Datasheet HTML 2Page - Intersil Corporation PX3511ADDG-RA Datasheet HTML 3Page - Intersil Corporation PX3511ADDG-RA Datasheet HTML 4Page - Intersil Corporation PX3511ADDG-RA Datasheet HTML 5Page - Intersil Corporation PX3511ADDG-RA Datasheet HTML 6Page - Intersil Corporation PX3511ADDG-RA Datasheet HTML 7Page - Intersil Corporation PX3511ADDG-RA Datasheet HTML 8Page - Intersil Corporation PX3511ADDG-RA Datasheet HTML 9Page - Intersil Corporation PX3511ADDG-RA Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
FN6462.0
February 26, 2007
Description
Operation
Designed for versatility and speed, the PX3511A and
PX3511B MOSFET drivers control both high-side and low-
side N-Channel FETs of a half-bridge power train from one
externally provided PWM signal.
Prior to VCC exceeding its POR level, the Pre-POR
overvoltage protection function is activated during initial
startup; the upper gate (UGATE) is held low and the lower
gate (LGATE), controlled by the Pre-POR overvoltage
protection circuits, is connected to the PHASE. Once the
VCC voltage surpasses the VCC Rising Threshold (See
Electrical Specifications), the PWM signal takes control of
gate transitions. A rising edge on PWM initiates the turn-off
of the lower MOSFET (see Timing Diagram). After a short
propagation delay [tPDLL], the lower gate begins to fall.
Typical fall times [tFL] are provided in the Electrical
Specifications section. Adaptive shoot-through circuitry
monitors the LGATE voltage and determines the upper gate
delay time [tPDHU]. This prevents both the lower and upper
MOSFETs from conducting simultaneously. Once this delay
period is complete, the upper gate drive begins to rise [tRU]
and the upper MOSFET turns on.
A falling transition on PWM results in the turn-off of the upper
MOSFET and the turn-on of the lower MOSFET. A short
propagation delay [tPDLU] is encountered before the upper
gate begins to fall [tFU]. Again, the adaptive shoot-through
circuitry determines the lower gate delay time, tPDHL. The
PHASE voltage and the UGATE voltage are monitored, and
the lower gate is allowed to rise after PHASE drops below a
level or the voltage of UGATE to PHASE reaches a level
depending upon the current direction (See next section for
details). The lower gate then rises [tRL], turning on the lower
MOSFET.
Adaptive Zero Shoot-Through Deadtime Control
These drivers incorporate an adaptive deadtime control
technique to minimize deadtime, resulting in high efficiency
from the reduced freewheeling time of the lower MOSFETs’
body-diode conduction, and to prevent the upper and lower
MOSFETs from conducting simultaneously. This is
accomplished by ensuring either rising gate turns on its
MOSFET with minimum and sufficient delay after the other
has turned off.
During turn-off of the lower MOSFET, the LGATE voltage is
monitored until it drops below 1.75V, at which time the
UGATE is released to rise after 20ns of propagation delay.
Once the PHASE is high, the adaptive shoot-through
circuitry monitors the PHASE and UGATE voltages during a
PWM falling edge and the subsequent UGATE turn-off. If
either the UGATE falls to less than 1.75V above the PHASE
or the PHASE falls to less than +0.8V, the LGATE is
released to turn on.
Three-State PWM Input
A unique feature of these drivers and other Intersil drivers is
the addition of a shutdown window to the PWM input. If the
PWM signal enters and remains within the shutdown window
for a set holdoff time, the driver outputs are disabled and
both MOSFET gates are pulled and held low. The shutdown
state is removed when the PWM signal moves outside the
shutdown window. Otherwise, the PWM rising and falling
thresholds outlined in the ELECTRICAL SPECIFICATIONS
determine when the lower and upper gates are enabled.
This feature helps prevent a negative transient on the output
voltage when the output is shut down, eliminating the
Schottky diode that is used in some systems for protecting
the load from reversed output voltage events.
In addition, more than 400mV hysteresis also incorporates
into the three-state shutdown window to eliminate PWM
PWM
UGATE
LGATE
tFL
tPDHU
tPDLL
tRL
tTSSHD
tPDTS
tPDTS
1.18V<PWM<2.36V
0.76V<PWM<1.96V
tFU
tRU
tPDLU
tPDHL
tTSSHD
FIGURE 1. TIMING DIAGRAM
PX3511A, PX3511B


Similar Part No. - PX3511ADDG-RA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
PX3511D INTERSIL-PX3511D Datasheet
229Kb / 10P
   Advanced Synchronous Rectified Buck MOSFET Driver with Protection Features
PX3511DDDG-RA INTERSIL-PX3511DDDG-RA Datasheet
229Kb / 10P
   Advanced Synchronous Rectified Buck MOSFET Driver with Protection Features
More results

Similar Description - PX3511ADDG-RA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6612CBZ(Note2) INTERSIL-ISL6612CBZ(Note2) Datasheet
363Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
June 15, 2010
ISL6594A INTERSIL-ISL6594A_06 Datasheet
247Kb / 10P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
ISL6594A INTERSIL-ISL6594A Datasheet
242Kb / 10P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
logo
Renesas Technology Corp
ISL6612 RENESAS-ISL6612 Datasheet
601Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
ISL6594A RENESAS-ISL6594A Datasheet
656Kb / 11P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
logo
Intersil Corporation
ISL6612 INTERSIL-ISL6612_07 Datasheet
250Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
ISL6612 INTERSIL-ISL6612 Datasheet
322Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
ISL6594D INTERSIL-ISL6594D Datasheet
264Kb / 11P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
logo
Renesas Technology Corp
ISL6594D RENESAS-ISL6594D Datasheet
639Kb / 11P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
logo
Intersil Corporation
ISL6594DCBZ INTERSIL-ISL6594DCBZ Datasheet
299Kb / 11P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
December 3, 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com