Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDC634P Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FDC634P
Description  P-Channel 2.5V Specified PowerTrench MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDC634P Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FDC634P Datasheet HTML 1Page - Fairchild Semiconductor FDC634P Datasheet HTML 2Page - Fairchild Semiconductor FDC634P Datasheet HTML 3Page - Fairchild Semiconductor FDC634P Datasheet HTML 4Page - Fairchild Semiconductor FDC634P Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
FDC634P Rev E(W)
Typical Characteristics
0
3
6
9
12
15
0
1
2
3
4
-V
DS
, DRAIN TO SOURCE VOLTAGE (V)
V
GS
= -4.5V
-3.5V
-3.0V
-1.5V
-2.0V
-2.5V
V
0.8
1
1.2
1.4
1.6
1.8
2
0
3
6
9
12
15
-I
D
, DRAIN CURRENT (A)
V
GS=-2.0V
-3.0V
-2.5V
-3.5V
-4.5V
Figure 1. On-Region Characteristics.
Figure 2. On-Resistance Variation with
Drain Current and Gate Voltage.
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
-50
-25
0
25
50
75
100
125
150
T
J
, JUNCTION TEMPERATURE ( oC)
I
D
= -3.5A
V
GS = -4.5V
0.02
0.06
0.1
0.14
0.18
0.22
1
2
3
4
5
-V
GS
, GATE TO SOURCE VOLTAGE (V)
I
D
= -1.8A
T
A
= 125oC
T
A
= 25 oC
Figure 3. On-Resistance Variation with
Temperature.
Figure 4. On-Resistance Variation with
Gate-to-Source Voltage.
0
2
4
6
8
10
0.5
1
1.5
2
2.5
-V
GS
, GATE TO SOURCE VOLTAGE (V)
T
A
= -55oC
25oC
125oC
V
DS
= -5V
0.0001
0.001
0.01
0.1
1
10
0
0.2
0.4
0.6
0.8
1
1.2
-V
SD
, BODY DIODE FORWARD VOLTAGE (V)
V
GS
= 0V
T
A = 125
oC
25
oC
-55 oC
Figure 5. Transfer Characteristics.
Figure 6. Body Diode Forward Voltage Variation
with Source Current and Temperature.


Similar Part No. - FDC634P

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDC634P FAIRCHILD-FDC634P Datasheet
71Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
More results

Similar Description - FDC634P

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SI4463DY FAIRCHILD-SI4463DY Datasheet
49Kb / 3P
   P-Channel 2.5V Specified PowerTrench MOSFET
FDC638P FAIRCHILD-FDC638P_01 Datasheet
156Kb / 5P
   P-Channel 2.5V PowerTrench Specified MOSFET
FDN302P FAIRCHILD-FDN302P Datasheet
103Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
FDN342P FAIRCHILD-FDN342P Datasheet
307Kb / 8P
   P-Channel 2.5V Specified PowerTrench??MOSFET
FDR840P FAIRCHILD-FDR840P Datasheet
78Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
FDC602P FAIRCHILD-FDC602P_01 Datasheet
66Kb / 5P
   P-Channel 2.5V PowerTrench Specified MOSFET
FDW264P FAIRCHILD-FDW264P Datasheet
153Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
SI6463DQ FAIRCHILD-SI6463DQ Datasheet
97Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
FDS6576 FAIRCHILD-FDS6576_06 Datasheet
451Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
logo
Guangdong Kexin Industr...
KDS6375 KEXIN-KDS6375 Datasheet
66Kb / 2P
   P-Channel 2.5V Specified PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com