Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NEV0.15M10 Datasheet(PDF) 3 Page - NTE Electronics

Part # NEV0.15M10
Description  ALUMINUM ELECTROLYTIC 6.3V to 100V
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NEV0.15M10 Datasheet(HTML) 3 Page - NTE Electronics

  NEV0.15M10 Datasheet HTML 1Page - NTE Electronics NEV0.15M10 Datasheet HTML 2Page - NTE Electronics NEV0.15M10 Datasheet HTML 3Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
NEV, NEH SERIES
ALUMINUM ELECTROLYTIC 6.3V to 100V
4
NTE Electronics, Inc.
D Voice (800) 631-1250 (973) 748-5089 D FAX (973) 748-6224 D http://www.nteinc.com
NEH Series (Axial Type) Dimensions: Diameter (D Ø) x Length (L): mm
WV
Cap (
µf)
6.3
10
16
25
35
50
63
100
0.10
5 x 12.5
5 x 12.5
5 x 12.5
0.22
5 x 12.5
5 x 12.5
5 x 12.5
0.33
5 x 12.5
5 x 12.5
5 x 12.5
0.47
5 x 12.5
5 x 12.5
5 x 12.5
0.68
5 x 12.5
1.0
5 x 12.5
5 x 12.5
5 x 12.5
1.5
5 x 11
2.2
5 x 12.5
5 x 12.5
5 x 12.5
3.3
5 x 12.5
5 x 12.5
5 x 12.5
4.7
5 x 12.5
5 x 12.5
5 x 12.5
6.8
5 x 11
6.3 x 11
10
6.3 x 12.5
5 x 11
6.3 x 12.5
6.3 x 12.5
6.3 x 16
15
5 x 11
5 x 11
6.3 x 11
6.3 x 11
8 x 11.5
22
5 x 11
6.3 x 12.5
6.3 x 12.5
6.3 x 16
8 x 16
8 x 20
33
5 x 12
6.3 x 12.5
6.3 x 12.5
6.3 x 16
8 x 16
8 x 16
8 x 20
47
5 x 11
6.3 x 12.5
6.3 x 12.5
6.3 x 16
8 x 16
8 x 16
8 x 20
10 x 20
68
6.3 x 11
6.3 x 11
8 x 11.5
8 x 16
8 x 16
10 x 12.5
10 x 16
100
6.3 x 12.5
6.3 x 16
6.3 x 16
8 x 16
8 x 20
8 x 20
10 x 20
10 x 25
150
8 x 16
8 x 16
8 x 16
10 x 16
10 x 16
10 x 16
10 x 20
220
8 x 16
8 x 16
8 x 16
8 x 20
10 x 20
10 x 20
10 x 25
13 x 25
330
8 x 16
8 x 16
8 x 20
10 x 20
10 x 20
13 x 25
13 x 25
13 x 35
470
8 x 16
8 x 20
10 x 20
10 x 20
10 x 25
13 x 25
13 x 30
16 x 30
680
10 x 16
10 x 20
10 x 20
10 x 25
13 x 25
13 x 30
16 x 30
16 x 30
1000
10 x 20
10 x 20
13 x 25
13 x 25
13 x 30
16 x 30
16 x 30
18 x 40
1500
13 x 25
13 x 25
13 x 20
16 x 31.5
2200
10 x 25
13 x 25
13 x 30
16 x 25
16 x 30
18 x 40
22 x 40
3300
13 x 25
13 x 30
16 x 30
16 x 30
16 x 40
22 x 40
22 x 50
4700
16 x 30
16 x 30
16 x 40
18 x 40
22 x 40
22 x 50
6800
16 x 30
16 x 40
18 x 40
22 x 40
22 x 50
10000
16 x 30
18 x 40
22 x 40
22 x 50
22000
25 x 50
*
These dimensions are for reference only, please consult the factory for actual size.
NEH Series (Axial Type) Mechanical Specifications: mm
Outside Diameter (D Ø)
5
6.3
8
10
13
16
18
22
25
Lead Diameter (d Ø)
0.6
0.6
0.6
0.6
0.8
0.8
0.8
0.8
0.8
*
These dimensions are for reference only, please consult the factory for actual size.


Similar Part No. - NEV0.15M10

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NEVH1.0M160 NTE-NEVH1.0M160 Datasheet
23Kb / 2P
   ALUMINUM ELECTROLYTIC 160V to 450V
NEVH1.0M250 NTE-NEVH1.0M250 Datasheet
23Kb / 2P
   ALUMINUM ELECTROLYTIC 160V to 450V
NEVH1.0M350 NTE-NEVH1.0M350 Datasheet
23Kb / 2P
   ALUMINUM ELECTROLYTIC 160V to 450V
NEVH1.0M450 NTE-NEVH1.0M450 Datasheet
23Kb / 2P
   ALUMINUM ELECTROLYTIC 160V to 450V
NEVH100M160 NTE-NEVH100M160 Datasheet
23Kb / 2P
   ALUMINUM ELECTROLYTIC 160V to 450V
More results

Similar Description - NEV0.15M10

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NEVH47M160 NTE-NEVH47M160 Datasheet
23Kb / 2P
   ALUMINUM ELECTROLYTIC 160V to 450V
logo
Cornell Dubilier Electr...
MLSG_S CDE-MLSG_S Datasheet
333Kb / 7P
   Aluminum Electrolytic
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13DL-CD117 SUNTAN-TS13DL-CD117 Datasheet
278Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DM-CD71A SUNTAN-TS13DM-CD71A Datasheet
284Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DS-CD296 SUNTAN-TS13DS-CD296 Datasheet
193Kb / 4P
   ALUMINUM ELECTROLYTIC CAPACITOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com