Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE30031 Datasheet(PDF) 2 Page - NTE Electronics

Part # NTE30031
Description  Super Bright LED Indicators, 3mm
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE30031 Datasheet(HTML) 2 Page - NTE Electronics

  NTE30031 Datasheet HTML 1Page - NTE Electronics NTE30031 Datasheet HTML 2Page - NTE Electronics NTE30031 Datasheet HTML 3Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electro−Optical Characteristics (Cont’d): (TA = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ Max Unit
Reverse Current
All Devices
IR
VR = 5V
10
µA
NTE30031, NTE30036, NTE30044 Only
VR = 4V
60
µA
Luminous Intensity
NTE30030
IV
IF = 20mA, Note 1
1600
mcd
NTE30031
5000
mcd
NTE30032, NTE30033, NTE30035
2500
mcd
NTE30034
2000
mcd
NTE30036
1500 3000
mcd
NTE30044
7000
mcd
Peak Emission Wave Length
NTE30030
λP
IF = 20mA
575
nm
NTE30031
523
nm
NTE30032
592
nm
NTE30033
620
nm
NTE30034
660
nm
NTE30035
607
nm
NTE30036
468
nm
NTE30044
CIE Coordinates, Typ
X: 0.30; Y: 0.31
Dominate Wave Length (NTE30036 Only)
λd(HUE) IF = 20mA, Note 2
465
470
475
nm
Spectral Line Half Width
NTE30030, NTE30033, NTE30034, NTE30035
∆λ
IF = 20mA
20
nm
NTE30031
45
nm
NTE30032
25
nm
NTE30036
35
nm
Viewing Angle
NTE30030, NTE30031
2
q1/2
IF = 20mA
14
deg.
NTE30032, NTE30033, NTE30035
10
deg.
NTE30034
19
deg.
NTE30036
15
deg.
NTE30044
30
deg.
Optic Rise Time (NTE30036 Only)
τ
IF = 20mA
30
ns
Note 1. Luminous intensity is measured with an Exeltron 2001.
Note 2.


Similar Part No. - NTE30031

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE30037 NTE-NTE30037 Datasheet
96Kb / 3P
   Super Bright LED Indicators, 5mm
NTE30038 NTE-NTE30038 Datasheet
96Kb / 3P
   Super Bright LED Indicators, 5mm
NTE30039 NTE-NTE30039 Datasheet
96Kb / 3P
   Super Bright LED Indicators, 5mm
More results

Similar Description - NTE30031

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE30065 NTE-NTE30065 Datasheet
95Kb / 3P
   Super Bright LED Indicators, 10mm
NTE30053 NTE-NTE30053 Datasheet
95Kb / 3P
   Super Bright LED Indicators, 8mm
NTE30037 NTE-NTE30037 Datasheet
96Kb / 3P
   Super Bright LED Indicators, 5mm
NTE30125 NTE-NTE30125 Datasheet
55Kb / 2P
   Super Bright LED Indicator Super Bright Pink, 3mm
NTE30120 NTE-NTE30120 Datasheet
58Kb / 2P
   Super Bright LED Indicator Super Purple, 3mm
NTE30135 NTE-NTE30135 Datasheet
72Kb / 2P
   Super Bright LED Indicators 5mm, Bullet Head Type
logo
Kingbright Corporation
L934LID KINGBRIGHT-L934LID Datasheet
149Kb / 5P
   T-1(3MM) SUPER BRIGHT LED LAMPS
L934SGC KINGBRIGHT-L934SGC Datasheet
109Kb / 4P
   T-1(3MM) SUPER BRIGHT LED LAMPS
logo
Gilway Technical Lamp
GHB-3M50-DR GILWAY-GHB-3M50-DR Datasheet
120Kb / 3P
   T-1 (3mm) SUPER BRIGHT LED LAMP
logo
Bivar, Inc.
3SGX-X BIVAR-3SGX-X Datasheet
1Mb / 5P
   3mm (T1) Package Discrete LED GREEN, Super Bright
Revision D 08/19
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com