Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MLR105K100 Datasheet(PDF) 1 Page - NTE Electronics

Part # MLR105K100
Description  MYLAR/POLYESTER FILM
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

MLR105K100 Datasheet(HTML) 1 Page - NTE Electronics

  MLR105K100 Datasheet HTML 1Page - NTE Electronics MLR105K100 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MYLAR/POLYESTER FILM
MLR SERIES
20
NTE Electronics, Inc.
D Voice (800) 631–1250 (973) 748–5089 D FAX (973) 748–6224 D http://www.nteinc.com
The MLR series is a range of radial lead non–polarized
polyester film (Mylar) capacitors dipped in a hard epoxy
coating material to provide excellent protection against
moisture. These devices are intended for general pur-
pose DC applications.
RATINGS
Capacitance Range: .001
µf to 5.6µf
Voltage Range: 50V to 630V DC (35V to 250V AC)
Tolerance:
±10%
Withstand Voltage: 175%
PERFORMANCE SPECIFICATIONS
Operating Temperature Range:
–55
°C to +85°C (–67°F to +185°F)
Dissipation Factor: 1% Max
Capacitance Tolerance (K):
±10%
measured @ +25
°C (+77°F), 1kHZ, for values
up to and including 1
µf
measured @ +25
°C (+77°F), 120HZ, for values
above 1
µf
Insulation Resistance:
50V & 100V, .001
µf–
.1
µf = 30,000MΩ Min
.12
µf – 2.2µf = 10,000MΩ Min
250V,
.01
µf – 5.6µf = 10,000MΩ Min
400V,
.0047
µf – 4.0µf = 10,000MΩ Min
630V,
.001
µf – .008µf = 100,000MΩ Min
.01
µf – 3.0µf = 10,000MΩ Min
Life Test: 1000Hrs @ +85
°C (+185°F)
at 150% rated voltage
ORDERING INFORMATION
MLR
27
4
K
100
Series
Capacitance
Multiplier
Tolerance
Voltage
FIGURE 1
All dimensions are in mm
L
S
T
d
H
20.0 Min
1.5 Max
MECHANICAL SPECIFICATIONS (Figure 1)
50 Volt (35VAC) Series Dimensions (mm)
Cap
µf
Code
T
H
L
S
d
.001
102
3.0
7.5
5.5
3.5
±1.0
0.5
.0033
332
3.0
7.5
5.5
3.5
±1.0
0.5
.01
103
3.0
7.5
6.0
3.5
±1.0
0.5
.012
123
3.0
9.0
6.0
3.5
±1.0
0.5
.018
183
3.5
9.0
6.5
3.5
±1.0
0.5
.027
273
4.0
9.5
6.5
3.5
±1.0
0.5
.033
333
4.0
9.5
6.5
3.5
±1.0
0.5
.039
393
4.5
9.5
7.5
5.0
±1.5
0.5
.047
473
4.5
9.5
7.5
5.0
±1.5
0.5
.1
104
5.5
10.5
9.0
5.0
±1.5
0.5
.15
154
6.0
10.0
14.0
10.0
±1.5
0.6
.27
274
6.0
11.0
14.0
10.0
±1.5
0.6
.33
334
6.0
12.0
14.0
10.0
±1.5
0.6
1.0
105
9.0
15.0
18.0
15.0
±1.5
0.6
100 Volt (65VAC) Series Dimensions (mm)
Cap
µf
Code
T
H
L
S
d
.001
102
3.0
7.5
5.5
3.5
±1.0
0.5
.0012
122
3.0
7.5
5.5
3.5
±1.0
0.5
.0015
152
3.0
7.5
5.5
3.5
±1.0
0.5
.0018
182
3.0
7.5
5.5
3.5
±1.0
0.5
.002
202
3.0
7.5
5.5
3.5
±1.0
0.5
.0022
222
3.0
7.5
5.5
3.5
±1.0
0.5
.0027
272
3.0
7.5
5.5
3.5
±1.0
0.5
.0033
332
3.0
7.5
5.5
3.5
±1.0
0.5
.0039
392
3.0
7.5
5.5
3.5
±1.0
0.5
.0047
472
3.0
7.5
5.5
3.5
±1.0
0.5
.0056
562
3.0
7.5
5.5
3.5
±1.0
0.5
.0068
682
3.0
7.5
5.5
3.5
±1.0
0.5
.0082
822
3.0
7.5
6.0
3.5
±1.0
0.5
.01
103
3.0
7.5
6.0
3.5
±1.0
0.5
.012
123
3.0
9.0
6.0
3.5
±1.0
0.5
.015
153
3.0
9.0
6.0
3.5
±1.0
0.5
.018
183
3.5
9.0
6.5
3.5
±1.0
0.5
.022
223
3.5
9.0
6.5
3.5
±1.0
0.5
.027
273
4.0
9.5
6.5
3.5
±1.0
0.5
.033
333
4.0
9.5
6.5
3.5
±1.0
0.5
.039
393
4.5
9.5
7.5
5.0
±1.5
0.5
.047
473
4.5
9.5
7.5
5.0
±1.5
0.5
.056
563
4.5
10.5
8.0
5.0
±1.5
0.5
.068
683
4.5
10.5
8.0
5.0
±1.5
0.5
.082
823
5.5
10.5
9.0
5.0
±1.5
0.5
.1
104
5.5
10.5
9.0
5.0
±1.5
0.5
.12
124
6.0
12.0
14.0
10.0
±1.5
0.6
.15
154
6.0
10.0
14.0
10.0
±1.5
0.6
.18
184
6.0
10.0
14.0
10.0
±1.5
0.6
.22
224
6.0
10.0
14.0
10.0
±1.5
0.6
.27
274
6.0
11.0
14.0
10.0
±1.5
0.6
.33
334
6.0
12.0
14.0
10.0
±1.5
0.6
.39
394
6.0
12.0
18.0
15.0
±1.5
0.6
.47
474
6.0
12.0
18.0
15.0
±1.5
0.6
.56
564
7.0
14.0
18.0
15.0
±1.5
0.6
.68
684
7.0
14.0
18.0
15.0
±1.5
0.6
.82
824
9.0
15.0
18.0
15.0
±1.5
0.6
1.0
105
9.0
15.0
18.0
15.0
±1.5
0.6
2.2
225
11.0
20.0
24.0
20.0
±1.5
0.8


Similar Part No. - MLR105K100

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
MLR12061R001D MERITEK-MLR12061R001D Datasheet
191Kb / 4P
   Metal Alloy Low-Ohmic Current Sensing Resistor
MLR12061R010D MERITEK-MLR12061R010D Datasheet
191Kb / 4P
   Metal Alloy Low-Ohmic Current Sensing Resistor
MLR12061R100D MERITEK-MLR12061R100D Datasheet
191Kb / 4P
   Metal Alloy Low-Ohmic Current Sensing Resistor
MLR12062R001D MERITEK-MLR12062R001D Datasheet
191Kb / 4P
   Metal Alloy Low-Ohmic Current Sensing Resistor
MLR12062R010D MERITEK-MLR12062R010D Datasheet
191Kb / 4P
   Metal Alloy Low-Ohmic Current Sensing Resistor
More results

Similar Description - MLR105K100

ManufacturerPart #DatasheetDescription
logo
jb Capacitors Company
JFA JBCAPACITORS-JFA_16 Datasheet
201Kb / 1P
   Mylar Polyester Film Capacitor
JFA JBCAPACITORS-JFA_17 Datasheet
187Kb / 1P
   Mylar Polyester Film Capacitor
logo
Electronic Film Capacit...
1306 EFC-1306 Datasheet
58Kb / 9P
   POLYESTER (MYLAR) and FOIL
1306EC EFC-1306EC Datasheet
12Kb / 1P
   Polyester (Mylar) and Foil Capacitors
1306EF EFC-1306EF Datasheet
12Kb / 1P
   Polyester (Mylar) and Foil Capacitors
1306TC EFC-1306TC Datasheet
12Kb / 1P
   Polyester (Mylar) and Foil Capacitors
1306TF EFC-1306TF Datasheet
13Kb / 1P
   Polyester (Mylar) and Foil Capacitors
1306DFR EFC-1306DFR Datasheet
14Kb / 1P
   Polyester (Mylar) and Foil Capacitors
1306EFRA EFC-1306EFRA Datasheet
14Kb / 1P
   Polyester (Mylar) and Foil Capacitors
1306EFRB EFC-1306EFRB Datasheet
15Kb / 1P
   Polyester (Mylar) and Foil Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com