Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE30011 Datasheet(PDF) 2 Page - NTE Electronics

Part # NTE30011
Description  Light Emitting Diode (LED) PLCC Surface Mount
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE30011 Datasheet(HTML) 2 Page - NTE Electronics

  NTE30011 Datasheet HTML 1Page - NTE Electronics NTE30011 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical/Optical Characteristics (Cont’d): (TA = +25°C unless otherwise specified)
Parameter
Symbol Test Conditions
Min
Typ Max Unit
Forward Voltage
NTE30011
VF
IF = 20mA
1.85
2.5
V
NTE30012
2.2
2.5
V
NTE30013
2.1
2.5
V
Reverse Current
IR
VR = 5V
10
μA
Peak Emission Wave Length
NTE30011
λP
IF = 20mA
660
nm
NTE30012
565
nm
NTE30013
590
nm
Dominate Wavelength
NTE30011
λD
IF = 20mA
640
nm
NTE30012
568
nm
NTE30013
588
nm
Spectral Line Half Width
NTE30011
Δλ
IF = 20mA
45
nm
NTE30012
30
nm
NTE30013
35
nm
Capacitance
NTE30011
C
VF = 0V, f = 1MHz
45
pF
NTE30012
15
pF
NTE30013
20
pF
.087
(2.2)
.110
(2.8)
.075
(1.9)
Anode
Cathode
Polarity Mark
.0059 (0.15)
.031 (0.8)
.126 (3.2)
.138 (3.5)
.094
(2.4)
Dia
.032
(0.8)


Similar Part No. - NTE30011

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE3001 NTE-NTE3001 Datasheet
19Kb / 2P
   Light Emitting Diode Miniature, Diffused Red
NTE30010 NTE-NTE30010 Datasheet
27Kb / 2P
   Light Emitting Diode (LED) Subminiature
NTE30014 NTE-NTE30014 Datasheet
26Kb / 2P
   Light Emitting Diode (LED)
NTE30015 NTE-NTE30015 Datasheet
26Kb / 2P
   Light Emitting Diode (LED)
NTE30016 NTE-NTE30016 Datasheet
26Kb / 2P
   Light Emitting Diode (LED)
More results

Similar Description - NTE30011

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE30026 NTE-NTE30026 Datasheet
83Kb / 2P
   Light Emitting Diode (LED) PLCC Surface Mount
NTE30002 NTE-NTE30002 Datasheet
73Kb / 2P
   Light Emitting Diode (LED) 0805 Surface Mount
NTE30074 NTE-NTE30074 Datasheet
92Kb / 3P
   Light Emitting Diode (LED) 1206 Surface Mount
NTE30018 NTE-NTE30018 Datasheet
86Kb / 2P
   Light Emitting Diode (LED) 0603 Surface Mount
NTE30022 NTE-NTE30022 Datasheet
86Kb / 2P
   Light Emitting Diode (LED) 0805 Surface Mount
NTE30005 NTE-NTE30005 Datasheet
73Kb / 2P
   Light Emitting Diode (LED) 0603 Surface Mount
NTE30088 NTE-NTE30088 Datasheet
88Kb / 2P
   Light Emitting Diode (LED) SOT−23 Surface Mount
NTE30081 NTE-NTE30081 Datasheet
87Kb / 3P
   Light Emitting Diode (LED) Right Angle Surface Mount
logo
Fairchild Semiconductor
QEB441TR FAIRCHILD-QEB441TR Datasheet
127Kb / 4P
   SURFACE MOUNT INFRARED LIGHT EMITTING DIODE
QEB441 FAIRCHILD-QEB441 Datasheet
121Kb / 4P
   SURFACE MOUNT INFRARED LIGHT EMITTING DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com