Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE83Q92A Datasheet(PDF) 6 Page - NXP Semiconductors

Part # NE83Q92A
Description  Low-power coaxial Ethernet transceiver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NE83Q92A Datasheet(HTML) 6 Page - NXP Semiconductors

  NE83Q92A Datasheet HTML 1Page - NXP Semiconductors NE83Q92A Datasheet HTML 2Page - NXP Semiconductors NE83Q92A Datasheet HTML 3Page - NXP Semiconductors NE83Q92A Datasheet HTML 4Page - NXP Semiconductors NE83Q92A Datasheet HTML 5Page - NXP Semiconductors NE83Q92A Datasheet HTML 6Page - NXP Semiconductors NE83Q92A Datasheet HTML 7Page - NXP Semiconductors NE83Q92A Datasheet HTML 8Page - NXP Semiconductors NE83Q92A Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Philips Semiconductors
Product specification
NE83Q92
Low-power coaxial Ethernet transceiver
1995 May 1
6
FUNCTIONAL DESCRIPTION
The NE83Q92 is a low power BiCMOS coaxial Ethernet transceiver
which complies with the IEEE 802.3 specification and offers the
following features:
1. Low current consumption of typically 15mA when idle and 80mA
while transmitting (without collision) allows smaller DC-DC
converter to be used for the isolated power supply, (no external
pull-down resistors).
2. Automatic selection between AUI cable and coaxial connections
by placing the AUI outputs in a high impedance state when the
coaxial cable is disconnected. This eliminates the need for
changing a jumper position on the Ethernet board when selecting
either Thin Ethernet or remote transceiver connections.
3. High efficiency AUI drivers for the RX
± and CD± ports
automatically power down when idling and are powered-up when
a receive signal is detected. This is very important/useful for
power sensitive applications such as lap-top computers or
PCMCIA cards.
4. The NE83Q92 advanced AUI driver (RX
± and CD±) design
requires no external pull-down resistors (500
Ω) to drive a
terminated (78
Ω) AUI cable and still meets the IEEE 802.3
specification. The drivers will also operate correctly if external
resistors are present, so that they can be retro-fitted into existing
8392 designs. However, an extra current of 7mA/output (for
500
Ω resistors) would be generated, by these resistors,
regardless of whenther the transceiver is idle or responding to
traffic.
Receiver Functions
The receiver consists of an input buffer, a cable equalizer, a 4-pole
Bessel low pass filter, a squelch circuit and a differential line driver.
The buffer provides high input resistance and low input capacitance
to minimize loading and reflections on the coaxial cable.
The equalizer is a high pass filter that compensates for the low pass
effect of the coaxial cable and results in a flatband response over all
signal frequencies to minimize signal distortion.
The 4-pole Bessel low pass filter extracts the average DC voltage
level on the coaxial cable for use by the receiver squelch and
collision detection circuits.
The receiver squelch circuit prevents noise on the coaxial cable
from falsely triggering the receiver in the absence of a true signal.
At the beginning of a packet, the receiver turns on when the DC
level from the low pass filter exceeds the DC squelch threshold and
the received packet has started with a 01 bit sequence with
acceptable timing parameters. For normal signal levels this will take
less than 500ns, or 5 bits. However, at the end of a packet, a fast
receiver turn off is needed to reject both dribble bits on the coaxial
cable and spurious responses due to settling of the on-chip
bandpass filter. This is accomplished by an AC timing circuit that
disables the receiver if the signal level on the coaxial cable remains
high for typically 250ns and only enables the receiver again after
approximately .5
µs. Figures 3 and 4 illustrate receiver timing.
The differential line drivers provide typically +900mV signals to the
DTE with less than 7ns rise and fall times. When in idle state (no
received signal) their outputs provide <20mV differential voltage
offset to minimize DC standing current in the isolation transformer.
Transmitter Functions
The transmitter has differential inputs and an open collector current
driver output. The differential input common mode voltage is
established by the CTI and should not be altered by external
circuitry. Controlled rise and fall times of 25ns (
±5ns) minimize
higher harmonic components in the transmitted spectrum, while
matching of these rise and fall times to typically 2ns minimizes
signal jitter. The drive current levels of the CTI are set by an on-chip
bandgap voltage reference and an external 1% resistor. An on-chip
isolation diode is provided to reduce the transmitter’s coaxial cable
load capacitance. For Thin Ethernet applications, no further external
isolation diode is required, since the NE83Q92 meets the capacitive
loading specifications. For Ethernet applications a further external
diode should be added to reduce loading capacitance.
The transmitter squelch circuit ensures that the transmitter can only
be enabled if the transmitted packet begins with a 01 bit sequence
where the negative-going differential signals are typically greater
than 225mV in magnitude and 25ns in duration.
The transmitter will be disabled at the end of a packet if there are no
negative going signals of greater than 225mV for more than typically
150ns. Figure 5 illustrates transmitter timing.
Collision Functions
The collision detection scheme implemented in the NE83Q92 is
receive mode detection, which detects a collision between any two
stations on the network with certainty at all times, irrespective of
whether or not the local DTE is producing one of the colliding
signals. This is the only detection scheme allowed by the IEEE
802.3 standard for both repeater and non-repeater nodes.
The collision circuitry consists of the 4-pole Bessel low pass filter, a
comparator, a precision voltage reference that sets up the collision
threshold, a heartbeat generator, a 10MHz oscillator, and a
differential line driver.
The collision comparator monitors the DC level at the output of the
low pass filter and enables the line driver if it is more negative than
the collision threshold. A collision condition is indicated to the DTE
by a 10MHz oscillation signal at the CD outputs and typically occurs
within 700ns of the onset of the collision. The collision signal begins
with a negative-going pulse and ends with a continuous high-to-idle
state longer than 170ns. Figure 6 illustrates collision timing.
At the end of every transmission, the heartbeat generator creates a
pseudo collision to ensure that the collision circuitry is properly
functioning. This pseudo collision consists of a 1
µs burst of 10MHz
oscillation at the line driver outputs approximately 1
µs after the end
of the transmission. The heartbeat function can be disabled
externally by connecting the HBE (heartbeat enable) to VEE. This
allows the CTI to be used in repeater applications. Figure 7
illustrates heartbeat timing.
Jabber Functions
The jabber timer monitors the transmitter and inhibits transmission if
it is active for longer than typically 30ms. The jabber circuit then
enables the collision outputs for the remainder of the data packet
and for typically 450ns (unjab time) after it has ended. At this point
the transmitter becomes uninhibited. Figure 8 illustrates jabber
timing.


Similar Part No. - NE83Q92A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE83Q93 PHILIPS-NE83Q93 Datasheet
90Kb / 11P
   Enhanced coaxial Ethernet transceiver
1995 May 1
NE83Q93D PHILIPS-NE83Q93D Datasheet
90Kb / 11P
   Enhanced coaxial Ethernet transceiver
1995 May 1
NE83Q93N PHILIPS-NE83Q93N Datasheet
90Kb / 11P
   Enhanced coaxial Ethernet transceiver
1995 May 1
More results

Similar Description - NE83Q92A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
78Q8392L-CP ETC-78Q8392L-CP Datasheet
54Kb / 12P
   Low Power Ethernet Coaxial Transceiver
logo
NXP Semiconductors
NE83C92 PHILIPS-NE83C92 Datasheet
134Kb / 9P
   Low-power coaxial Ethernet transceiver
1995 May 1
logo
Teridian Semiconductor ...
78Q8392L TERIDIAN-78Q8392L Datasheet
298Kb / 14P
   Low Power Ethernet Coaxial Transceiver
logo
NXP Semiconductors
NE83Q93 PHILIPS-NE83Q93 Datasheet
90Kb / 11P
   Enhanced coaxial Ethernet transceiver
1995 May 1
NE8392C PHILIPS-NE8392C Datasheet
73Kb / 9P
   Coaxial transceiver interface for Ethernet/Thin Ethernet
1995 May 1
logo
List of Unclassifed Man...
AC104QF ETC2-AC104QF Datasheet
305Kb / 37P
   Ultra Low Power 10/100 Quad RMII Ethernet Transceiver
AC1040F ETC2-AC1040F Datasheet
327Kb / 37P
   Ultra Low Power 10/100 Quad RMII Ethernet Transceiver
logo
Texas Instruments
DP83825I TI1-DP83825I Datasheet
861Kb / 78P
[Old version datasheet]   Low Power 10/100 Mbps Ethernet Physical Layer Transceiver
TLK1221 TI-TLK1221 Datasheet
854Kb / 23P
[Old version datasheet]   ETHERNET TRANSCEIVER
logo
Cirrus Logic
CS8904 CIRRUS-CS8904 Datasheet
1Mb / 34P
   ETHERNET TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com