Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRC440V30 Datasheet(PDF) 2 Page - NTE Electronics

Part # MRC440V30
Description  MOTOR RUN AC METALLIZED
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

MRC440V30 Datasheet(HTML) 2 Page - NTE Electronics

  MRC440V30 Datasheet HTML 1Page - NTE Electronics MRC440V30 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MOTOR RUN AC METALLIZED
MRC SERIES
23
NTE Electronics, Inc.
D Voice (973) 748−5089 D FAX (973) 748−6224 D http://www.nteinc.com
370VAC Ratings and Dimensions @ 70
° Case Temp.
NTE Type Number
Capacitance
Case Dimensions − Inch (mm)
mF
W
D
L
MRC370V2
2
2.16 (54.86)
1.31 (33.27)
2.19 (55.63)
MRC370V3
3
2.16 (54.86)
1.31 (33.27)
2.19 (55.63)
MRC370V4
4
2.16 (54.86)
1.31 (33.27)
2.19 (55.63)
MRC370V5
5
2.16 (54.86)
1.31 (33.27)
2.19 (55.63)
MRC370V6
6
2.16 (54.86)
1.31 (33.27)
2.19 (55.63)
MRC370V7R5
7.5
2.16 (54.86)
1.31 (33.27)
2.36 (59.94)
MRC370V10
10
2.16 (54.86)
1.31 (33.27)
2.69 (68.33)
MRC370V12R5
12.5
2.16 (54.86)
1.31 (33.27)
3.13 (79.50)
MRC370V15
15
2.16 (54.86)
1.31 (33.27)
3.88 (98.55)
MRC370V17R5
17.5
2.87 (72.89)
1.87 (47.50)
2.95 (74.93)
MRC370V20
20
2.91 (73.91)
1.91 (48.51)
2.69 (68.33)
MRC370V25
25
2.11 (53.59)
1.32 (33.52)
3.75 (95.25)
MRC370V30
30
2.87 (72.89)
1.87 (47.50)
3.03 (76.96)
MRC370V35
35
2.91 (73.91)
1.91 (48.51)
3.13 (79.50)
MRC370V40
40
3.66 (92.96)
1.91 (48.51)
3.88 (98.55)
MRC370V45
45
3.66 (92.96)
1.97 (50.04)
3.88 (98.55)
MRC370V50
50
3.66 (92.96)
1.97 (50.04)
3.88 (98.55)
440VAC Ratings and Dimensions @ 70
° Case Temp.
NTE Type Number
Capacitance
Case Dimensions − Inch (mm)
mF
W
D
L
MRC440V2
2
2.16 (54.86)
1.31 (33.27)
1.85 (46.99)
MRC440V3
3
2.16 (54.86)
1.31 (33.27)
2.19 (55.63)
MRC440V4
4
2.16 (54.86)
1.31 (33.27)
2.19 (55.63)
MRC440V5
5
2.16 (54.86)
1.31 (33.27)
2.19 (55.63)
MRC440V6
6
2.16 (54.86)
1.31 (33.27)
2.69 (68.33)
MRC440V7R5
7.5
2.16 (54.86)
1.31 (33.27)
3.13 (79.50)
MRC440V10
10
2.16 (54.86)
1.31 (33.27)
3.88 (98.55)
MRC440V12R5
12.5
2.16 (54.86)
1.91 (48.51)
2.69 (68.33)
MRC440V15
15
2.16 (54.86)
1.91 (48.51)
3.88 (98.55)
MRC440V17R5
17.5
2.91 (73.91)
1.91 (48.51)
3.91 (99.31)
MRC440V20
20
2.91 (73.91)
1.91 (48.51)
3.88 (98.55)
MRC440V25
25
2.91 (73.91)
1.91 (48.51)
3.88 (98.55)
MRC440V30
30
2.91 (73.91)
1.91 (48.51)
3.88 (98.55)
MRC440V35
35
3.66 (92.96)
1.97 (50.04)
3.88 (98.55)
MRC440V40
40
3.66 (92.96)
1.97 (50.04)
3.88 (98.55)
MRC440V45
45
2.84 (72.14)
1.84 (46.74)
4.92 (124.96)
MRC440V50
50
3.66 (92.96)
1.97 (50.04)
3.88 (98.55)
MRC440V55
55
2.84 (72.14)
1.84 (46.74)
5.12 (130.05)
MRC440V60
60
3.66 (92.96)
1.97 (50.04)
4.25 (107.95)


Similar Part No. - MRC440V30

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
MRC440V30 NTE-MRC440V30 Datasheet
1Mb / 2P
   MOTOR RUN AC METALLIZED
More results

Similar Description - MRC440V30

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
MRC370V2 NTE-MRC370V2_12 Datasheet
1Mb / 2P
   MOTOR RUN AC METALLIZED
logo
Illinois Capacitor, Inc...
505QPC370KB8 ILLINOISCAPACITOR-505QPC370KB8 Datasheet
137Kb / 1P
   MOTOR RUN/AC
604QPC350KA3 ILLINOISCAPACITOR-604QPC350KA3 Datasheet
170Kb / 1P
   MOTOR RUN/AC
804QPC300KA3 ILLINOISCAPACITOR-804QPC300KA3 Datasheet
170Kb / 1P
   MOTOR RUN/AC
805QPC275KB8 ILLINOISCAPACITOR-805QPC275KB8 Datasheet
137Kb / 1P
   MOTOR RUN/AC
275QPC400KB5 ILLINOISCAPACITOR-275QPC400KB5 Datasheet
152Kb / 1P
   MOTOR RUN/AC
305QPC250KA3 ILLINOISCAPACITOR-305QPC250KA3 Datasheet
170Kb / 1P
   MOTOR RUN/AC
305QPC400KB8 ILLINOISCAPACITOR-305QPC400KB8 Datasheet
137Kb / 1P
   MOTOR RUN/AC
455QPC250KB5B ILLINOISCAPACITOR-455QPC250KB5B Datasheet
141Kb / 1P
   MOTOR RUN/AC
504QPC400KA3 ILLINOISCAPACITOR-504QPC400KA3 Datasheet
175Kb / 1P
   MOTOR RUN/AC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com