Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL12020 Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL12020
Description  Low Power RTC with VDD Battery Backed SRAM and Embedded Temp Compensation 짹5ppm with Auto Day Light Saving
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL12020 Datasheet(HTML) 4 Page - Intersil Corporation

  ISL12020 Datasheet HTML 1Page - Intersil Corporation ISL12020 Datasheet HTML 2Page - Intersil Corporation ISL12020 Datasheet HTML 3Page - Intersil Corporation ISL12020 Datasheet HTML 4Page - Intersil Corporation ISL12020 Datasheet HTML 5Page - Intersil Corporation ISL12020 Datasheet HTML 6Page - Intersil Corporation ISL12020 Datasheet HTML 7Page - Intersil Corporation ISL12020 Datasheet HTML 8Page - Intersil Corporation ISL12020 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
4
FN6450.0
March 29, 2007
I2C Interface Specifications
Test Conditions: VDD=+2.7 to +5.5V, Temperature = -20°C to +70°C, unless otherwise specified.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
(Note 7)
MAX
UNITS
NOTES
VIL
SDA and SCL input buffer LOW
voltage
-0.3
0.3 x VDD
V
VIH
SDA and SCL Input Buffer HIGH
Voltage
0.7 x VDD
VDD + 0.3
V
Hysteresis
SDA and SCL Input Buffer
Hysteresis
0.05 x VDD
V
VOL
SDA Output Buffer LOW Voltage,
Sinking 3mA
VDD = 5V, IOL = 3mA
0.4
V
CPIN
SDA and SCL Pin Capacitance
TA = +25°C, f = 1MHz,
VDD = 5V, VIN =0V,
VOUT = 0V
10
pF
fSCL
SCL Frequency
400
kHz
tIN
Pulse Width Suppression Time at
SDA and SCL Inputs
Any pulse narrower than the
max spec is suppressed.
50
ns
tAA
SCL Falling Edge To SDA Output
Data Valid
SCL falling edge crossing
30% of VDD, until SDA exits
the 30% to 70% of VDD
window.
900
ns
tBUF
Time the Bus Must be Free Before
The Start of a New Transmission
SDA crossing 70% of VDD
during a STOP condition, to
SDA crossing 70% of VDD
during the following START
condition.
1300
ns
tLOW
Clock LOW Time
Measured at the 30% of VDD
crossing.
1300
ns
tHIGH
Clock HIGH Time
Measured at the 70% of VDD
crossing.
600
ns
tSU:STA
START Condition Setup Time
SCL rising edge to SDA
falling edge. Both crossing
70% of VDD.
600
ns
tHD:STA
START Condition Hold Time
From SDA falling edge
crossing 30% of VDD to SCL
falling edge crossing 70% of
VDD.
600
ns
tSU:DAT
Input Data Setup Time
From SDA exiting the 30% to
70% of VDD window, to SCL
rising edge crossing 30% of
VDD.
100
ns
tHD:DAT
Input Data Hold Time
From SCL falling edge
crossing 30% of VDD to SDA
entering the 30% to 70% of
VDD window.
0
900
ns
tSU:STO
STOP Condition Setup Time
From SCL rising edge
crossing 70% of VDD, to SDA
rising edge crossing 30% of
VDD.
600
ns
tHD:STO
STOP Condition Hold Time
From SDA rising edge to
SCL falling edge. Both
crossing 70% of VDD.
600
ns
ISL12020


Similar Part No. - ISL12020

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL12020M INTERSIL-ISL12020M Datasheet
476Kb / 32P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12020M INTERSIL-ISL12020M Datasheet
768Kb / 6P
   High-Accuracy RTC Modules, Feature-Rich RTCs
ISL12020M INTERSIL-ISL12020M Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
ISL12020M INTERSIL-ISL12020M Datasheet
4Mb / 20P
   Intersil?셲 Solutions for Industrial Process Control
ISL12020M INTERSIL-ISL12020M Datasheet
633Kb / 34P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
More results

Similar Description - ISL12020

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL12023 RENESAS-ISL12023 Datasheet
1Mb / 29P
   Low Power RTC with Battery-Backed SRAM and Embedded Temp Compensation 짹5ppm with Auto Daylight Saving
logo
Intersil Corporation
ISL12023 INTERSIL-ISL12023 Datasheet
389Kb / 28P
   Low Power RTC with Battery-Backed SRAM and Embedded Temp Compensation 짹5ppm with Auto Daylight Saving
logo
Renesas Technology Corp
ISL12022 RENESAS-ISL12022 Datasheet
1Mb / 29P
   Low Power RTC with Battery-Backed SRAM and Embedded Temp Compensation 짹5ppm with Auto Daylight Saving
logo
Intersil Corporation
ISL12022MIBZ-T7A INTERSIL-ISL12022MIBZ-T7A Datasheet
900Kb / 31P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12020M INTERSIL-ISL12020M Datasheet
476Kb / 32P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
logo
Renesas Technology Corp
ISL12022MA RENESAS-ISL12022MA Datasheet
1Mb / 31P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12022MR5421 RENESAS-ISL12022MR5421 Datasheet
1Mb / 31P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12020M RENESAS-ISL12020M Datasheet
1Mb / 34P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
logo
Intersil Corporation
ISL12022M INTERSIL-ISL12022M_10 Datasheet
620Kb / 31P
   Low Power RTC with Battery Backed SRAM,Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12022MA INTERSIL-ISL12022MA_10 Datasheet
866Kb / 29P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com