Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


J-300 Datasheet(PDF) 1 Page - NTE Electronics

Part No. J-300
Description  BUTANE FUEL CONTAINED IN J-300 & JT-004
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NTE [NTE Electronics]
Homepage  http://www.nteinc.com
Logo 

   
 1 page
background image
MATERIAL SAFETY DATA SHEET
Finished Product
Date-Issued: 06/07/2004
MSDS Ref. No: J-300/JT-004
Date-Revised: 06/07/2004
Revision No: New MSDS
BUTANE FUEL CONTAINED IN J-300 & JT-004
1. PRODUCT AND COMPANY IDENTIFICATION
PRODUCT NAME: J-300/JT-004
PRODUCT DESCRIPTION: Butane Torch and replacement cartridge containing Butane Fuel
PRODUCT CODE: J-300/JT-004
CHEMICAL FAMILY: Petroleum Hydrocarbon,Alkaline
COMPONENTS:
Material
CAS Number
PEL/TLV. Source
Percent
Isobutane (volume)
75-28-5
Not established
78
n-butane (volume)
106-97-8
800 ppm, OSHA
22
MARKETER
24 HR. EMERGENCY TELEPHONE NUMBERS
NTE Electronics, Inc.
44 Farrand Street
CHEMTREC (U.S.): (800) 424-9300
Bloomfield, NJ 07003
CANUTEC:
(613) 996-6666
Phone: 973-748-5089
EMERGENCY PHONE:
800-631-1250(8-5pm est)
2. CHEMICAL AND PHYSICAL PROPERTIES
SOLUBLITY IN WATER (@20C):
< 0.1% /weight
VAPOR DENSITY:
>2
SPECIFIC GRAVITY (WATER=1):
0.5676
BOILING POINT:
approx. –11.7deg F
PRESSURE IN CAN:
Approx. 28 psig
EVAPORATION RATE (BuAce=1)
Gas
APPEARANCE AND ODOR: Liquefied compressed gas, flash evaporated at room temperature when released from
can, colorless gas with strong mercaptan(skunk like) odor due to stenching agent to gas for leak detection purposes.
ODORLESS
3. REACTIVITY DATA
STABILITY: STABLE
INCOMPATIBILITY:
Contact with sparks, open flame or any source of ignition
NOTE:
HAZARDOUS POLYMERIZATION WILL NOT OCCUR




Html Pages

1  2  3 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl