Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE83C92N Datasheet(PDF) 1 Page - NXP Semiconductors

Part # NE83C92N
Description  Low-power coaxial Ethernet transceiver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NE83C92N Datasheet(HTML) 1 Page - NXP Semiconductors

  NE83C92N Datasheet HTML 1Page - NXP Semiconductors NE83C92N Datasheet HTML 2Page - NXP Semiconductors NE83C92N Datasheet HTML 3Page - NXP Semiconductors NE83C92N Datasheet HTML 4Page - NXP Semiconductors NE83C92N Datasheet HTML 5Page - NXP Semiconductors NE83C92N Datasheet HTML 6Page - NXP Semiconductors NE83C92N Datasheet HTML 7Page - NXP Semiconductors NE83C92N Datasheet HTML 8Page - NXP Semiconductors NE83C92N Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Philips Semiconductors
Product specification
NE83C92
Low-power coaxial Ethernet transceiver
1
1995 May 1
853-1736 15180
DESCRIPTION
The NE83C92 is a low power BiCMOS coaxial transceiver interface
(CTI) for Ethernet (10base5) and Thin Ethernet (10base2) local area
networks. The CTI is connected between the coaxial cable and the
Data Terminal Equipment (DTE) and consists of a receiver,
transmitter, receive-mode collision detector, heartbeat generator and
jabber timer (see Block Diagram). The transmitter output connects
directly to a doubly terminated 50
Ω cable, while the receiver output,
collision detector output and transmitter input are connected to the
DTE through isolation transformers. Isolation between the CTI and
the DTE is an IEEE 802.3 requirement that can be met on signal
lines by using a set of pulse transformers. Power isolation for the
CTI is achieved using DC-to-DC conversion through a power
transformer.
The part is fully pin compatible with the industry standard 8392, but
has substantially lower current consumption, is fully compliant with
the IEEE802.3 standard, and has additional features such as
automatic selection between AUI and coaxial connections, and
requires no external pull-down resistors for local integrated MAU
application.
The NE83C92 is manufactured on an advanced BiCMOS process
and is available with PLCC package which make it ideally suited to
lap-top personal computers or systems where low power
consumption, limited board space and jumperless design is
required. Refer to selection flow chart for optimal application.
FEATURES
Fully compliant with Ethernet II, IEEE 802.3 10BASE-5 and
10BASE-2, and ISO 8802/3 interface specifications
100% drop-in compatible with industry standard 8392 sockets
Optimal implementation can use 1 Watt DC-DC converter and
reduces external part count (local/integrated MAU requires no
external pull-down resistors).
High efficiency AUI drivers automatically power-down under idle
conditions to minimize current consumption
Automatically disabling AUI drivers when disconnecting coax
cable, allowing hardwiring of AUI connection and local/integrated
CTI connection
Smart squelch on data inputs eliminates false activations
Advanced BiCMOS process for extremely low power operation
PIN CONFIGURATION
CD+
1
CD–
2
RX+
3
VEE
4
VEE
5
RX–
6
TX+
7
TX–
8
16 CDS
15 TXO
14
RXI
13 VEE
12 RR–
11 RR+
10 GND
9
HBE
N Packages
1
2
3
4
5
6
7
8
9
10
11
12 13
14 15 16 17 18
19
20
21
22
23
24
25
26
27
28
V
EE
V
EE
V
EE
V
EE
V
EE
V
EE
V
EE
V
EE
V
EE
V
EE
V
EE
V
EE
RR–
A PACKAGE
VEE
SD00308
Available in 16-pin DIP, and 28-pin PLCC packages
Expanded version (NE83Q93) with 5 LED status drivers is
available for repeater and advanced system applications
Full ESD protection
Power-on reset prevents glitches on coaxial cable during
power-up
ORDERING INFORMATION
DESCRIPTION
TEMPERATURE RANGE
ORDER CODE
DWG #
16-Pin Plastic Dual In-Line Package
0 to +70
°C
NE83C92N
SOT28-4
28-Pin Plastic Leaded Chip Carrier
0 to +70
°C
NE83C92A
SOT261-3


Similar Part No. - NE83C92N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE8392 PHILIPS-NE8392 Datasheet
73Kb / 9P
   Coaxial transceiver interface for Ethernet/Thin Ethernet
1995 May 1
NE8392C PHILIPS-NE8392C Datasheet
73Kb / 9P
   Coaxial transceiver interface for Ethernet/Thin Ethernet
1995 May 1
NE8392CA PHILIPS-NE8392CA Datasheet
73Kb / 9P
   Coaxial transceiver interface for Ethernet/Thin Ethernet
1995 May 1
NE8392CN PHILIPS-NE8392CN Datasheet
73Kb / 9P
   Coaxial transceiver interface for Ethernet/Thin Ethernet
1995 May 1
NE83Q92 PHILIPS-NE83Q92 Datasheet
137Kb / 9P
   Low-power coaxial Ethernet transceiver
1995 May 1
More results

Similar Description - NE83C92N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE83Q92 PHILIPS-NE83Q92 Datasheet
137Kb / 9P
   Low-power coaxial Ethernet transceiver
1995 May 1
logo
List of Unclassifed Man...
78Q8392L-CP ETC-78Q8392L-CP Datasheet
54Kb / 12P
   Low Power Ethernet Coaxial Transceiver
logo
Teridian Semiconductor ...
78Q8392L TERIDIAN-78Q8392L Datasheet
298Kb / 14P
   Low Power Ethernet Coaxial Transceiver
logo
NXP Semiconductors
NE83Q93 PHILIPS-NE83Q93 Datasheet
90Kb / 11P
   Enhanced coaxial Ethernet transceiver
1995 May 1
NE8392C PHILIPS-NE8392C Datasheet
73Kb / 9P
   Coaxial transceiver interface for Ethernet/Thin Ethernet
1995 May 1
logo
List of Unclassifed Man...
AC104QF ETC2-AC104QF Datasheet
305Kb / 37P
   Ultra Low Power 10/100 Quad RMII Ethernet Transceiver
AC1040F ETC2-AC1040F Datasheet
327Kb / 37P
   Ultra Low Power 10/100 Quad RMII Ethernet Transceiver
logo
Texas Instruments
DP83825I TI1-DP83825I Datasheet
861Kb / 78P
[Old version datasheet]   Low Power 10/100 Mbps Ethernet Physical Layer Transceiver
TLK1221 TI-TLK1221 Datasheet
854Kb / 23P
[Old version datasheet]   ETHERNET TRANSCEIVER
logo
Cirrus Logic
CS8904 CIRRUS-CS8904 Datasheet
1Mb / 34P
   ETHERNET TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com