Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FCA47N60 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FCA47N60
Description  new generation of high voltage MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FCA47N60 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FCA47N60 Datasheet HTML 1Page - Fairchild Semiconductor FCA47N60 Datasheet HTML 2Page - Fairchild Semiconductor FCA47N60 Datasheet HTML 3Page - Fairchild Semiconductor FCA47N60 Datasheet HTML 4Page - Fairchild Semiconductor FCA47N60 Datasheet HTML 5Page - Fairchild Semiconductor FCA47N60 Datasheet HTML 6Page - Fairchild Semiconductor FCA47N60 Datasheet HTML 7Page - Fairchild Semiconductor FCA47N60 Datasheet HTML 8Page - Fairchild Semiconductor FCA47N60 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
www.fairchildsemi.com
FCH47N60 / FCA47N60 Rev. B
Typical Performance Characteristics
Figure 1. On-Region Characteristics
Figure 2. Transfer Characteristics
Figure 3. On-Resistance Variation vs.
Figure 4. Body Diode Forward Voltage
Drain Current and Gate Voltage
Variation vs. Source Current
and Temperatue
Figure 5. Capacitance Characteristics
Figure 6. Gate Charge Characteristics
10
-1
10
0
10
1
10
0
10
1
10
2
V
GS
Top :
15.0 V
10.0 V
8.0 V
7.0 V
6.5 V
6.0 V
Bottom : 5.5 V
* Notes :
1. 250μs Pulse Test
2. T
C = 25
oC
V
DS, Drain-Source Voltage [V]
24
6
8
10
10
0
10
1
10
2
* Note
1. V
DS = 40V
2. 250μs Pulse Test
-55
oC
150
oC
25
oC
V
GS , Gate-Source Voltage [V]
0
20
40
60
80
100
120
140
160
180
200
0.00
0.05
0.10
0.15
0.20
V
GS = 20V
V
GS = 10V
* Note : T
J = 25
oC
I
D, Drain Current [A]
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
10
0
10
1
10
2
25
oC
150
oC
* Notes :
1. V
GS = 0V
2. 250μs Pulse Test
V
SD , Source-Drain Voltage [V]
10
-1
10
0
10
1
0
5000
10000
15000
20000
25000
30000
C
iss = Cgs + Cgd (Cds = shorted)
C
oss = Cds + Cgd
C
rss = Cgd
* Notes :
1. V
GS = 0 V
2. f = 1 MHz
C
rss
C
oss
C
iss
V
DS, Drain-Source Voltage [V]
0
50
100
150
200
250
0
2
4
6
8
10
12
V
DS = 250V
V
DS = 100V
V
DS = 400V
* Note : I
D = 47A
Q
G, Total Gate Charge [nC]


Similar Part No. - FCA47N60

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FCA47N60 FAIRCHILD-FCA47N60 Datasheet
664Kb / 9P
   600V N-Channel MOSFET
FCA47N60 FAIRCHILD-FCA47N60 Datasheet
969Kb / 10P
   600V N-Channel MOSFET
FCA47N60 FAIRCHILD-FCA47N60 Datasheet
298Kb / 14P
   DESIGN/PROCESS CHANGE NOTIFICATION
FCA47N60-F109 FAIRCHILD-FCA47N60-F109 Datasheet
298Kb / 14P
   DESIGN/PROCESS CHANGE NOTIFICATION
FCA47N60F FAIRCHILD-FCA47N60F Datasheet
196Kb / 8P
   600V N-Channel MOSFET, FRFET
More results

Similar Description - FCA47N60

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SZ8-Y15-XX-XX SEOUL-SZ8-Y15-XX-XX Datasheet
1Mb / 30P
   New Generation of WICOP
SZ8-Y19-XX-XX SEOUL-SZ8-Y19-XX-XX Datasheet
1Mb / 30P
   New Generation of WICOP
logo
Advanced Power Technolo...
APT20GT60AR ADPOW-APT20GT60AR Datasheet
27Kb / 2P
   The Thunderbolt IGBT??is a new generation of high voltage power IGBTs.
APT20GT60CR ADPOW-APT20GT60CR Datasheet
28Kb / 2P
   The Thunderbolt IGBT??is a new generation of high voltage power IGBTs.
APT60GT60JR ADPOW-APT60GT60JR Datasheet
32Kb / 2P
   The Thunderbolt IGBT??is a new generation of high voltage power IGBTs.
APT8GT60KR ADPOW-APT8GT60KR Datasheet
87Kb / 4P
   The Thunderbolt IGBT??is a new generation of high voltage power IGBTs.
APT40GF120JRD ADPOW-APT40GF120JRD Datasheet
51Kb / 4P
   The Fast IGBT??is a new generation of high voltage power IGBTs
APT50GF60B2RD ADPOW-APT50GF60B2RD Datasheet
112Kb / 7P
   The Fast IGBT??is a new generation of high voltage power IGBTs.
APT30GT60AR ADPOW-APT30GT60AR Datasheet
27Kb / 2P
   The Thunderbolt IGBT??is a new generation of high voltage power IGBTs.
APT33GF120HR ADPOW-APT33GF120HR Datasheet
26Kb / 2P
   The Fast IGBT is a new generation of high voltage power IGBTs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com