Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6610AIBZ Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL6610AIBZ
Description  Dual Synchronous Rectified MOSFET Drivers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6610AIBZ Datasheet(HTML) 1 Page - Intersil Corporation

  ISL6610AIBZ Datasheet HTML 1Page - Intersil Corporation ISL6610AIBZ Datasheet HTML 2Page - Intersil Corporation ISL6610AIBZ Datasheet HTML 3Page - Intersil Corporation ISL6610AIBZ Datasheet HTML 4Page - Intersil Corporation ISL6610AIBZ Datasheet HTML 5Page - Intersil Corporation ISL6610AIBZ Datasheet HTML 6Page - Intersil Corporation ISL6610AIBZ Datasheet HTML 7Page - Intersil Corporation ISL6610AIBZ Datasheet HTML 8Page - Intersil Corporation ISL6610AIBZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
®
FN6395.0
ISL6610, ISL6610A
Dual Synchronous Rectified MOSFET
Drivers
The ISL6610, ISL6610A integrates two ISL6609, ISL6609A
drivers with enable function removed and is optimized to
drive two independent power channels in a synchronous-
rectified buck converter topology. These drivers, combined
with an Intersil ISL63xx or ISL65xx multiphase PWM
controller, form a complete high efficiency voltage regulator
at high switching frequency.
The IC is biased by a single low voltage supply (5V),
minimizing driver switching losses in high MOSFET gate
capacitance and high switching frequency applications.
Each driver is capable of driving a 3nF load with less than
10ns rise/fall time. Bootstrapping of the upper gate driver is
implemented via an internal low forward drop diode,
reducing implementation cost, complexity, and allowing the
use of higher performance, cost effective N-Channel
MOSFETs. Adaptive shoot-through protection is integrated
to prevent both MOSFETs from conducting simultaneously.
The ISL6610, ISL6610A features 4A typical sink current for
the lower gate driver, enhancing the lower MOSFET gate
hold-down capability during PHASE node rising edge,
preventing power loss caused by the self turn-on of the lower
MOSFET due to the high dV/dt of the switching node.
The ISL6610, ISL6610A also features an input that
recognizes a high-impedance state, working together with
Intersil multiphase PWM controllers to prevent negative
transients on the controlled output voltage when operation is
suspended. This feature eliminates the need for the schottky
diode that may be utilized in a power system to protect the
load from negative output voltage damage.
In addition, the ISL6610As bootstrap function is designed to
prevent the BOOT capacitor from overcharging, should
excessively large negative swings occur at the transitions of
the PHASE node.
Applications
• Core Voltage Supplies for Intel® and AMD®
Microprocessors
• High Frequency Low Profile High Efficiency DC/DC
Converters
• High Current Low Voltage DC/DC Converters
• Synchronous Rectification for Isolated Power Supplies
Features
• 5V Quad N-Channel MOSFET Drives for Two
Synchronous Rectified Bridges
• Pin-to-pin Compatible with ISL6614 (12V Drive)
• Adaptive Shoot-Through Protection
•0.4
Ω On-Resistance and 4A Sink Current Capability
• Supports High Switching Frequency
- Fast Output Rise and Fall
- Low Tri-State Hold-Off Time
• BOOT Capacitor Overcharge Prevention (ISL6610A)
•Low VF Internal Bootstrap Diode
• Power-On Reset
• QFN Package
- Compliant to JEDEC PUB95 MO-220 QFN-Quad Flat
No Leads-Product Outline
- Near Chip-Scale Package Footprint; Improves PCB
Utilization, Thinner Profile
• Pb-Free Plus Anneal Available (RoHS Compliant)
Related Literature
• Technical Brief TB389 “PCB Land Pattern Design and
Surface Mount Guidelines for QFN (MLFP) Packages”
• Technical Brief TB363 “Guidelines for Handling and
Processing Moisture Sensitive Surface Mount Devices
(SMDs)”
Ordering Information
PART
NUMBER
(Note)
PART
MARKING
TEMP.
RANGE
(°C)
PACKAGE
(Pb-Free)
PKG.
DWG. #
ISL6610CBZ
6610CBZ
0 to +70
14 Ld SOIC
M14.15
ISL6610CRZ
66 10CRZ
0 to +70
16 Ld 4x4 QFN L16.4x4
ISL6610IBZ
6610IBZ
-40 to +85 14 Ld SOIC
M14.15
ISL6610IRZ
66 10IRZ
-40 to +85 16 Ld 4x4 QFN L16.4x4
ISL6610ACBZ
6610ACBZ
0 to +70
14 Ld SOIC
M14.15
ISL6610ACRZ
66 10ACRZ
0 to +70
16 Ld 4x4 QFN L16.4x4
ISL6610AIBZ
6610AIBZ
-40 to +85 14 Ld SOIC
M14.15
ISL6610AIRZ
66 10AIRZ
-40 to +85 16 Ld 4x4 QFN L16.4x4
Add “-T” suffix for tape and reel.
NOTE: Intersil Pb-free plus anneal products employ special Pb-free
material sets; molding compounds/die attach materials and 100%
matte tin plate termination finish, which are RoHS compliant and
compatible with both SnPb and Pb-free soldering operations. Intersil
Pb-free products are MSL classified at Pb-free peak reflow
temperatures that meet or exceed the Pb-free requirements of
IPC/JEDEC J STD-020.
Data Sheet
November 22, 2006
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2006. All Rights Reserved
AMD® is a registered trademark of Advanced Micro Devices, Inc.
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - ISL6610AIBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6610AIBZ INTERSIL-ISL6610AIBZ Datasheet
278Kb / 11P
   Dual Synchronous Rectified MOSFET Drivers
November 22, 2006
logo
Renesas Technology Corp
ISL6610AIBZ RENESAS-ISL6610AIBZ Datasheet
281Kb / 11P
   Dual Synchronous Rectified MOSFET Drivers
November 22, 2006
More results

Similar Description - ISL6610AIBZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6597 RENESAS-ISL6597 Datasheet
564Kb / 10P
   Dual Synchronous Rectified MOSFET Drivers
logo
Intersil Corporation
ISL6610CBZ INTERSIL-ISL6610CBZ Datasheet
278Kb / 11P
   Dual Synchronous Rectified MOSFET Drivers
November 22, 2006
logo
Renesas Technology Corp
ISL6210 RENESAS-ISL6210 Datasheet
498Kb / 10P
   Dual Synchronous Rectified MOSFET Drivers
logo
Intersil Corporation
ISL6210 INTERSIL-ISL6210 Datasheet
249Kb / 10P
   Dual Synchronous Rectified MOSFET Drivers
logo
Renesas Technology Corp
ISL6610 RENESAS-ISL6610 Datasheet
281Kb / 11P
   Dual Synchronous Rectified MOSFET Drivers
November 22, 2006
logo
Intersil Corporation
ISL6597 INTERSIL-ISL6597_06 Datasheet
259Kb / 10P
   Dual Synchronous Rectified MOSFET Drivers
HIP6601 INTERSIL-HIP6601 Datasheet
84Kb / 8P
   Synchronous-Rectified Buck MOSFET Drivers
logo
Richtek Technology Corp...
RT9618 RICHTEK-RT9618_11 Datasheet
469Kb / 12P
   Synchronous-Rectified Buck MOSFET Drivers
RT9619 RICHTEK-RT9619_11 Datasheet
427Kb / 11P
   Synchronous-Rectified Buck MOSFET Drivers
logo
Intersil Corporation
ISL6625ACRZ-T INTERSIL-ISL6625ACRZ-T Datasheet
412Kb / 10P
   Synchronous Rectified Buck MOSFET Drivers
September 19, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com